Part Number Hot Search : 
A2012 79M05 LTC1345I SC615A SN7400 AQV217AZ D2950 103LF
Product Description
Full Text Search
 

To Download MBR1020F08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr1020f thru mbr10100f 10 amp schottky barrier rectifier 20 to 100 volts features maximum ratings ? operating junction temperature: -50 c to +150 c ? storage temperature: -50 c to +150 c mcc catalog number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mbr1020f 20v 14v 20v mbr1030f 30v 21v 30v mbr1040f 40v 26v 40v mbr1050f 50v 35v 50v mbr1060f 60v 42v 60v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 10 a t c = 100 c peak forward surge current i fsm 150a 8.3ms, half sine maximum instantaneous forward voltage 1020f-1040f 1050f-1060f v f .55v .75v i fm = 10a; maximum dc reverse current at rated dc blocking voltage t j = 25 c mbr1080f 80v 56v 80v mbr1090f 90v 63v 90v i r 1080f-10100f .85v 0.5ma t c = 25 c 50ma t c = 100 c  inches mm dim min max min max a .583 .606 14.80 15.40 b --- .406 --- 10.30  a b c j i h f e d m l k g pin 1 pin 12 ito-220ac c .100 .112 2.55 2.85 d .248 .272 6.30 6.90 e --- .161 --- 4.10 f .512 .543 13.00 13.80 g .200 5.10 h --- .035 --- 0.90 i --- .032 --- 0.80 j .118 .134 3.00 3.40 k --- .189 --- 4.80 l --- .123 --- 3.10 m .098 .114 2.50 2.90 pin 2 mbr10100f 100v 80v 100v  
 omp onents 2 0736 marilla street chatsworth       
     mcc revision: 6 2008/01/01 tm micro commercial components www. mccsemi .com 1 of 3 ? low power loss and high efficiency ? low forward voltage , high current capability ? marking : type number ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) ? case material: molded plastic. ul flammability classificationrating94v-0 and msl rating 1 notes:1. high temperature solder exemption applied, see eu directive annex 7.
mbr1020f thru mbr10100f mcc 10 8 6 4 2 0 0 50 100 150 case temperature, 40 20 10 8 6 4 2 1.0 .8 ..6 .4 .2 .1 .4 .5 .6 .7 .8 9 1.0 1.1 50. 60v 20. 30. 40v t j =25 pulse width = 200 s 80. 100v i nstantaneous for w a r d characteristic fig. 1-forward current derating curve fig. 2-typical instnataneous forward characteristic 150 130 110 90 70 50 30 20 10 1 2 5 10 20 50 100 8.3ms single half sine wave jedec method no. of cycle s a t 60hz fig. 3-maximum non-repetitive surge current average forward current, amperes ins tantaneous forward current amperes peak forward surge current, amperes tm micro commercial components revision: 6 2008/01/01 www. mccsemi .com 2 of 3
mcc revision: 6 2008/01/01 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-bp bulk;1kpcs/box


▲Up To Search▲   

 
Price & Availability of MBR1020F08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X