Part Number Hot Search : 
XXXXXX 74ACT251 PE4075 SG109 APT4M120 6983470B MC2834 0160B
Product Description
Full Text Search
 

To Download LP02-381-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications subject to change without notice. 800.729.2099 tel www.icecomponents.com mechanical electrical specifcations 1. tested @ 1mhz, 0.1vrms. 2. inductance drops 15% at rated i sat . 3. dc current that causes a 40oc tempera - ture rise. pcb layout, trace thickness and width, airfow and proximity to other devices will effect the temperature rise. 4. electrical specifcations at 25oc. 5. operating temperature range: -40oc to +130oc. 6. meets ul 94v-0. 7. test equipment used includes hp4194a impedance analyzer, gpr-1210 hhd dc power supply, and ch502a ohmmeter. lp02-121-5 lp02-191-5 lp02-241-5 lp02-281-5 lp02-321-5 LP02-381-5 lp02-431-5 lp02-511-5 lp02-571-5 lp02-771-5 120 190 240 280 320 380 430 510 570 770 100 77 60 50 42 35 30 24 20 12 50 50 50 50 50 50 50 50 50 50 part number dcr 10% (m) inductance 1 (nh, 15%) i sat 2 (a) i dc 3 (a) 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 xxx-y s f 13.5mm 13.00mm 8.0mm 3.2mm 13.46mm 7.6mm recommended pc b layout features ? design verifed by leading ic manufacturers ? high saturation current of 100a ? designed for frequencies up to 1mhz ? suitable for pick and place applications ? tighter dcr tolerances available. contact ice for additional details packaging reel diameter: 13", reel width: 24mm, pieces per reel: 400 applications ? voltage regulator modules (vrms) ? high frequency, high current switching power supplies ? synchronous buck dc/dc converters lp02-5 series vrm inductor 10 (02/08) lp02-5 schematic


▲Up To Search▲   

 
Price & Availability of LP02-381-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X