Part Number Hot Search : 
C4064V JAN2N TLP716 LM117 M62427 ERD15F CL432BLP 930911
Product Description
Full Text Search
 

To Download LGZ2E151MHSB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic capacitors u 1 k 2 z 3 1 4 e 5 1 6 0 7 1 8 m 9 p 10 m 11 configuration capacitance tolerance ( 20%) rated capacitance (100f) rated voltage (25v) series name type d 8 10 pm 12.5 to 18 hm code pressure relief vent d p 8 3.5 10 5.0 12.5 5.0 16 7.5 18 7.5 l + max. 15 min 4 min sleeve (p.e.t.) 0.8 tinned copper wire d + 0.5max. (mm) p 0.5 premium grade nichicon muse acoustic series. ideally suited for first class audio equipment where qualitative and quantitative comfortableness is required. compliant to the rohs directive (2002/95/ec). radial lead type type numbering system (example : 25v 100 f) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance shelf life marking performance characteristics item 40 to +85c 25 to 100v 10 to 1000f 20% at 120hz, 20 c after 1 minute's application of rated voltage, leakage current is 0.01cv or less. printed with gold color letter on black sleeve. after storing the capacitors under no load at 85 c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20c, they shall meet the specified values for the endurance characteristics listed above. kz series premium grade type, for audio equipment kz high grade dimensions d l (mm) tan (max.) measurement frequency : 120hz the specifications listed at right shall be met when the capacitors are restored to 20 c after the rated voltage is applied for 1000 hours at 85c. rated voltage (v) 25 0.12 50 0.08 100 0.07 z 25 c / z+20c z 40 c / z+20c rated voltage (v) impedance ratio zt / z20 (max.) 25 2 4 50 2 3 100 2 3 capacitance change leakage current tan within 20% of the initial capacitance value 150% or less than the initial specified value less than or equal to the initial specified value measurement frequency : 120hz at 20 c fg 25 50 100 1e 1h 2a 8 11.5 8 11.5 10 12.5 10 16 12.5 20 12.5 25 16 25 16 35.5 8 11.5 10 12.5 10 16 12.5 20 16 25 16 31.5 16 35.5 18 40 10 16 10 20 12.5 20 16 25 16 35.5 18 35.5 10 100 22 220 33 330 47 470 100 0 101 220 0 330 0 470 0 1000 00 221 331 471 102 v code cap.(f) ( d < 10) 1.0 ( d 10) 1.5 please refer to page 20, 21, 22 about the formed or taped product spec. please refer to page 4 for the minimum order quantity. please refer to page 20 about the end seal configulation. cat.8100b
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: nichicon: ? ukz1e101mpb? ukz1e102mhb? ukz1e221mhb? ukz1e330mpb? ukz1e471mhb? ukz1h471mhb? LGZ2E151MHSB? ukz1e101mpm? ukz1e102mhm? ukz1e221mhm? ukz1e330mpm? ukz1e331mhm? ukz1e470mpm? ukz1e471mhm? ukz1h101mhm? ukz1h102mhm? ukz1h221mhm? ukz1h330mpm? ukz1h331mhm? ukz1h470mpm? ukz1h471mhm? ukz2a100mpm? ukz2a101mhm? ukz2a220mpm? ukz2a221mhm? ukz2a330mpm? ukz2a331mhm? ukz2a470mhm


▲Up To Search▲   

 
Price & Availability of LGZ2E151MHSB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X