a a 1 2 11.2 0.3 7.6 0.3 11.8 0.4 16.5 1.0 28.5 0.5 18.0 1.0 |? 5 . 3 t y p . 16.3 1.0 28.6 0.5 14.3 1.0 6.4 0.8 rating to 1000v prv 400 amperes surge capability high efficiency electrically isolated metal case for maximum heat dis s ipation maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. kbpc 3502 kbpc 3504 kbpc 3506 kbpc 3508 kbpc 3510 units maximum recurrent peak reverse voltage v rrm 200 400 600 800 1000 v max imum rms v oltage v rms 140 280 420 560 700 v maximum dc blocking voltage v dc 200 400 600 800 1000 v maximum average forw ard output current @t a =25 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load maximum instantaneous forw ard voltage @ 17.5 a v f v maximum reverse current @t a =25 a at rated dc blocking voltage @t a =100 ma operating junction temperature range t j storage temperature range t stg kbpc 35005 kbpc 3501 50 100 1.1 1.0 400.0 i fsm a 10.0 mounting: thru hole for # 8 screw mounting i f(av) 35.0 a 100 70 voltage range: 50 --- 1000 v current: 35.0 a 35 50 kbpc - 55 ---- + 150 - 55 ---- + 125 i r dimensions in millimeters kbpc35005-KBPC3510 s ilicon bridge rectifiers features http://www.luguang.cn mail:lge@luguang.cn
.01 t j =25 pulse width =300us .1 1.0 10 100 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 10 04060 20 100 120 140 80 t j =25 0.1 1.0 .01 tc=100 0 10 20 025 75 30 40 125 50 50 100 0 100 1 100 500 200 300 400 10 8.3ms single half sine wave t j =125 amperes average forward output current, amperes fi g. 3 -- typical forward characteri sti c fi g. 4 -- typi cal reverse characteristi c instantaneous forward voltage, volts number of cycles at 60h z ambient temperature, instantaneous forward current, peak forward surge current, fi g. 2 -- forward derati ng curve amperes micro amperes percent of rated peak reverse voltage fi g. 1 -- peak forward surge current instantaneous reverse current, kbpc35005-KBPC3510 s ilicon bridge rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn
|