Part Number Hot Search : 
2SK356 U2JC44 SST2100 SMA64A BST86 2N6034 32M10 FX4070A
Product Description
Full Text Search
 

To Download IRFR9024N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  irfr/u9024n hexfet ? power mosfet parameter typ. max. units r q jc junction-to-case ??? 3.3 r q ja junction-to-ambient (pcb mount)** ??? 50 c/w r q ja junction-to-ambient ??? 110 thermal resistance d -pak to-252aa i-pak to-251aa l ultra low on-resistance l p-channel l surface mount (IRFR9024N) l straight lead (irfu9024n) l advanced process technology l fast switching l fully avalanche rated description parameter max. units i d @ t c = 25c continuous drain current, v gs @ -10v -11 i d @ t c = 100c continuous drain current, v gs @ -10v -8 a i dm pulsed drain current ? -44 p d @t c = 25c power dissipation 38 w linear derating factor 0.30 w/c v gs gate-to-source voltage 20 v e as single pulse avalanche energy ? 62 mj i ar avalanche current ? -6.6 a e ar repetitive avalanche energy ? 3.8 mj dv/dt peak diode recovery dv/dt ? -10 v/ns t j operating junction and -55 to + 150 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c absolute maximum ratings fifth generation hexfets from international rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. this benefit, combined with the fast switching speed and ruggedized device design that hexfet power mosfets are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. the d-pak is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. the straight lead version (irfu series) is for through- hole mounting applications. power dissipation levels up to 1.5 watts are possible in typical surface mount applications. v dss = -55v r ds(on) = 0.175 w i d = -11a s d g irl2203n www.freescale.net.cn 1 /10
source-drain ratings and characteristics parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) CCC CCC showing the i sm pulsed source current integral reverse (body diode) ? CCC CCC p-n junction diode. v sd diode forward voltage CCC CCC -1.6 v t j = 25c, i s = -7.2a, v gs = 0v ? t rr reverse recovery time CCC 47 71 ns t j = 25c, i f = -7.2a q rr reverse recovery charge CCC 84 130 nc di/dt = 100a/s ?? t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) -11 -44 a notes: ? this is applied for i-pak, l s of d-pak is measured between lead and center of die contact ? starting t j = 25c, l = 2.8mh r g = 25 w , i as = -6.6a. (see figure 12) ? repetitive rating; pulse width limited by max. junction temperature. ( see fig. 11 ) ? i sd -6.6a, di/dt 240a/s, v dd v (br)dss , t j 150c ? pulse width 300s; duty cycle 2%. s d g parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage -55 CCC CCC v v gs = 0v, i d = -250a d v (br)dss / d t j breakdown voltage temp. coefficient CCC -0.05 CCC v/c reference to 25c, i d = -1ma r ds(on) static drain-to-source on-resistance CCC CCC 0.175 w v gs = -10v, i d = -6.6a ? v gs(th) gate threshold voltage -2.0 CCC -4.0 v v ds = v gs , i d = -250a g fs forward transconductance 2.5 CCC CCC s v ds = -25v, i d = -7.2a ? CCC CCC -25 a v ds = -55v, v gs = 0v CCC CCC -250 v ds = -44v, v gs = 0v, t j = 150c gate-to-source forward leakage CCC CCC 100 v gs = 20v gate-to-source reverse leakage CCC CCC -100 na v gs = -20v q g total gate charge CCC CCC 19 i d = -7.2a q gs gate-to-source charge CCC CCC 5.1 nc v ds = -44v q gd gate-to-drain ("miller") charge CCC CCC 10 v gs = -10v, see fig. 6 and 13 ?? t d(on) turn-on delay time CCC 13 CCC v dd = -28v t r rise time CCC 55 CCC i d = -7.2a t d(off) turn-off delay time CCC 23 CCC r g = 24 w t f fall time CCC 37 CCC r d = 3.7 w, see fig. 10 ?? between lead, CCC CCC 6mm (0.25in.) from package and center of die contact ? c iss input capacitance CCC 350 CCC v gs = 0v c oss output capacitance CCC 170 CCC pf v ds = -25v c rss reverse transfer capacitance CCC 92 CCC ? = 1.0mhz, see fig. 5 ? nh electrical characteristics @ t j = 25c (unless otherwise specified) l d internal drain inductance l s internal source inductance CCC CCC i gss ns 4.5 7.5 i dss drain-to-source leakage current s d g ? uses irf9z24n data and test conditions. irfr/u9024n www.freescale.net.cn 2 /10
fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics 0.1 1 10 100 0.1 1 10 100 20s pulse width t = 25 c j top bottom vgs -15v -10v -8.0v -7.0v -6.0v -5.5v -5.0v -4.5v -v , drain-to-source voltage (v) -i , drain-to-source current (a) ds d -4.5v 0.1 1 10 100 0.1 1 10 100 20s pulse width t = 150 c j top bottom vgs -15v -10v -8.0v -7.0v -6.0v -5.5v -5.0v -4.5v -v , drain-to-source voltage (v) -i , drain-to-source current (a) ds d -4.5v -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d -10v -11a 0.1 1 10 100 4 5 6 7 8 9 10 v = -25v 20s pulse width ds -v , gate-to-source voltage (v) -i , drain-to-source current (a) gs d t = 150 c j t = 25 c j irfr/u9024n www.freescale.net.cn 3 /10
fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 0.1 1 10 100 0.2 0.6 0.9 1.3 1.6 -v ,source-to-drain voltage (v) -i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 150 c j 0.1 1 10 100 1000 1 10 100 operation in this area limited by r ds(on) single pulse t t = 150 c = 25 c j c -v , drain-to-source voltage (v) -i , drain current (a) i , drain current (a) ds d 10us 100us 1ms 10ms 0 100 200 300 400 500 600 700 1 10 100 c, capacitance (pf) ds v , drain-to-source voltage (v) a v = 0v , f = 1mh z c = c + c , c shorted c = c c = c + c gs iss gs gd ds rss gd oss ds gd c is s c oss c rs s 0 4 8 12 16 20 0 5 10 15 20 25 g gs a -v , gate-to-s ource v oltage (v ) q , total g ate charge (nc) for test circuit see figure 13 i = -7 .2a v = -44 v v = -28 v d ds ds irfr/u9024n www.freescale.net.cn 4 /10
fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature fig 10a. switching time test circuit fig 10b. switching time waveforms v ds -10v pulse width 1 s duty factor 0.1 % r d v gs v dd r g d.u.t. + - v ds 90% 10% v gs t d(on) t r t d(off) t f 25 50 75 100 125 150 0.0 3.0 6.0 9.0 12.0 t , case temperature ( c) -i , drain current (a) c d 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) irfr/u9024n www.freescale.net.cn 5 /10
fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12c. maximum avalanche energy vs. drain current q g q gs q gd v g charge -10v d.u.t. v ds i d i g -3ma v gs .3 m f 50k w .2 m f 12v current regulator same type as d.u.t. current sampling resistors + - fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 w t p d.u.t l v ds v dd driver a 15v -20v - + v dd 25 50 75 100 125 150 0 20 40 60 80 100 120 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom -3.0a -4.2a -6.6a irfr/u9024n www.freescale.net.cn 6 /10
peak diode recovery dv/dt test circuit p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - ? ? ? r g v dd dv/dt controlled by r g i sd controlled by duty factor "d" d.u.t. - device under test d.u.t * circuit layout considerations low stray inductance ground plane low leakage inductance current transformer ? * reverse polarity of d.u.t for p-channel v gs [ ] [ ] *** v gs = 5.0v for logic level and 3v drive devices [ ] *** fig 14. for p-channel hexfets irfr/u9024n www.freescale.net.cn 7 /10
package outline to-252aa outline dimensions are shown in millimeters (inches) to-252aa (d-pak) part marking information 6.73 (.265) 6.35 (.250) - a - 4 1 2 3 6.22 (.245) 5.97 (.235) - b - 3x 0.89 (.035) 0.64 (.025) 0.25 (.010) m a m b 4.57 (.180) 2.28 (.090) 2x 1.14 (.045) 0.76 (.030) 1.52 (.060) 1.15 (.045) 1.02 (.040) 1.64 (.025) 5.46 (.215) 5.21 (.205) 1.27 (.050) 0.88 (.035) 2.38 (.094) 2.19 (.086) 1.14 (.045) 0.89 (.035) 0.58 (.023) 0.46 (.018) 6.45 (.245) 5.68 (.224) 0.51 (.020) min . 0.58 (.023) 0.46 (.018) lead assignments 1 - g at e 2 - d r a in 3 - s ou r ce 4 - d r a in 10.42 (.410) 9.40 (.370) notes: 1 dimensioning & tolerancing per ansi y14.5m, 1982. 2 controlling dimension : inch. 3 conforms to jedec outline to-252aa. 4 dimensions shown are before sold er dip, solder dip max. +0.16 (.006). international rect ifier assembly l o t code example : this is an irfr120 w ith assembly lot code 9u1p first portion of part number second portion of part number 120 irfr 9 u 1p a irfr/u9024n www.freescale.net.cn 8 /10
package outline to-251aa outline dimensions are shown in millimeters (inches) to-251aa (i-pak) part marking information inte rnatio nal rectifier assembly lo t co de first portion of part number second portion of part number 120 9u 1 p example : this is an irfu120 w ith assembly lo t co de 9u1p irfu 6.73 (.265) 6.35 (.250) - a - 6.22 (.245) 5.97 (.235) - b - 3x 0.89 (.035) 0.64 (.025) 0.25 (.010) m a m b 2.28 (.090) 1.14 (.045) 0.76 (.030) 5.46 (.215) 5.21 (.205) 1.27 (.050) 0.88 (.035) 2.38 (.094) 2.19 (.086) 1.14 (.045) 0.89 (.035) 0.58 (.023) 0.46 (.018) lead assignments 1 - g at e 2 - d r a in 3 - source 4 - d r a in notes: 1 dimensioning & tolerancing per ansi y14.5m, 1982. 2 controlling dimension : inch. 3 conforms to jedec outline to-252aa. 4 dimensions show n are before solder dip, solder dip max. +0.16 (.006). 9.65 (.380) 8.89 (.350) 2x 3x 2.28 (.090) 1.91 (.075) 1.52 (.060) 1.15 (.045) 4 1 2 3 6.45 (.245) 5.68 (.224) 0.58 (.023) 0.46 (.018) irfr/u9024n www.freescale.net.cn 9 /10
tape & reel information to-252aa tr 16.3 ( .641 ) 15.7 ( .619 ) 8.1 ( .318 ) 7.9 ( .312 ) 12.1 ( .476 ) 11.9 ( .469 ) feed direction feed direction 16.3 ( .641 ) 15.7 ( .619 ) trr trl n otes : 1. contro lling dimension : millimeter. 2. all dimensions are show n in millimeters ( inches ). 3. outline con for ms to eia-481 & eia-541. notes : 1. outline conforms to eia-481. 16 mm 13 inc h irfr/u9024n www.freescale.net.cn 10 /10


▲Up To Search▲   

 
Price & Availability of IRFR9024N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X