Part Number Hot Search : 
BD4825G NX5DV330 2SC17 TLRE53T R6008FNJ 070415 254201MR BB200
Product Description
Full Text Search
 

To Download HLMP-3507 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t-1 3 / 4 (5 mm) diffused led lamps technical data features ? high intensity ? choice of 4 bright colors high efficiency red orange yellow high performance green ? popular t-1 3 / 4 diameter package ? selected minimum intensities ? wide viewing angle ? general purpose leads ? reliable and rugged ? available on tape and reel description this family of t-1 3 / 4 tinted, diffused led lamps is widely used in general purpose indicator applications. diffusants, tints, and optical design are balanced to yield superior light output and wide viewing angles. several intensity choices are available in each color for increased design flexibility. hlmp-3301 hlmp-3401 HLMP-3507 hlmp-3762 hlmp-3862 hlmp-3962 hlmp-d401 selection guide luminous intensity iv (mcd) at 10 ma material/color part number min. max. hlmp-3301 5.4 C hlmp-3301-d00xx 2.1 C hlmp-3301-f00xx 5.4 C hlmp-3301-fg0xx 5.4 17.2 hlmp-3762 8.6 C hlmp-3762-g00xx 8.6 C hlmp-3401 5.7 C hlmp-3401-e00xx 5.7 C hlmp-3401-ef0xx 5.7 18.4 hlmp-3401-efbxx 5.7 18.4 hlmp-3862 9.2 C hlmp-3862-f00xx 9.2 C hlmp-3862-fgbxx 9.2 29.4 hlmp-d401 5.4 C hlmp-d401-d00xx 2.1 C hlmp-d401-ef0xx 3.4 10.8 hlmp-d401-f00xx 5.4 C HLMP-3507 4.2 C HLMP-3507-d00xx 4.2 C HLMP-3507-ef0xx 6.7 21.2 hlmp-3962 10.6 C hlmp-3962-f00xx 10.6 C gap her gap yellow gap orange gap green 4 .com u datasheet
2 package dimensions part numbering system hlmp - x x xx - x x x xx mechanical option 00: bulk 01: tape & reel, crimped leads 02: tape & reel, straight leads b1: right angle housing, uneven leads b2: right angle housing, even leads dd: ammo pack r4: tape & reel, counter clockwise color bin options 0: full color bin distribution b: color bins 2 & 3 only maximum iv bin options 0: open (no max. limit) others: please refer to the iv bin table minimum iv bin options please refer to the iv bin table brightness level 0x: less brightness 62: higher brightness color options 3,7: gap her 4,8: gap yellow (except d4xx) 5,9: gap green package options 3: t-1 3/4 (5 mm) d: t-1 3/4 (5 mm) gap orange 4 .com u datasheet
3 optical/electrical characteristics at t a = 25 c test symbol parameter color min. typ. max. units condition 2 q 1 / 2 included angle high efficiency red 60 deg. i f = 10 ma between half orange 60 see note 1 luminous intensity yellow 60 points green 60 l peak peak wavelength high efficiency red 635 nm measurement orange 600 at peak yellow 583 green 565 dl 1/2 spectral line halfwidth her/orange 40 nm yellow 36 green 28 l d dominant wavelength high efficiency red 626 nm see note 2 orange 602 yellow 585 green 569 t s speed of response high efficiency red 90 ns orange 280 yellow 90 green 500 c capacitance high efficiency red 11 pf v f = 0; orange 4 f = 1 mhz yellow 15 green 18 r q j-pin thermal resistance all 260 c/w junction to cathode lead v f forward voltage her/orange 1.9 2.4 v i f = 10 ma yellow 2.0 2.4 green 2.1 2.7 v r reverse breakdown all 5.0 v i r = 100 m a voltage h v luminous efficacy high efficiency red C 145 lumens see note 3 orange 380 watt yellow C 500 green 595 notes: 1. q 1 / 2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity. 2. the dominant wavelength, l d , is derived from the cie chromaticity diagram and represents the single wavelength which defines the color of the device. 3. radiant intensity, i e , in watts/steradian, may be found from the equation i e = i v / h v , where i v is the luminous intensity in candelas and h v is the luminous efficacy in lumens/watt. 4 .com u datasheet
4 absolute maximum ratings at t a = 25 c green/ parameter her/orange yellow emerald green units peak forward current 90 60 90 ma average forward current [1] 25 20 25 ma dc current [2] 30 20 30 ma power dissipation [3] 135 85 135 mw reverse voltage (i r = 100 m a) 5 5 5 v transient forward current [4] 500 500 500 ma (10 m sec pulse) led junction temperature 110 110 110 c operating temperature range -55 to +100 -55 to +100 -20 to +100 c storage temperature range -55 to +100 lead soldering temperature 260 c for 5 seconds [1.6 mm (0.063 in.) from body] notes: 1. see figure 5 (red/orange), 10 (yellow), or 15 (green) to establish pulsed operating conditions. 2. for red, orange and green series derate linearly from 50 c at 0.5 ma/ c. for yellow series derate linearly from 50 c at 0.2 ma/ c. 3. 1.8 mw/ c. for yellow series derate power linearly from 50 c at 1.6 mw/ c. 4. the transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the led die and wirebond. it is not recommended that the device be operated at peak currents beyond the peak forward current listed in the absolute maximum ratings. figure 1. relative intensity vs. wavelength. orange high efficiency red wavelength C nm relative intensity 1.0 0.5 0 500 550 600 650 700 yellow emerald green t = 25 c a green 4 .com u datasheet
5 t-1 3 / 4 high efficiency red, orange diffused lamps figure 3. relative luminous intensity vs. dc forward current. figure 2. forward current vs. forward voltage characteristics. figure 4. relative efficiency (luminous intensity per unit current) vs. peak led current. figure 5. maximum tolerable peak current vs. pulse duration. (i dc max as per max ratings). figure 6. relative luminous intensity vs. angular displacement. 4 .com u datasheet
6 t-1 3 / 4 yellow diffused lamps figure 8. relative luminous intensity vs. forward current. figure 7. forward current vs. forward voltage characteristics. figure 9. relative efficiency (luminous intensity per unit current) vs. peak current. figure 10. maximum tolerable peak current vs. pulse duration. (i dc max as per max ratings). figure 11. relative luminous intensity vs. angular displacement. 4 .com u datasheet
7 t-1 3 / 4 green/emerald green diffused lamps figure 15. maximum tolerable peak current vs. pulse duration. (i dc max as per max ratings). figure 16. relative luminous intensity vs. angular displacement. i C peak current per led C ma peak 1.7 1.5 1.4 1.3 0.7 10 30 50 1.6 02040 relative efficiency 1.2 1.1 1.0 0.9 0.8 60 70 80 90 100 emerald green green figure 12. forward current vs. forward voltage characteristics. figure 13. relative luminous intensity vs. dc forward current. figure 14. relative efficiency (luminous intensity per unit current) vs. peak led current. 4 .com u datasheet
8 intensity bin limits intensity range (mcd) color bin min. max. d 2.4 3.8 e 3.8 6.1 f 6.1 9.7 g 9.7 15.5 h 15.5 24.8 i 24.8 39.6 j 39.6 63.4 k 63.4 101.5 l 101.5 162.4 m 162.4 234.6 n 234.6 340.0 red/orange o 340.0 540.0 p 540.0 850.0 q 850.0 1200.0 r 1200.0 1700.0 s 1700.0 2400.0 t 2400.0 3400.0 u 3400.0 4900.0 v 4900.0 7100.0 w 7100.0 10200.0 x 10200.0 14800.0 y 14800.0 21400.0 z 21400.0 30900.0 e 6.5 10.3 f 10.3 16.6 g 16.6 26.5 h 26.5 42.3 i 42.3 67.7 j 67.7 108.2 k 108.2 173.2 l 173.2 250.0 m 250.0 360.0 yellow n 360.0 510.0 o 510.0 800.0 p 800.0 1250.0 q 1250.0 1800.0 r 1800.0 2900.0 s 2900.0 4700.0 t 4700.0 7200.0 u 7200.0 11700.0 v 11700.0 18000.0 w 18000.0 27000.0 4 .com u datasheet
9 intensity bin limits, continued intensity range (mcd) color bin min. max. d 4.7 7.6 e 7.6 12.0 f 12.0 19.1 g 19.1 30.7 h 30.7 49.1 i 49.1 78.5 j 78.5 125.7 k 125.7 201.1 l 201.1 289.0 green m 289.0 417.0 n 417.0 680.0 o 680.0 1100.0 p 1100.0 1800.0 q 1800.0 2700.0 r 2700.0 4300.0 s 4300.0 6800.0 t 6800.0 10800.0 u 10800.0 16000.0 v 16000.0 25000.0 w 25000.0 40000.0 maximum tolerance for each bin limit is 18%. tolerance for each bin limit is 0.5 nm. color categories lambda (nm) color category # min. max. 6 561.5 564.5 5 564.5 567.5 green 4 567.5 570.5 3 570.5 573.5 2 573.5 576.5 1 582.0 584.5 3 584.5 587.0 yellow 2 587.0 589.5 4 589.5 592.0 5 592.0 593.0 1 597.0 599.5 2 599.5 602.0 3 602.0 604.5 orange 4 604.5 607.5 5 607.5 610.5 6 610.5 613.5 7 613.5 616.5 8 616.5 619.5 4 .com u datasheet
mechanical option matrix mechanical option code definition 00 bulk packaging, minimum increment 500 pcs/bag 01 tape & reel, crimped leads, minimum increment 1300 pcs/bag 02 tape & reel, straight leads, minimum increment 1300 pcs/bag b1 right angle housing, uneven leads, minimum increment 500 pcs/bag b2 right angle housing, even leads, minimum increment 500 pcs/bag dd ammo pack, straight leads with minimum increment 2k/pack r4 tape & reel, straight leads, counter clockwise, anode lead leaving the reel first 10 note: all categories are established for classification of products. products may not be available in all categories. please contact your local agilent representative for further clarification/information. 4 .com u datasheet
www.semiconductor.agilent.com data subject to change. copyright ? 2001 agilent technologies, inc. march 21, 2001 obsoletes 5968-4161e (2/99) 5988-1857en 4 .com u datasheet


▲Up To Search▲   

 
Price & Availability of HLMP-3507

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X