Part Number Hot Search : 
2N6674 CM7236 74LS76N 20030 TM3011 2SD2110 MP1474DJ IRF9Z30
Product Description
Full Text Search
 

To Download GBU8005-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd glass passivated bridge rectifiers page 1 rev :a GBU8005-G thru. gbu810-g pa ra m et er sy mb ol un it d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) qw -bbr54 maximum reverse peak repetitive v oltage maximum rms bridge input v oltage maximum dc blocking v oltage maximum a verage forward (with heatsink note2) rectified current @t c=100c (without hestsink) peak forward surage current , 8.3ms single half sine-w ave super imposed on rated load operating t emperature range storage t emperature range reverse v oltage: 50 to 1000v forward current: 8.0a rohs device maximum ratings and electrical characteristics rating at 25c ambient temperature unless otherwise specified. single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% 50 35 50 v rrm v rms v dc i (a v) i fsm v f i r t j t stg 8.0 200 1.1 10.0 60 -55 to +150 -55 to +150 v v v a a v a gbu 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 comchip t echnology co., l td. notes: 1. measured at 1.0mhz and applied reverse voltage of 4.0v dc. features -rating to 1000v pr v -surge overload rating - 200 amperes peak. -plastic material has underwriters laboratory flammability classification 94v -0 mechanical data -polarit:as marked on body -mounting position:any maximum reverse current dc blocking v oltage at rate @t j =125c pf c j maximum forward v oltage drop per bridge element at 4.0a peak -ideal for printed circuit board -reliable low cost construction utilizing molded plastic technique 0 . 1 2 6 ( 3 . 2 ) * 4 5 0 .2 1 0 (5 .3 ) 0 .1 9 0 (4 .8 ) 0 .2 1 0 ( 5 .3 ) 0 .1 9 0 ( 4 .8 ) 0 .0 4 7 (1 .2 ) 0 .0 3 5 (0 .9 ) 0 .0 2 2 (0 .5 6 ) 0 .0 1 8 (0 .4 6 ) 0 .1 0 6 (2 .7 ) 0 .0 9 1 (2 .3 ) 0 . 2 3 2 ( 5 . 9 0 ) 0 . 2 1 3 ( 5 . 4 0 ) 0 .1 3 9 (3 .5 3 ) 0 .1 3 3 (3 .3 7 ) 0 . 8 7 4 ( 2 2 . 2 ) 0 . 8 6 0 ( 2 1 . 8 ) 0 . 4 0 1 ( 1 0 . 2 ) 0 . 3 9 2 ( 9 . 8 0 ) 0.752(19.1) 0.720(18.3) 0 .1 0 0 (2 .5 4 ) 0 .0 8 5 (2 .1 6 ) 0 .0 8 0 (2 .0 3 ) 0 .0 6 5 (1 .6 5 ) 0 .0 7 3 (1 .8 5 ) 0 .0 5 7 (1 .4 5 ) 0.720(18.29) 0.680(17.27) 0 .2 1 0 (5 .3 ) 0 .1 9 0 (4 .8 ) 0 . 1 6 1 ( 4 . 1 ) 0 . 1 3 4 ( 3 . 4 ) 0 .4 3 7 ( 1 1 .1 ) 0 .4 3 0 ( 1 0 .9 ) c h a m f e r 3.2 500 t j t ypical thermal resistance t 2.2 r ja t ypical junction capacitandce per element (note 1) i t rating for fusing(t<8.3ms) 166 i t 2 2 @t j =25c 2. device mounted on 75mm*75mm*1.6mm cu plate heatsink. g b u 8 0 6 + - a c c c c/w c/w gbu 8005-g gbu 801-g gbu 802-g gbu 804-g gbu 806-g gbu 808-g gbu 810-g
smd glass passivated bridge rectifiers page 2 rev : a rating and characteristics curves (GBU8005-G thru. gbu810-g) qw -bbr54 comchip t echnology co., l td. 0 5 0 1 0 0 1 5 0 0 . 0 4 . 0 8 . 0 1 0 . 0 c a s e t e m p e r a t u r e , ( c ) a v e r a g e f o r w a r d c u r r e n t , ( a ) 2 . 0 6 . 0 r e s is t iv e o r i n d u c t iv e l o a d s w it h o u t h e a t s in k w it h h e a t s in k s in g l e p h a s e h a l f w a v e 6 0 h z f i g . 1 - f o r w a r d c u r r e n t d e r a t i n g c u r v e f i g . 2 m a x i m u m n o n - r e p e t i t i v e - 1 1 0 1 0 0 n u m b e r o f c y c l e a t 6 0 h z p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 0 5 0 1 0 0 2 0 0 1 5 0 o t j = 1 2 5 c s in g l e h a l f - s in e - wa v e ( j e d e c m e t h o d ) p u l s e w id t h 8 .3 m s f i g . 4 t y p i c a l f o r w a r d c h a r a c t e r i s t i c s - 0 0 . 4 0 . 8 1 . 0 1 . 4 0 . 0 1 i n s t a n t a n e o u s f o r w a r d v o l t a g e , ( v ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) 0 . 1 1 . 0 1 0 . 0 1 . 2 0 . 6 0 . 2 o c t j = 2 5 c p u ls e w id th : 3 0 0 u s f i g . 3 t y p i c a l j u n c t i o n c a p a c i t a n c e - 1 1 0 1 0 0 r e v e r s e v o l t a g e , ( v ) c a p a c i t a n c e , ( p f ) 0 5 0 1 0 0 1 0 0 0 f i g . 5 t y p i c a l r e v e r s e c h a r a c t e r i s t i c s - 2 0 p e r c e n t o f r a t e d p e a k r e v e r s e v o l t a g e , ( % ) 1 0 1 0 0 1 0 0 0 1 . 0 0 . 1 4 0 6 0 8 0 1 0 0 i n s t a n t a n e o u s r e v e r s e c u r r n e t , ( a ) o c t j = 2 5 c ,f = 1 m h z o c t j = 1 2 5 c o c t j = 1 0 0 c o c t j = 5 0 c o c t j = 2 5 c s u r g e c u r r e n t 0
smd glass passivated bridge rectifiers page 3 rev : a qw -bbr54 comchip t echnology co., l td. xxx / xxxx = product type marking code gbu xxx + - ac c c = compchip logo marking code standard packaging c a s e t y p e g b u 2 0 t u b e ( p c s ) t u b e p a c k 1 , 0 0 0 b o x ( p c s ) GBU8005-G gbu801 -g gbu802 -g gbu804 -g gbu806 -g gbu808 -g gbu810 -g part number marking code gbu8005 gbu801 gbu802 gbu804 gbu806 gbu808 gbu810


▲Up To Search▲   

 
Price & Availability of GBU8005-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X