Part Number Hot Search : 
GCM155R7 LB1976 SF1005 00309 0000MH PM100 4D44ADR SKL320C
Product Description
Full Text Search
 

To Download GBJ25005-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  glass passivated bridge rectifiers page 1 rev :c GBJ25005-G thru. gbj2510-g pa ra m et er sy mb ol un it d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) qw -bbr60 maximum recurrent peak reverse v oltage maximum rms v oltage maximum dc blocking v oltage maximum a verage forward (with heatsink note2) rectified current @t c=100c (without hestsink) peak forward surage current , 8.3ms single half sine-w ave super imposed on rated load (jedec method) operating t emperature range storage t emperature range reverse v oltage: 50 to 1000v forward current: 25.0a rohs device maximum ratings and electrical characteristics o rating at 25 c ambient temperature unless otherwise specified. single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% 50 35 50 v rrm v rms v dc i (a v) i fsm v f i r t j t stg 25.0 350 1.1 10.0 85 -55 to +150 -55 to +150 v v v a a v a o c o c gbj 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 comchip t echnology co., l td. notes: 1. measured at 1.0mhz and applied reverse voltage of 4.0v dc. features - rating to 1000v pr v . mechanical data pf c j maximum forward v oltage at 12.5a dc -ideal for printed circuit board 4.2 500 t j o c t ypical thermal resistance (note 2) o c/w t 0.6 r ja t ypical junction capacitandce per element (note 1) 510 i t 2 i t rating for fusing(t<8.3ms) 2 dc blocking v oltage @t j =125c maximum dc reverse current at rate @t j =25c 2. device mounted on 300mm*300mm*1.6mm cu plate heatsink. a s 2 gbj 25005-g gbj 2501-g gbj 2502-g gbj 2504-g gbj 2506-g gbj 2508-g gbj 2510-g 0 .1 3 4 ( 3 .4 ) 0 . 4 2 5 ( 1 0 . 8 ) 0 . 4 4 1 ( 1 1 . 2 ) 0 .0 3 1 ( 0 .8 ) 0 .0 2 3 ( 0 .6 ) 0 .0 9 8 (2 .5 ) 0 .1 1 4 (2 .9 ) 0 . 1 3 4 ( 3 . 4 ) 0 . 1 2 2 ( 3 . 1 ) 0 .1 8 9 ( 4 .8 ) 0 .1 7 3 (4 .4 ) 0 .1 3 4 (3 .4 ) 0 .1 5 0 (3 .8 ) 0 . 1 9 8 0 .4 0 2 (1 0 .2 ) 0 .3 0 3 (7 .7 ) 0 .2 8 7 (7 .3 ) s p a c in g 0 .1 0 6 (2 .7 ) 0 .0 9 6 (2 .3 ) + ~ ~ _ 0 . 1 6 5 ( 4 . 2 ) 0 . 1 4 2 ( 3 . 6 ) 0 .1 1 8 (3 .0 0 ) * 4 5 m a x 0 .1 2 2 ( 3 .1 ) 1 .1 9 3 ( 3 0 .3 ) 1 .1 6 9 ( 2 9 .7 ) ( 5 . 1 ) 0 . 8 0 0 ( 2 0 . 3 0 ) 0 . 7 7 6 ( 1 9 . 7 0 ) 0 . 7 0 8 ( 1 8 . 0 ) 0 . 6 6 9 ( 1 7 . 0 ) 0 .0 9 4 (2 .4 ) 0 .0 7 8 (2 .0 ) 0 .0 4 3 (1 .1 ) 0 .0 3 5 (0 .9 ) 0 .3 8 6 (9 .8 ) 0 .3 0 3 (7 .7 ) 0 .2 8 7 (7 .3 ) -low forward voltage drop, high current capability . -epoxy: u/l 94-v0 rate flame retardant. -mounting position: any -case: molded plastic, gbj -w eight: 6.81grams c o m c h i p s m d d i o d e s p e c i a l i s t
glass passivated bridge rectifiers page 2 rev : c rating and characteristics curves (GBJ25005-G thru. gbj2510-g) qw -bbr60 comchip t echnology co., l td. 0 2 0 1 0 0 1 4 0 0 . 0 1 0 2 5 c a s e t e m p e r a t u r e , ( c ) a v e r a g e f o r w a r d c u r r e n t , ( a ) 1 5 f i g . 1 - f o r w a r d c u r r e n t d e r a t i n g f i g . 3 - m a x i m u m n o n - r e p e t i t i v e 1 1 0 1 0 0 n u m b e r o f c y c l e s a t 6 0 h z p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 0 5 0 1 5 0 3 5 0 2 5 0 s u r g e c u r r e n t 4 0 0 1 0 0 2 0 0 3 0 0 5 c u r v e 2 0 4 0 6 0 8 0 1 2 0 f i g . 4 - t y p i c a l j u n c t i o n c a p a c i t a n c e 1 1 0 . 0 1 0 0 r e v e r s e v o l t a g e , ( v ) c a p a c i t a n c e , ( p f ) 1 1 0 0 1 0 0 0 f i g . 5 - t y p i c a l r e v e r s e c h a r a c t e r i s t i c s 2 0 p e r c e n t o f r a t e d p e a k r e v e r s e v o l t a g e , ( % ) 1 0 1 0 0 1 0 0 0 1 . 0 0 . 1 4 0 6 0 8 0 1 0 0 i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( a ) o c t j = 1 2 5 c t j = 1 0 0 c o c t j = 5 0 c o c t j = 2 5 c 1 . 0 f i g . 2 - t y p i c a l f o r w a r d c h a r a c t e r i s t i c s 0 0 . 4 0 . 8 1 . 0 1 . 8 0 . 0 1 i n s t a n t a n e o u s f o r w a r d v o l t a g e , ( v ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) 0 . 1 1 . 0 1 0 . 0 1 . 2 0 . 6 0 . 2 1 0 o c t j = 2 5 c , f = 1 m h z 1 . 4 1 . 6 1 0 0 t j = 2 5 c p u l s e w i d t h 3 0 0 u s o c w i t h h e a k s i n k o c w i t h o u t h e a s i n k o c s i n g l e p h a s e h a l f w a v e 6 0 h z r e s i s t i v e o r i n d u c t i v e l o a d c o m c h i p s m d d i o d e s p e c i a l i s t s in g l e -s in e -wa v e t j= 1 5 0 c (j e d e c m e t h o d )
qw -bbr60 page 3 rev . c GBJ25005-G gbj2501-g gbj2502-g gbj2504-g gbj2506-g gbj2508-g gbj2510-g part number marking code marking code xxx / xxxx = product type marking code glass passivated bridge rectifiers standard packaging gbj25005 gbj2501 gbj2502 gbj2504 gbj2506 gbj2508 gbj2510 + - gbj xxxx ~ ~ c c = compchip logo c a s e t y p e t u b e p a c k ( b / p ) 1 5 g b j 7 5 0 1 , 5 0 0 t u b e ( p c s ) c a r t o n ( p c s ) b o x ( p c s ) c o m c h i p s m d d i o d e s p e c i a l i s t
GBJ25005-G gbj2501-g gbj2502-g gbj2504-g gbj2506-g gbj2508-g gbj2510-g part number glass passivated bridge rectifiers gbj25005-03-g gbj2501-03-g gbj2502-03-g gbj2504-03-g gbj2506-03-g gbj2508-03-g gbj2510-03-g 4.50.5 (mm) gbj25005-04-g gbj2501-04-g gbj2502-04-g gbj2504-04-g gbj2506-04-g gbj2508-04-g gbj2510-04-g 4.00.5 (mm) 10.00.5 (mm) 5.00.5 (mm) gbj25005-05-g gbj2501-05-g gbj2502-05-g gbj2504-05-g gbj2506-05-g gbj2508-05-g gbj2510-05-g gbj25005-06-g gbj2501-06-g gbj2502-06-g gbj2504-06-g gbj2506-06-g gbj2508-06-g gbj2510-06-g h qw -bbr60 page 4 rev . c xxx / xxxx = product type marking code c = compchip logo + ~ ~ _ h marking code gbj25005-03-g gbj2501-03-g gbj2502-03-g gbj2504-03-g gbj2506-03-g gbj2508-03-g gbj2510-03-g 4.50.5 (mm) gbj25005-04-g gbj2501-04-g gbj2502-04-g gbj2504-04-g gbj2506-04-g gbj2508-04-g gbj2510-04-g 4.00.5 (mm) 10.00.5 (mm) 5.00.5 (mm) gbj25005-05-g gbj2501-05-g gbj2502-05-g gbj2504-05-g gbj2506-05-g gbj2508-05-g gbj2510-05-g gbj25005-06-g gbj2501-06-g gbj2502-06-g gbj2504-06-g gbj2506-06-g gbj2508-06-g gbj2510-06-g marking code gbj25005 gbj2501 gbj2502 gbj2504 gbj2506 gbj2508 gbj2510 + ~ ~ _ gbj c xxxx gbj25005-03-g thru. gbj2510-06-g d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) standard packaging package outline(cuts the foot) c o m c h i p s m d d i o d e s p e c i a l i s t c a s e t y p e t u b e p a c k ( b / p ) 1 5 g b j 7 5 0 1 , 5 0 0 t u b e ( p c s ) c a r t o n ( p c s ) b o x ( p c s )


▲Up To Search▲   

 
Price & Availability of GBJ25005-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X