ga ga ga ga ga ga ga ga -xx-xw -xx-xw -xx-xw -xx-xw -xx-xw -xx-xw -xx-xw -xx-xw series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 1 of 4 order code package size (mm) output power (w) output current (ma) ripple&noise 1 (mv p-p) output voltage (v) efficiency (%) ga0 3-2w64 36.5*18 .6 *1 7 2.64 800 100 3.3 63 ga0 5-3w 36.5*18 .6 *1 7 3 600 100 5 70 ga0 9-3w 36.5*18 .6 *1 7 3 330 100 9 72 ga 12-3w 36.5*18 .6 *1 7 3 250 100 12 74 ga 15-3w 36.5*18 .6 *1 7 3 200 100 15 76 ga 24-3w 36.5*18 .6 *1 7 3 125 100 24 78 ga0 3-4w2 39 *25* 22 4.2 125 100 3.3 66 ga0 5-5w 39 *25* 22 5 1000 100 5 72 ga0 9-5w 39 *25* 22 5 550 100 9 74 ga 12-5w 39 *25* 22 5 420 100 12 76 ga 15-5w 39 *25* 22 5 333 100 15 76 ga 24-5w 39 *25* 22 5 230 100 24 78 ga0 3-6w6 53.5*28.5*19.0 6.6 2000 100 3.3 70 ga0 5-10w 53.5*28.5*19.0 10 2000 100 5 74 ga0 9-10w 53.5*28.5*19.0 10 1100 100 9 76 ga 12-10w 53.5*28.5*19.0 10 900 100 12 76 ga 15-10w 53.5*28.5*19.0 10 700 100 15 78 ga 24-10w 53.5*28.5*19.0 10 450 100 24 80 model model model model model model model model selection selection selection selection selection selection selection selection ga ga ga ga ga ga ga ga -xx -xx -xx -xx -xx -xx -xx -xx - - - - - - - - xw xw xw xw xw xw xw xw ac/dc product series (85-265vac) output voltage rated power subminiature subminiature subminiature subminiature wide wide wide wide voltage voltage voltage voltage input input input input ac/dc ac/dc ac/dc ac/dc converters converters converters converters features features features features features features features features rohs compliant efficiency up to 86% power density up to 0.42w / cm 3 dual-use wide input voltage 85-265 vac,50/60hz,110vdc-370vdc univeral voltage ac/dc output short-circuit protection no heatsink required excellent over-current protection industry product design technology excellent over-temperature protection small form factor and low weight high effciency,high density models ultra-small leakage current fully encapsulated with toroidal magnetics no external components required low loss,green power design for high reliability,long lifetime selection selection selection selection selection selection selection selection guide guide guide guide guide guide guide guide microdc reserves the copyright input input input input input input input input characteristics characteristics characteristics characteristics characteristics characteristics characteristics characteristics paramete paramete paramete paramete r r r r conditions conditions conditions conditions input voltage range 110v~370vdc(85~264vac) input current 400ma(typ) normal external fuse 0.5a/250v output output output output output output output output characteristics characteristics characteristics characteristics characteristics characteristics characteristics characteristics paramete paramete paramete paramete r r r r conditions conditions conditions conditions short-circuit protection 2 continuous/automatic resume output voltage regulated 2% line regulation 0.5%(typ) load regulation(10%~100%) 1.0%(typ) output ripple and noise(p-p) 100mv(typ)(20mhz bandwidth) over temperature protection 150 c(max) output over-voltage protection 1.1 times note:ripple and noise measure method test(details next page) 1.see ripple & noise test method. 2.supply voltage must be disconnected at the end of the short circuit duration. all specifications typical at ta=25 c,nominal input voltage and rated output current unless otherwise specified.
ga ga ga ga ga ga ga ga -xx-xw -xx-xw -xx-xw -xx-xw -xx-xw -xx-xw -xx-xw -xx-xw series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 2 of 4 general general general general general general general general characteristics characteristics characteristics characteristics characteristics characteristics characteristics characteristics paramete paramete paramete paramete r r r r conditions conditions conditions conditions temperature characteristics operating -25 ~+70 power derating(above 55 c) 2%/ c storage -40 c~+105 c case temperature +95 max humidity 90%(max) power-off protection time 50ms(typ230vac) temperature coefficient 0.02%/ switching frequency 60khz(typ) efficiency 76%(typ) insulation 03 w 3000vac 05 w 3000vac 10 w 3000vac level of security class case material ul94v-0 mtbf >200000h@25 adtm/xx-xw adtm/xx-xw adtm/xx-xw adtm/xx-xw adtm/xx-xw adtm/xx-xw adtm/xx-xw adtm/xx-xw typical typical typical typical typical typical typical typical efficiency efficiency efficiency efficiency efficiency efficiency efficiency efficiency curve curve curve curve curve curve curve curve measure measure measure measure measure measure measure measure method method method method method method method method characteristics characteristics characteristics characteristics characteristics characteristics characteristics characteristics measure method characteristics
ga ga ga ga ga ga ga ga -xx-xw -xx-xw -xx-xw -xx-xw -xx-xw -xx-xw -xx-xw -xx-xw series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 3 of 4 subminiature subminiature subminiature subminiature wide wide wide wide voltage voltage voltage voltage input input input input ac/dc ac/dc ac/dc ac/dc converters converters converters converters typical typical typical typical typical typical typical typical application application application application application application application application chart 1 chart 2 ga xx-xw emc application graph input input input input input input input input voltage voltage voltage voltage voltage voltage voltage voltage vs vs vs vs vs vs vs vs load load load load load load load load temperature temperature temperature temperature temperature temperature temperature temperature vs vs vs vs vs vs vs vs load load load load load load load load graph graph graph graph one one one one graph graph graph graph two two two two external external external external external external external external capacitors capacitors capacitors capacitors capacitors capacitors capacitors capacitors typical typical typical typical typical typical typical typical value value value value value value value value model model model model c01 c01 c01 c01 c02 c02 c02 c02 tvs tvs tvs tvs tube tube tube tube model model model model c01 c01 c01 c01 model model model model c01 c01 c01 c01 ga0 3-2w64 150 0.1 p4ke6.8a ga0 3-4w2 47 ga 03-6w6 150 ga 05-3w 150 0.1 p4ke6.8a ga 05-5w 47 ga 05-10w 150 ga 09-3w 120 0.1 p4ke12a ga 09-5w 33 ga 09-10w 120 ga 12-3w 120 0.1 p4ke20a ga 12-5w 33 ga 12-10w 120 ga 15-3w 120 0.1 p4ke20a ga 15-5w 33 ga 15-10w 120 ga 24-3w 68 0.1 p4ke30a ga 24-5w 10 ga 24-10w 68 notes notes notes notes output filtering capacitors c2 is electrolytic capacitors, recommended to use high frequency and low impedance electrolytic capacitors. capacity and the flow of current please refer to the manufacturer's technical specifications.voltage derating of capacitor should be 80% or above.c3 is ceramic capacitor, it is used to filter high frequency noise .tvs is a recommended component to protect post-circuits(when converter fails). 1.if emc performance is required,recommended to add"emc filter" at the input end. c4:x capacitor,recommended parameter:0.1 f/275v y capacitor,recommended parameter:220pf/2000v nf:common-mode choke,recommended parameter:10mh-30mh 2.mov:pressure sensitive resistance,model 471kd05,is used to protect converter in lighting strike surge.
ga ga ga ga ga ga ga ga -xx-xw -xx-xw -xx-xw -xx-xw -xx-xw -xx-xw -xx-xw -xx-xw series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 4 of 4 package package package package package package package package specifications specifications specifications specifications specifications specifications specifications specifications ga ga ga ga ga ga ga ga -xx-3w -xx-3w -xx-3w -xx-3w -xx-3w -xx-3w -xx-3w -xx-3w dimensions dimensions dimensions dimensions dimensions dimensions dimensions dimensions size details recommended footprint details *unit:mm *unit:mm unless unless otherwise otherwise stated stated all all dimensions dimensions in in inches inches 0.50(mm 0.50(mm 0.25mm). 0.25mm). weight: weight: 15g 15g pin pin pin pin pin pin pin pin connections connections connections connections connections connections connections connections output variants microdc professional power module,inc. tel:0086-20-86000646 e-mail:tech@microdc.cn website:http://www.microdc.cn rohs rohs rohs rohs compliant compliant compliant compliant information information information information this series is compatible with rohs soldering systems with a peak wave solder temperature of 300 c for 10 seconds. the pin termination finish on the sip package type is tin plate, hot dipped over matte tin with nickel preplate. the dip types are matte tin over nickel preplate. both types in this series are backward compatible with sn/pb soldering systems. reach reach reach reach compliant compliant compliant compliant information information information information this series has proven that this product does not contain harmful chemicals, it also has harmful chemical substances through the registration, inspection and approval. recommended pcb diagram grid spacing:2.54mm hole diameter:1.60mm(0.063inch) ga ga ga ga ga ga ga ga -xx-5w -xx-5w -xx-5w -xx-5w -xx-5w -xx-5w -xx-5w -xx-5w dimensions dimensions dimensions dimensions dimensions dimensions dimensions dimensions size details recommended footprint details *unit:mm *unit:mm unless unless otherwise otherwise stated stated all all dimensions dimensions in in inches inches 0.50(mm 0.50(mm 0.25mm). 0.25mm). weight: weight: 35g 35g recommended pcb diagram grid spacing:2.54mm(0.01inch) hole diameter:1.60mm(0.063inch) ga ga ga ga ga ga ga ga -xx- -xx- -xx- -xx- -xx- -xx- -xx- -xx- 10 10 10 10 10 10 10 10 w w w w w w w w dimensions dimensions dimensions dimensions dimensions dimensions dimensions dimensions size details recommended footprint details *unit:mm *unit:mm unless unless otherwise otherwise stated stated all all dimensions dimensions in in inches inches 0.50(mm 0.50(mm 0.25mm). 0.25mm). weight: weight: 45g 45g recommended pcb diagram grid spacing:2.54mm(0.01inch) hole diameter:1.60mm(0.063inch) pin pin pin pin pin pin pin pin connections-4 connections-4 connections-4 connections-4 connections-4 connections-4 connections-4 connections-4 pin pin pin pin pin pin pin pin d d d d d d d d ip ip ip ip ip ip ip ip pin function 1 n 2 l 3 +v0 4 -v0 pin pin pin pin pin pin pin pin connections connections connections connections connections connections connections connections output variants pin pin pin pin pin pin pin pin connections-4 connections-4 connections-4 connections-4 connections-4 connections-4 connections-4 connections-4 pin pin pin pin pin pin pin pin d d d d d d d d ip ip ip ip ip ip ip ip pin function 1 n 2 l 3 +v0 4 -v0 pin pin pin pin pin pin pin pin connections connections connections connections connections connections connections connections output variants pin pin pin pin pin pin pin pin connections-4 connections-4 connections-4 connections-4 connections-4 connections-4 connections-4 connections-4 pin pin pin pin pin pin pin pin d d d d d d d d ip ip ip ip ip ip ip ip pin function 1 n 2 l 3 +v0 4 -v0
|