Part Number Hot Search : 
TN0635N3 08775 AX650 57V64 RM100 UMZ1N 1N3122 T7812BT
Product Description
Full Text Search
 

To Download EBOX531-820-FL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  * all specifcations and photos are subject to change without notice. 235 EBOX531-820-FL fanless embedded system with intel ? atom? processor z510/ z530 up to 1.6 ghz and wide range dc-in intel ? atom? processor z510 (1.1 ghz) or z530 (1.6 ghz) onboard intel ? us15w core logic chipset ultra slim and power-effcient design supports 4 usb 2.0 ports and 2 com ports supports 10/100/1000mbps ethernet 1 2.5" sata hdd drive bay, 1 compactflash? wide range dc-in packing list ordering information dimensions power protection 1 x quick manual 1 x driver cd 1 x y cable for ps/2 keyboard/mouse 1 x screw pack 4 x foot pad 1 x wall mount kit standard EBOX531-820-FL1.1g fanless embedded system with intel ? atom? processor z5101.1 ghz and wide range dc-in EBOX531-820-FL1.6g fanless embedded system with intel ? atom? processor z5301.6 ghz and wide range dc-in optional 2.5" sata hdd 2.5" sata ssd ddr2 sodimm compactflash? din rail kit vesa mount kit 40 gb or above 4 gb or above 512 mb ~ 2 gb 1 gb or above *specifcations and certifcations are based on options and may vary. dc version ovp (over voltage protection) uvp (under voltage protection) reverse protection features specifcations standard color silver-black construction aluminum extrusion and heary-duty steel, ip40 cpu intel ? atom? processor z510 (1.1 ghz) or z530 (1.6 ghz) system memory 1 x 200-pin ddr2 so-dimm max. up to 2 gb chipset intel ? us15w core logic bios phoenix-award system i/o outlet 2 x rs-232 (com 1/2) 1 x vga 1 x audio (line-out/mic-in) 1 x ps/2 keyboard/mouse 1 x 10/100/1000mbps ethernet 4 x usb 2.0 1 x vdc power input connector watchdog timer 255 levels, 1 ~ 255 sec. storage 1 x compactflash? 1 x 2.5 sata hdd drive bay expansion interface n/a system indicator 1 x green led for system power-on 1 x orange led for hdd active power supply 25w wide-range dc-in (10vdc ~ 30vdc) operating temperature 0c ~ +45c (32f ~ 113f) (with w.t. hdd) 0c ~ +50c (32f ~ 122f) (with w.t. ssd & w.t. cf) storage temperature -20c ~ +80c (-4f ~ +176f) humidity 10% ~ 90%, no-condensing dimensions 132 mm (5.19") (w) x 95.4 mm (3.75") (d) x 59.5 mm (2.34") (h) weight (net/gross) 0.76 kg (1.67 lb)/1.3 kg (2.86 lb) certifcation ce eos support xpe, wince, linux * xpe: windows ? xp embedded low power ip40 fanless rear view compact size intel ? atom tm processor z510/ z530 front view


▲Up To Search▲   

 
Price & Availability of EBOX531-820-FL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X