Part Number Hot Search : 
ASJ14B 1N757 ACR300SG 1N757 37F0FZT CRS05 BZX84C 74HCT3
Product Description
Full Text Search
 

To Download CY7C4221-15JXC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cy7c4221 / cy7c4231 1 k / 2 k 9 synchronous fifos cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document number: 38-06016 rev. *h revised september 17, 2012 1 k / 2 k 9 synchronous fifos features high-speed, low-power, first-in first-out (fifo) memories ? 1 k 9 (cy7c4221) ? 2 k 9 (cy7c4231) high-speed 66.7 mhz operation ( 15 ns read/write cycle time) low power (i cc = 35 ma) fully asynchronous and simultaneous read and write operation empty, full, and programmable almost empty and almost full status flags ttl-compatible output enable (oe ) pin to three-state the output bus independent read and write enable pins center power and ground pins for reduced noise width-expansion capability space saving 7 mm 7 mm 32-pin tqfp and 32-pin plcc packages available pin-compatible and functionally equivalent to idt72221 & 72231 pb-free packages available functional description the cy7c42x1 are high-speed, low-power fifo memories with clocked read and write interfaces. all are nine bits wide. the cy7c42x1 are pin-compatible to idt722x1. programmable features include almost full/almost empty flags. these fifos provide solutions for a wide variety of data buffering needs, including high-speed data acquisition, multiprocessor interfaces, and communications buffering. these fifos have 9-bit input and out put ports that are controlled by separate clock and enable signals. the input port is controlled by a free-running clock (wclk) and two write-enable pins (wen1 , wen2/ld ). when wen1 is low and wen2/ld is high, data is written into the fifo on the rising edge of the wclk signal. while wen1 , wen2/ld is held active, data is continually written into the fifo on each wclk cycle. the output po rt is controlled in a similar manner by a free-running read clock (rclk) and two read-enable pins (ren1 , ren2 ). in addition, the cy7c42x1 has an output enable pin (oe ). the read (rclk) and write (wclk) clocks can be tied together for single-clock operation or the two clocks can run independently for asynchronous read/write applications. clock frequencies up to 100 mhz are achievable. depth expansion is possible using one enable input for system control, while the other enable is controlled by expansion logic to direct the flow of data.the cy7c 42x1 provides four status pins: empty, full, almost empty, almost full. the almost empty/almost full flags are programmable to single word granularity. the programmable flags default to empty ? 7 and full ? 7. the flags are synchronous, they change state relative to either the read clock (rclk) or the write clock (wclk). when entering or exiting the empty and almost empty states, the flags are updated exclusively by the rclk. the flags denoting almost full and full states are updated exclusively by wclk. the synchronous flag architecture guarantees that the flags maintain their status for at least one cycle. all configurations are fabric ated using advanced 0.65 ? n-well cmos technology. input esd pr otection is greater than 2001 v, and latch up is prevented by the use of guard rings. cy7c4221 cy7c42311 k / 2 k 9 synchronous fifos
cy7c4221 / cy7c4231 document number: 38-06016 rev. *h page 2 of 22 selection guide description -15 unit maximum frequency 66.7 mhz maximum access time 10 ns minimum cycle time 15 ns minimum data or enable setup 4 ns minimum data or enable hold 1 ns maximum flag delay 10 ns active power supply current commercial 35 ma industrial 40 cy7c4221 cy7c4231 density 1 k 9 2 k 9 three-state output register read control flag logic write control write pointer read pointer reset logic input register flag program register d 0- 8 rclk ef pae paf q 0- 8 wen1 wclk rs oe dual port ram array 1k x 9 2kx 9 wen2/ld ren1 ren2 ff logic block diagram
cy7c4221 / cy7c4231 document number: 38-06016 rev. *h page 3 of 22 contents pin configuration ............................................................. 4 pin definitions .................................................................. 4 architecture ...................................................................... 5 resetting the fifo ............................................................ 5 fifo operation ................................................................. 5 programming .................................................................... 5 programmable flag (pae , paf ) operation ................ 6 width expansion configuration ...................................... 7 flag operation .................................................................. 7 full flag ....................................................................... 7 empty flag .................................................................. 7 maximum ratings ............................................................. 8 operating range ............................................................... 8 electrical characteristics ................................................. 8 capacitance ...................................................................... 8 ac test loads and waveforms ....................................... 9 switching characteristics ................................................ 9 switching waveforms .................................................... 10 typical ac and dc characteristics .............................. 16 ordering information ...................................................... 17 1 k 9 synchronous fifo ........................................ 17 2 k 9 synchronous fifo ........................................ 17 ordering code definitions ..... .................................... 17 package diagrams .......................................................... 18 acronyms ........................................................................ 20 document conventions ................................................. 20 units of measure ....................................................... 20 document history page ................................................. 21 sales, solutions, and legal information ...................... 22 worldwide sales and design s upport ......... .............. 22 products .................................................................... 22 psoc solutions ......................................................... 22
cy7c4221 / cy7c4231 document number: 38-06016 rev. *h page 4 of 22 pin configuration figure 1. pin diagram d 8 d 7 d 6 d 5 d 4 d 3 d 2 1 2 3 4 5 6 7 8 d 1 d 0 rclk gnd paf pae ren1 ren2 17 18 19 20 21 22 23 24 14 15 16 910111213 31 30 32 29 28 27 25 26 ff q 0 q 1 q 2 q 3 q 4 ef oe v cc wclk wen2/ld q 8 q 7 q 6 q 5 wen1 rs plcc d 1 d 0 rclk v cc d 8 d 7 d 6 d 5 d 4 d 3 gnd wclk wen2/ld q 8 q 7 d 2 paf pae 5 6 7 8 9 10 11 12 13 ren1 oe ren2 4321 3130 32 21 22 23 24 27 28 29 25 26 14151617181920 q 6 q 5 wen1 rs ff q 0 q 1 q 2 q 3 q 4 ef top view tqfp top view pin definitions pin name i/o description d 0?8 data inputs i data inputs for 9-bit bus. q 0?8 data outputs o data outputs for 9-bit bus. wen1 write enable 1 i the only write enable to have programmable flags when device is configured. data is written on a low-to-high transition of wclk when wen1 is asserted and ff is high. if the fifo is configured to have two write enables, data is wr itten on a low-to-high transition of wclk when wen1 is low and wen2/ld and ff are high. wen2/ld dual mode pin write enable 2 i if high at reset, this pin operates as a second write enable. if low at reset, this pin operates as a control to write or read the programmable flag offsets. wen1 must be low and wen2 must be high to write data into the fifo. data is not written into the fifo if the ff is low. if the fifo is configured to have programmable flags, wen2/ld is held low to write or read the programmable flag offsets. load i ren1 , ren2 read enable inputs i enables device for read operation. wclk write clock i the rising edge clocks data into the fifo when wen1 is low, wen2/ld is high, and the fifo is not full. when ld is asserted, wclk writes data into the programmable flag-offset register. rclk read clock i the rising edge clo cks data out of the fifo when ren1 and ren2 are low and the fifo is not empty. when wen2/ld is low, rclk reads data out of the programmable flag-offset register. ef empty flag o when ef is low, the fifo is empty. ef is synchronized to rclk. ff full flag o when ff is low, the fifo is full. ff is synchronized to wclk. pae programmable almost empty o when pae is low, the fifo is almost empty based on the almost empty offset value programmed into the fifo. paf programmable almost full o when paf is low, the fifo is almost full based on the almost full offset value programmed into the fifo. rs reset i resets device to empty condition. a reset is required before an initial read or write operation after power up. oe output enable i when oe is low, the fifo?s data outputs drive the bus to which they are connected. if oe is high, the fifo?s outputs are in high z (high-impedance) state.
cy7c4221 / cy7c4231 document number: 38-06016 rev. *h page 5 of 22 architecture the cy7c42x1 consists of an array of 1k or 2k words of nine bits each (implemented by a dual-port array of sram cells), a read pointer, a write pointer, control signals (rclk, wclk, ren1 , ren2 , wen1 , wen2, rs ), and flags (ef , pae , paf , ff ). resetting the fifo during powerup, the fifo must be reset with a reset (rs ) cycle. this causes the fifo to enter the empty condition signified by ef being low. all data outputs (q 0?8 ) go low t rsf after the rising edge of rs . for the fifo to reset to its default state, a falling edge must occur on rs and the user must not read or write while rs is low. all flags are guaranteed to be valid t rsf after rs is taken low. fifo operation when the wen1 signal is active low and wen2 is active high, data present on the d 0?8 pins is written into the fifo on each rising edge of the wclk signal. similarly, when the ren1 and ren2 signals are active low, da ta in the fifo memory is presented on the q 0?8 outputs. new data is presented on each rising edge of rclk while ren1 and ren2 are active. ren1 and ren2 must set up t ens before rclk for it to be a valid read function. wen1 and wen2 must occur t ens before wclk for it to be a valid write function. an output enable (oe ) pin is provided to three-state the q 0?8 outputs when oe is asserted. when oe is enabled (low), data in the output register is available to the q 0?8 outputs after t oe . the fifo contains overflow circuitry to disallow additional writes when the fifo is full, and underflow circuitry to disallow additional reads when the fifo is empty. an empty fifo maintains the data of the last valid read on its q 0?8 outputs even after additional reads occur. write enable 1 (wen1 ) . if the fifo is configured for programmable flags, write enable 1 (wen1 ) is the only write enable control pin. in this conf iguration, when write enable 1 (wen1 ) is low, data can be loaded into the input register and ram array on the low-to-high transition of every write clock (wclk). data is stored in the ram array sequentially and independently of any on-going read operation. write enable 2/load (wen2/ld ) . this is a dual-purpose pin. the fifo is configured at reset to have programmable flags or to have two write enables, which al lows depth expansion. if write enable 2/load (wen2/ld ) is set active high at reset (rs = low), this pin operates as a second write enable pin. if the fifo is configured to have two write enables, when write enable (wen1 ) is low and write enable 2 / load (wen2/ld ) is high, data can be loaded into the input register and ram array on the low-to-high transition of every write clock (wclk). data is stored in the ram array sequentially and independently of any on- going read operation. programming when wen2/ld is held low during rese t, this pin is the load (ld ) enable for flag offset programming. in this configuration, wen2/ld can be used to access the four 8-bit offset registers contained in the cy7c42x1 for writing or reading data to these registers. when the device is configured for programmable flags and both wen2/ld and wen1 are low, the first low-to-high transition of wclk writes data from the data inputs to the empty offset least significant bit (lsb) register. the second, third, and fourth low-to-high transitions of wclk store data in the empty offset most significant bit (msb) regist er, full offset lsb register, and full offset msb register, respectively, when wen2/ld and wen1 are low. the fifth low-to-high transition of wclk while wen2/ld and wen1 are low writes data to the empty lsb register again. figure 2 on page 6 shows the registers sizes and default values for the various device types. it is not necessary to write to all the offset registers at one time. a subset of the offset register s can be written; then by bringing the wen2/ld input high, the fifo is returned to normal read and write operation. the next time wen2/ld is brought low, a write operation stores data in the next offset register in sequence. the contents of the offset registers can be read to the data outputs when wen2/ld is low and both ren1 and ren2 are low. low-to-high transitions of rclk read register contents to the data outputs. writes a nd reads should not be preformed simultaneously on the offset registers.
cy7c4221 / cy7c4231 document number: 38-06016 rev. *h page 6 of 22 figure 2. offset register location and default values programmable flag (pae , paf ) operation whether the flag offset regist ers are programmed as described in table 1 or the default values are used, the programmable almost-empty flag (pae ) and programmable almost-full flag (paf ) states are determined by their corresponding offset registers and the difference between the read and write pointers. the number formed by the empty offset least significant bit register and empty offset most si gnificant register is referred to as n and determines the operation of pae . pae is synchronized to the low-to-high transition of rclk by one flip-flop and is low when the fifo contains n or fewer unread words. pae is set high by the low-to-high transition of rclk when the fifo contains (n + 1) or greater unread words. the number formed by the full offs et least significant bit register and full offset most significant bit register is referred to as m and determines the operation of paf . paf is synchronized to the low-to-high transition of wclk by one flip-flop and is set low when the number of unread words in the fifo is greater than or equal to cy7c4221 (1k ? m) or cy7c4231 (2k ? m). paf is set high by the low-to-high transition of wclk when the number of available memory locations is greater than m. 1k 9 2k 9 8 0 8 0 8 0 8 0 (msb) 00 (msb) 00 7 1 7 1 8 0 8 0 8 0 8 0 (msb) 000 (msb) 000 7 2 7 2 empty offset (lsb) reg. default value = 007h full offset (lsb) reg default value = 007h empty offset (lsb) reg. default value = 007h full offset (lsb) reg default value = 007h table 1. writing the offset registers ld wen wclk [1] selection 0 0 empty offset (lsb) empty offset (msb) full offset (lsb) full offset (msb) 0 1 no operation 1 0 write into fifo 1 1 no operation table 2. status flags number of words in fifo ff paf pae ef cy7c4221 cy7c4231 0 0 h h l l 1 to n [2] 1 to n [2] h h l h (n + 1) to 512 (n + 1) to 1024 h h h h 513 to (1024 ? (m + 1)) 1025 to (2048 ? (m + 1)) h h h h (1024?m) [3] to 1023 (2048 ? m) [3] to 2047 h l h h 1024 2048 l l h h notes 1. the same selection sequence applies to reading from the registers. ren1 and ren2 are enabled and a read is performed on the low-to-high transition of rclk. 2. n = empty offset (n = 7 default value). 3. m = full offset (m = 7 default value).
cy7c4221 / cy7c4231 document number: 38-06016 rev. *h page 7 of 22 width expansion configuration word width may be increased by connecting the corresponding input controls signals of mult iple devices. a composite flag should be created for each of the end-point status flags (ef and ff ). the partial status flags (pae and paf ) can be detected from any one device. figure 3 demonstrates a 18-bit word width by using two cy7c42x1s. any word width can be attained by adding additional cy7c42x1s. when the cy7c42x1 is in a width expansion configuration, the read enable (ren2 ) control input can be grounded (see figure 3 ). in this configurati on, the write enable 2/load (wen2/ld ) pin is set to low at reset so that the pin operates as a control to load and read the programmable flag offsets. flag operation the cy7c42x1 devices provide four flag pins to indicate the condition of the fifo co ntents. empty, full, pae , and paf are synchronous. full flag the full flag (ff ) goes low when device is full. write operations are inhibited whenever ff is low regardless of the state of wen1 and wen2/ld . ff is synchronized to wclk - it is exclusively updated by each rising edge of wclk. empty flag the empty flag (ef ) goes low when the device is empty. read operations are inhibited whenever ef is low, regardless of the state of ren1 and ren2 . ef is synchronized to rclk - it is exclusively updated by each rising edge of rclk. figure 3. block diagram of 1024 9, 2048 9 synchronous fifo memory used in a width expansion configuration ff ff ef ef write clock (wclk) write enable 1 (wen1 ) write enable 2/load (wen2/ld) programmable (paf ) full flag (ff )# 1 cy7c42x1 9 18 data in (d) reset (rs ) 9 reset (rs ) read clock (rclk) read enable 1 (ren1 ) output enable (oe ) programmable (pae ) empty flag (ef ) #1 9 data out (q) 9 18 read enable 2 (ren2) cy7c42x1 empty flag (ef ) #2 full flag (ff )# 2 read enable 2 (ren2)
cy7c4221 / cy7c4231 document number: 38-06016 rev. *h page 8 of 22 maximum ratings exceeding maximum ratings [4] may shorten the useful life of the device. user guidelines are not tested. storage temperature .................................. ?65 c to +150 c ambient temperature with power applied ............................................ ?55 c to +125 c supply voltage to ground potential ..............?0.5 v to +7.0 v dc voltage applied to outputs in high z state .............................................?0.5 v to +7.0 v dc input voltage ........ ............... ........... ........?3.0 v to +7.0 v output current into outputs (low) ............................. 20 ma static discharge voltage (per mil-std-883, method 3015) .............. ............ > 2001 v latch up current ..................................................... > 200 ma operating range range ambient temperature v cc commercial 0 c to +70 c 5 v 10% industrial [5] ?40 c to +85 c 5 v 10% electrical characteristics over the operating range parameter description test conditions -15 unit min max v oh output high voltage v cc = min, i oh = ?2.0 ma 2.4 ? v v ol output low voltage v cc = min, i ol = 8.0 ma ? 0.4 v v ih input high voltage 2.2 v cc v v il input low voltage ?3.0 0.8 v i ix input leakage current v cc = max ?10 +10 ? a i os [6] output short circuit current v cc = max, v out = gnd ?90 ? ma i ozl output off, high z current oe > v ih , v ss < v o < v cc ?10 +10 ma i ozh i cc1 [7] active power supply current commercial ? 35 ma industrial ? 40 ma i cc2 [8] average standby current commercial ? 10 ma industrial ? 15 ma capacitance parameter [9] description test conditions max unit c in input capacitance t a = 25 c, f = 1 mhz, v cc = 5.0 v 5 pf c out output capacitance 7 pf notes 4. the voltage on any input or i/o pin cannot exceed the power pin during powerup. 5. t a is the ?instant on? case temperature. 6. test no more than one output at a time for not more than one second. 7. outputs open. tested at frequency = 20 mhz. 8. all inputs = v cc ? 0.2 v, except wclk and rclk, which are switching at 20 mhz. 9. tested initially and after any design or proces s changes that may affect these parameters.
cy7c4221 / cy7c4231 document number: 38-06016 rev. *h page 9 of 22 ac test loads and waveforms figure 4. ac test loads and waveforms [10, 11] 3.0 v 5 v output r1 1.1 k ? r2 680 c l including jig and scope gnd 90% 10% 90% 10% ? 3ns ? 3 ns output 1.91 v equivalent to: th venin equivalent 420 ?? all input pulses ? switching characteristics over the operating range parameter description -15 unit min max t s clock cycle frequency ? 66.7 mhz t a data access time 2 10 ns t clk clock cycle time 15 ? ns t clkh clock high time 6 ? ns t clkl clock low time 6 ? ns t ds data setup time 4 ? ns t dh data hold time 1 ? ns t ens enable setup time 4 ? ns t enh enable hold time 1 ? ns t rs reset pulse width [12] 15 ? ns t rss reset setup time 10 ? ns t rsr reset recovery time 10 ? ns t rsf reset to flag and output time ? 15 ns t olz output enable to output in low z [13] 0 ? ns t oe output enable to output valid 3 8 ns t ohz output enable to output in high z [13] 3 8 ns t wff write clock to full flag ? 10 ns t ref read clock to empty flag ? 10 ns t paf clock to programmable almost-full flag ? 10 ns t pae clock to programmable almost-full flag ? 10 ns t skew1 skew time between read clock and write clock for empty flag and full flag 6 ? ns t skew2 skew time between read clock and write clock for almost-empty flag and almost-full flag 15 ? ns notes 10. c l = 30 pf for all ac parameters except for t ohz . 11. c l = 5 pf for t ohz . 12. pulse widths less than minimum values are not allowed. 13. values guaranteed by design, not currently tested.
cy7c4221 / cy7c4231 document number: 38-06016 rev. *h page 10 of 22 switching waveforms figure 5. write cycle timing figure 6. read cycle timing t clkh t clkl no operation t ds t skew1 t ens wen1 t clk t dh t wff t wff t enh wclk d 0 ?d 8 ff ren1 ,ren2 rclk no operation wen2 (if applicable) [14] ren1 ,ren2 t clkh t clkl no operation t skew1 wen1 t ckl t ohz t ref t ref rclk q 0 ?q 8 ef wclk oe t oe t ens t olz t a t enh valid data wen2 [15] notes 14. t skew1 is the minimum time between a rising rclk edge and a rising wclk edge to guarantee that ff goes high during the current clock cycle. if the time between the rising edge of rclk and the rising edge of wclk is less than t skew1 , then ff may not change state until the next wclk rising edge. 15. t skew1 is the minimum time between a rising wclk edge and a rising rclk edge to guarantee that ef goes high during the current clock cycle. it the time between the rising edge of wclk and the rising edge of rclk is less than t skew1 , then ef may not change state until the next rclk rising edge.
cy7c4221 / cy7c4231 document number: 38-06016 rev. *h page 11 of 22 figure 7. reset timing [16] figure 8. first data word latency after reset with simultaneous read and write switching waveforms (continued) t rs t rsr q 0- q 8 rs t rsf t rsf t rsf oe = 1 oe = 0 ren1 , ren2 ef ,pae ff , paf , t rss t rsr t rss t rsr t rss wen2/ld wen1 [17] [18] d 0 (first t skew1 wen1 wclk q 0 ?q 8 ef ren1 , ren2 oe t oe t ens t olz t ds rclk t ref t a t frl d 1 d 2 d 3 d 4 d 0 d 1 d 0 ?d 8 t a wen2 (if applicable) [19] [20] valid write) notes 16. the clocks (rclk, wclk) can be free-running during reset. 17. holding wen2/ld high during reset makes the pin act as a second enable pin. holding wen2/ld low during reset makes the pin act as a load enable for the programmable flag offset registers. 18. after reset, the outputs are low if oe = 0 and three-state if oe = 1. 19. when t skew1 > minimum specification, t frl(maximum) = t clk + t skew1 . when t skew1 < minimum specification, t frl(maximum) = either 2 t clk + t skew1 or t clk +t skew1 . the latency timing applies only at the empty boundary (ef = low). 20. the first word is available the cycle after ef goes high, always.
cy7c4221 / cy7c4231 document number: 38-06016 rev. *h page 12 of 22 figure 9. empty flag timing switching waveforms (continued) data write 2 data write 1 t ens t skew1 data in output register wen1 wclk q 0 ?q 8 ef ren1 , ren2 oe t ds t enh rclk t ref t a t frl d 0 ?d 8 data read t skew1 t frl t ref t ds t ens t enh wen2 (if applicable) t ref low [21] [21] t ens t ens t enh t enh note 21. when t skew1 > minimum specification, t frl(maximum) = t clk + t skew1 . when t skew1 < minimum specification, t frl(maximum) = either 2 t clk + t skew1 or t clk +t skew1 . the latency timing applies only at the empty boundary (ef = low).
cy7c4221 / cy7c4231 document number: 38-06016 rev. *h page 13 of 22 figure 10. full flag timing switching waveforms (continued) q 0 ?q 8 ren1 , ren2 wen1 wen2 (if applicable) d 0 ?d 8 next data read data write no write data in output register ff wclk oe rclk t a data read t skew1 t ds t ens t enh t wff t a t skew1 t ens t enh t wff data write no write t wff low no write [22] [22] note 22. t skew1 is the minimum time between a rising rclk edge and a rising wclk edge to guarantee that ff goes high during the current clock cycle. if the time between the rising edge of rclk and the rising edge of wclk is less than t skew1 , then ff may not change state until the next wclk rising edge.
cy7c4221 / cy7c4231 document number: 38-06016 rev. *h page 14 of 22 figure 11. programmable almost empty flag timing figure 12. programmable almost full flag timing switching waveforms (continued) t enh wclk pae rclk t clkh t ens t clkl t ens t pae n + 1 words infifo t enh t ens t enh t ens t pae ren1 , ren2 wen1 wen2 (if applicable) t skew2 [23] note 24 note 25 t enh wclk paf rclk t clkh t ens full ? m words in fifo t clkl t ens full ? m+1 words in fifo t enh t ens t enh t ens t paf ren1 , ren2 wen1 wen2 (if applicable) t skew2 t paf note 26 note 27 [28] [29] notes 23. t skew2 is the minimum time between a rising wclk and a rising rclk edge for pae to change state during that clock cycle. if the time bet ween the edge of wclk and the rising rclk is less than t skew2 , then pae may not change state until the next rclk. 24. pae offset = n. 25. if a read is performed on this rising edge of the read clock, there are empty + (n ? 1) words in the fifo when pae goes low. 26. if a write is performed on this rising edge of the write clock, there are full ? (m ? 1) words of the fifo when paf goes low. 27. paf offset = m. 28. 1024 ? m words for cy7c4221, 2048 ? m words for cy7c4231. 29. t skew2 is the minimum time between a rising rclk edge and a rising wclk edge for paf to change during that clock cycle. if the time between the rising edge of rclk and the rising edge of wclk is less than t skew2 , then paf may not change state until the next wclk.
cy7c4221 / cy7c4231 document number: 38-06016 rev. *h page 15 of 22 figure 13. write programmable registers figure 14. read programmable registers switching waveforms (continued) t enh wen2/ld wclk t clkh t ens t clkl pae offset lsb d 0 ?d 8 wen1 t ens paf offset msb t clk t ds t dh pae offset msb paf offset lsb paf offset msb paf offset lsb t enh wen2/ld rclk t clkh t ens t clkl pae offset lsb q 0 ?q 8 ren1 , ren2 t ens pae offset msb t clk unknown t a
cy7c4221 / cy7c4231 document number: 38-06016 rev. *h page 16 of 22 typical ac and dc characteristics normalized t a vs. supply voltage normalized supply current vs. supply voltage normalized t a vs. ambient temperature frequency (mhz) supply voltage (v) 0.50 0.75 1.00 1.25 1.50 v cc = 5.0 v normalized i cc normalized i cc ambient temperature ( ? c) 0.80 0.90 1.00 1.10 1.20 normalized i cc 0.60 0.70 0.80 0.90 1.00 1.10 capacitance (pf) delta t a (ns) typical t a change vs. output loading output source current vs. output voltage output voltage (v) output sink current vs. output voltage output source current (ma) output sink current (ma) normalized t a normalized t a 12 34 01234 0 0 25 50 75 100 0 200 400 600 800 1000 4 4.5 5 5.5 6 ? 55 25 125 ? 55 25 125 0.6 0.8 1.0 1.2 1.4 0.9 1.0 1.1 1.2 0.8 4 4.5 5 5.5 6 0 20 40 60 80 100 120 140 160 45 35 25 55 0 10 25 40 vs. ambient temperature normalized supply current normalized supply current vs. frequency v in = 3.0 v t a = 25 c f = 100 mhz v in = 3.0 v v cc = 5.0 v f = 100 mhz v cc = 5.0 v t a = 25 c v in = 3.0 v supply voltage (v) ambient temperature (c) v cc = 5.0 v t a = 25 c output voltage (v)
cy7c4221 / cy7c4231 document number: 38-06016 rev. *h page 17 of 22 ordering information ordering code definitions 1 k 9 synchronous fifo speed (ns) ordering code package name package type operating range 15 cy7c4221-15axc 51-85063 32-pin thin quad flat pack (7 7 1.0 mm) pb-free commercial CY7C4221-15JXC 51-85002 32-pin plastic leaded chip carrier (0.453 0.553 inches) pb-free 2 k 9 synchronous fifo speed (ns) ordering code package name package type operating range 15 cy7c4231-15axc 51-85063 32-pin thin quad flat pack (7 7 1.0 mm) pb-free commercial cy7c4231-15jxc 51-85002 32-pin plastic leaded chip carrier (0.453 0.553 inches) pb-free temperature range: c = commercial pb-free package type: x = a or j a = 32-pin tqfp; j = 32-pin plcc speed grade: 15 ns width: 9 density: 2x = 22 or 23 22 = 1k; 23 = 2k 4 = fifo technology code: c = cmos marketing code: 7 = dual port company id: cy = cypress c1-15x c cy 7 x 4 2x
cy7c4221 / cy7c4231 document number: 38-06016 rev. *h page 18 of 22 package diagrams figure 15. 32-pin tqfp (7 7 1.0 mm) a3210 package outline, 51-85063 51-85063 *d
cy7c4221 / cy7c4231 document number: 38-06016 rev. *h page 19 of 22 figure 16. 32-pin plcc (0.453 0.553 inches) j32 package outline, 51-85002 package diagrams (continued) 51-85002 *d
cy7c4221 / cy7c4231 document number: 38-06016 rev. *h page 20 of 22 acronyms document conventions units of measure acronym description cmos complementary metal oxide semiconductor ef empty flag esd electrostatic discharge ff full flag fifo first-in first-out lsb least significant bit msb most significant bit oe output enable plcc plastic leaded chip carrier rclk read clock rs reset tqfp thin quad flat pack ttl transistor-transistor logic wclk write clock symbol unit of measure c degree celsius k ? kilohm mhz megahertz a microampere ma milliampere mm millimeter ns nanosecond ? ohm % percent pf picofarad vvolt wwatts
cy7c4221 / cy7c4231 document number: 38-06016 rev. *h page 21 of 22 document history page document title: cy7c4221 / cy7c4231, 1 k / 2 k 9 synchronous fifos document number: 38-06016 rev. ecn no. submission date orig. of change description of change ** 106477 09/10/01 szv change from spec number: 38-00419 to 38-06016 *a 110725 03/20/02 fsg change input leakage current i ix unit from ma to ? a (typo) *b 122268 12/26/02 rbi power up requirements added to maximum ratings information *c 386306 see ecn esh added pb-free logo to top of front page added cy7c4421-10jxc, cy7c4201-15axc. cy7c4201-15jxc, cy7c4211-10axi, cy7c4211-15axc, cy7c4211-15jxc, cy7c4221-15axc, CY7C4221-15JXC, cy7c4231-15jxc, cy7c4231-15axc, cy7c4241-10axc, cy7c4241-15axc, cy7c4241-15jxc, cy7c4251-10jxc, cy7c4251-10axi, cy7c4251-15axc, cy7c4251-15jxc *d 2863896 01/22/10 vkn / pyrs removed inactive/pruned parts from the ordering information table added table of contents updated tqfp package diagram *e 2896378 03/19/2010 rame removed inactive parts from ordering information and updated package diagram. *f 3091024 12/22/10 admu modified pae and paf flags information added ordering code definition, ac ronym, and document conventions. *g 3372970 09/15/2011 admu updated title to read ?c y7c4221 / cy7c4231, 1 k / 2 k 9 synchronous fifos?. updated features (removed cy7c4421, cy7c4201, cy7c4211, cy7c4241, cy7c4251 information). updated selection guide (removed cy7c4421, cy7c4201, cy7c4211, cy7c4241, cy7c4251 information). updated figure 2 and ta b l e 2 in programming (removed cy7c4421, cy7c4201, cy7c4211, cy7c4241, cy7c4251 information). updated figure 3 in width expansion configuration (removed cy7c4421, cy7c4201, cy7c4211, cy7c4241, cy7c4251 information). updated electrical characteristics (removed -10 and -25 speed bin information). updated switching characteristics (removed -10 and -25 speed bin information). updated typical ac and dc characteristics . updated package diagrams . updated in new template. *h 3744106 09/17/2012 smch updated pin definitions (included overbar on wen pin). updated programming (updated programmable flag (pae , paf ) operation (updated ta b l e 1 (included overbars on ld and wen in the table heading))).
document number: 38-06016 rev. *h revised september 17, 2012 page 22 of 22 all products and company names mentioned in this document may be the trademarks of their respective holders. cy7c4221 / cy7c4231 ? cypress semiconductor corporation, 2001-2012. the information contained herein is subject to change without notice. cypress s emiconductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under patent or other rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement wi th cypress. furthermore, cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. the inclusion of cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies cypress against all charges. any source code (software and/or firmware) is owned by cypress semiconductor corporation (cypress) and is protected by and subj ect to worldwide patent protection (united states and foreign), united states copyright laws and internatio nal treaty provisions. cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the cypress source code and derivative works for the sole purpose of creating custom software and or firmware in su pport of licensee product to be used only in conjunction with a cypress integrated circuit as specified in the applicable agreement. any reproduction, modification, translation, compilation, or repre sentation of this source code except as specified above is prohibited without the express written permission of cypress. disclaimer: cypress makes no warranty of any kind, express or implied, with regard to this material, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose. cypress reserves the right to make changes without further notice to t he materials described herein. cypress does not assume any liability arising out of the application or use of any product or circuit described herein. cypress does not authori ze its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. the inclusion of cypress? prod uct in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies cypress against all charges. use may be limited by and subject to the applicable cypress software license agreement. sales, solutions, and legal information worldwide sales and design support cypress maintains a worldwide network of offices, solution center s, manufacturer?s representatives, and distributors. to find t he office closest to you, visit us at cypress locations . products automotive cypress.co m/go/automotive clocks & buffers cypress.com/go/clocks interface cypress. com/go/interface lighting & power control cypress.com/go/powerpsoc cypress.com/go/plc memory cypress.com/go/memory optical & image sensing cypress.com/go/image psoc cypress.com/go/psoc touch sensing cyp ress.com/go/touch usb controllers cypress.com/go/usb wireless/rf cypress.com/go/wireless psoc solutions psoc.cypress.com/solutions psoc 1 | psoc 3 | psoc 5


▲Up To Search▲   

 
Price & Availability of CY7C4221-15JXC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X