Part Number Hot Search : 
NE5532D SC202EVB 100DC ON2954 SC140 MSM6368 100000 SC140
Product Description
Full Text Search
 

To Download BY399S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low cost diffused junction low leakage low forward voltage drop high current capability and s im ilar s olvents case:jedec do-27,molded plastic polarity: color band denotes cathode weight:0.041 ounces,1.15 grams mounting pos ition: any maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phas e,half wave,60 hz,res is tive or inductive load. for capacitive load,derate by 20%. by 398 by 399 by 399s units maximum recurrent peak reverse voltage v rrm 400 800 1000 v max imum rms v olt age v rms 280 560 700 v maximum dc blocking voltage v dc 400 800 1000 v maximum average f orw ard rectif ied current 9.5mm lead length, @t a =75 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @t j =125 maximum instantaneous f orw ard voltage @ 3.0 a v f v maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 maximum reverse recovery time (note1) t rr ns typical junction capacitance (note2) c j pf typical thermal resistance (note3) r ja <d operating junction temperature range t j storage temperature range t stg note:1. measured with i f =0.5a, i r =1a, i rr =0.25a. do - 27 100 70 100 by 396 easily cleaned with freon,alcohol,isopropanol 200 140 a i fsm 3. thermal resistance f rom junction to ambient. a 2. measured at 1.0mhz and applied rev erse v oltage of 4.0v dc. - 55---- +150 - 55---- +150 22 150 i r 100.0 10.0 200.0 1.25 32 voltage range: 100--- 1000 v current: 3.0 a 200 by 397 3.0 a i f(av) the plastic material carries u/l recognition 94v-0 250 dimensions in millimeters by396-by399 fast recovery rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
124 10 8 20 40 60 80 10 0 0 20 40 60 80 t j =125 8.3ms single half sine-wave 100 120 140 160 .2 t j =25 f=1mhz 1 .1 2 4 .4 1.0 2 40 10 20 60 100 410 20 40100 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0.02 0.06 0.04 0.1 0.2 0.4 1.0 2 4 10 100 1.8 2.0 t j =25 pulse width=300 s 0.5 1 1.5 2 2.5 50 125 175 single phase half wave 60h z resistive or inductive load 200 75 150 100 3 25 0 pulse generator (note2) d.u.t. 1 n.1. 50 n.1. oscilloscope (note 1) (+) 50vdc (approx) (-) 10 n.1. (-) (+) -1.0a -0.25a 0 +0.5a t rr 1cm amperes amperes junction capacitance,pf peak forward surge current amperes set time base for 50/100 ns /cm instantaneous forward voltage,volts ambient temperature, notes:1.rise time =7ns max. input impedance=1m .22pf fi g. 1 -- reverse recovery ti me characteri sti c and test ci rcui t di agram average forward rectified current fi g. 4--typi cal juncti on capaci tance fig.5--peak forward surge current 2.rise time=10ns max. source impedance=5o instantaneous forward current fi g. 3 -- forward derati ng curve fi g. 2 --typi cal forward characteri sti c reverse voltage,volts number of cycles at 60 hz by396-by399 fast recovery rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of BY399S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X