Part Number Hot Search : 
SDR621Z 8AP350 DB105 1N4750CG P4000SB SZ5110 8AP350 N5245B
Product Description
Full Text Search
 

To Download BU2720DF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors BU2720DF d escription with to-3pfa package high voltage high speed switching built-in damper diode applications for use in horizontal deflection circuits of colour tv receivers. pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1700 v v ceo collector-emitter voltage open base 825 v i c collector current (dc) 10 a i cm collector current -peak 25 a i b base collector current (dc) 10 a i bm base current -peak 14 a p tot total power dissipation t c =25 45 w t j junction temperature 150  t stg storage temperature -65~150 
savantic semiconductor product specification 2 silicon npn power transistors BU2720DF characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =100ma ;i b =0,l=25mh 825 v v (br)ebo emitter-base breakdown voltage i e =600ma ;i c =0 7.5 v v cesat collector-emitter saturation voltage i c =5.5a ;i b =1.38 a 1.0 v v besat base-emitter saturation voltage i c =5.5a ;i b =1.38 a 1.0 v i ces collector cut-off current v ce =bv ces; v be =0 t j =125 1.0 2.0 ma i ebo emitter cut-off current v eb =7.5v; i c =0 100 300 ma h fe-1 dc current gain i c =0.1a ; v ce =5v 22 h fe-2 dc current gain i c =5.5a ; v ce =1v 4 5.5 7.5
savantic semiconductor product specification 3 silicon npn power transistors BU2720DF package outline fig.2 outline dimensions (unindicated tolerance:0.30mm)


▲Up To Search▲   

 
Price & Availability of BU2720DF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X