Part Number Hot Search : 
4824DH35 TN7212 3X471K SMC520 51407 LTC1345I SFH4258 STE11
Product Description
Full Text Search
 

To Download BR350005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  br3500 - br3512 silicon bridge rectifiers prv : 50 - 1200 volts io : 35 amperes features : * high current capability * high surge current capability * high reliability * low reverse current * low forward voltage drop * pb / rohs free mechanical data : * case : molded plastic with heatsink integrally mounted in the bridge encapsulation * epoxy : ul94v-o rate flame retardant * terminals : plated .25" (6.35 mm). faston * polarity : polarity symbols marked on case * mounting position : bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency. * weight : 17.1 grams maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified . single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. symbol br 3500 br 3501 br 3502 br 3504 br 3506 br 3508 br 3510 br 3512 unit maximum recurrent peak reverse voltage v rrm 5010020040060080010001200 v maximum rms voltage v rms 3570140280420560700840 v maximum dc blocking voltage v dc 5010020040060080010001200 v maximum average forward current tc = 55 c i f(av) 35 a peak forward surge current single half sine wave superimposed on rated load (jedec method) current squared time at t < 8.3 ms. i 2 t 660 a 2 s maximum forward voltage per diode at i f = 17.5 a v f 1.1 v maximum dc reverse current ta = 25 c i r 10 m a at rated dc blocking voltage ta = 100 c i r(h) 200 m a typical thermal resistance (note 1) r q jc 1.5 c/w typical thermal resistance at junction to ambient r q ja 10 c operating junction temperature range t j - 40 to + 150 c storage temperature range t stg - 40 to + 150 c notes : 1. thermal resistance from junction to case with units mounted on a 7.5" x 3.5" x 4.6" (19cm.x 9cm.x 11.8cm.) al.-finned plate page 1 of 2rev. 02 : march 24, 2005 rating i fsm a 400 metal heatsink dimensions in inches and ( millimeters ) br50 f 0.728(18.50) 0.688(17.40) 0.570(14.50) 0.530(13.40) 0.685(16.70) 0.618(15.70) 1.130(28.70) 1.120(28.40) 0.210(5.30) 0 .200 ( 5 . 10 ) 0.658(16.70) 0.618(15.70) 0.032(0.81) 0.028(0.71) 0.252(6.40) 0.248(6.30) 0.905(23.0) 0.826(21.0) 0.100(2.50) 0.090(2.30) 0.310(7.87) 0.280(7.11)
rating and characteristic curves ( br3500 - br3512 ) fig.1 - derating curve for outputfig.2 - maximum non-repetitive peak rectified current forward surge current 0255075100125150175 case temperature, ( c) number of cycles at 60hz fig.3 - typical forward characteristicsfig.4 - typical reverse characteristics per diode per diode page 2 of 2rev. 02 : march 24, 2005 21 14 7 42 35 10010 1.0 400 0 600 0 300 200 100 0.1 10 80 0.01 0.01 1.0 0.1 100140 0204060120 percent of rated reverse voltage, (%) p e a k f o r w a r d s u r g e c u r r e n t , a m p e r e s a v e r a g e f o r w a r d o u t p u t c u r r e n t a m p e r e s f o r w a r d c u r r e n t , a m p e r e s r e v e r s e c u r r e n t , m i c r o a m p e r e s t j = 25 c pulse width = 300 m s 1 % duty cycle 8.3 ms single half sine wave jedec method t j = 50 c t j = 100 c t j = 25 c 28 500 10 20 60 1 2 4 6 40 100 1.21.4 1.8 0.40.60.81.01.6 heat-sink mounting, tc 7.5" x 3.5" x 4.6" thk. (19cm x 9cm x 11.8cm) al.-finned plate forward voltage, volts


▲Up To Search▲   

 
Price & Availability of BR350005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X