Part Number Hot Search : 
15665734 D74LVC HT9312BL DB137 F9Z34 JAPANESE E4001T SMBTA06U
Product Description
Full Text Search
 

To Download AM15E-2403DZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am 15e -z 15 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r 12. d 1 of 4 north america only features: ? rohs compliant ? operating temperature - 40 o c to + 8 5 o c ? full smd internal technology ? input/ o utput i solation 1500vdc ? wide 2 :1 input range ? continuous short circuit protection ? high efficiency up to 88 % ? pin compatible with multiple manufacturers ? low profile m etal package models single output model input voltage (v) output voltage (v) output current max ( a) capacitive load, max ( f ) efficiency (%) am15e - 1203s z 9 - 18 3.3 3 3300 79 am15e - 1205s z 9 - 18 5 3 3300 83 am15e - 1207s z 9 - 18 7 .2 2 22 00 83 am15e - 1209s z 9 - 18 9 1 .66 1000 83 am15e - 1212s z 9 - 18 12 1 . 25 1000 85 am15e - 1215s z 9 - 18 15 1 680 85 am15e - 1218s z 9 - 18 18 0.8 470 83 am15e - 1224s z 9 - 18 24 0.62 47 0 85 am15e - 2403sz 18 - 36 3.3 3 3300 80 am15e - 2405sz 18 - 36 5 3 3300 85 am15e - 2407sz 18 - 36 7. 2 2 2200 84 am15e - 2409sz 18 - 36 9 1.66 1000 85 am15e - 2412sz 18 - 36 12 1.25 1000 86 am15e - 2415sz 18 - 36 15 1 680 88 am15e - 2418sz 18 - 36 18 0.8 470 86 am15e - 2424sz 18 - 36 24 0.62 470 86 am15e - 4803sz 36 - 72 3.3 3 3300 80 am15e - 4805sz 36 - 72 5 3 3300 85 am15e - 4807sz 36 - 72 7.2 2 2200 85 am15e - 4809sz 36 - 72 9 1.66 1000 85 am15e - 4812sz 36 - 72 12 1.25 1000 88 am15e - 4815sz 36 - 72 15 1 680 87 am15e - 4818sz 36 - 72 18 0.8 470 86 am15e - 4824sz 36 - 72 24 0.62 470 85 models dual output model input voltage (v) output vo ltage (v) output current max (a) capacitive load, max (f) efficiency (%) am15e - 1203dz 9 - 18 3.3 2 1000 79 am15e - 1205dz 9 - 18 5 1.5 1000 83 am15e - 1207dz 9 - 18 7.2 1 680 82 am15e - 1209dz 9 - 18 9 0.83 470 82 am15e - 1212dz 9 - 18 12 0.62 470 85 am15e - 1215dz 9 - 18 15 0.5 330 85 am15e - 1218dz 9 - 18 18 0.4 220 82 am15e - 1224dz 9 - 18 24 0.31 220 85 am15e - 2403dz 18 - 36 3.3 2 1000 80 am15e - 2405dz 18 - 36 5 1.5 1000 85 am15e - 2407dz 18 - 36 7.2 1 680 82 am15e - 2409dz 18 - 36 9 0.83 470 82
series am 15e -z 15 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r 12. d 2 of 4 north america only models dual output (continued) model input voltage (v) output voltage (v) output current max (a) capacitive load, max (f) efficiency (%) am15e - 2412dz 18 - 36 12 0.62 470 86 am15e - 2415dz 18 - 36 15 0.5 330 87 am15e - 2418dz 18 - 36 18 0.4 220 82 am 15e - 2424dz 18 - 36 24 0.31 220 86 am15e - 4803dz 36 - 72 3.3 2 1000 80 am15e - 4805dz 36 - 72 5 1.5 1000 85 am15e - 4807dz 36 - 72 7.2 1 680 85 am15e - 4809dz 36 - 72 9 0.83 470 85 am15e - 4812dz 36 - 72 12 0.62 470 86 am15e - 4815dz 36 - 72 15 0.5 330 85 am15e - 4818dz 36 - 72 18 0.4 220 84 am15e - 4824dz 36 - 72 24 0.31 220 85 note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified . i nput specifications parameters nominal typical maximum units voltage range 12 9 - 18 vdc 24 18 - 36 48 36 - 72 filter (pi) network start up time 20 ms absolute maximum rating 12 vin - 0.7 - 24 vdc 24 vin - 0.7 - 40 48 vin - 0.7 - 80 peak input voltage time 100 ms isolation specifications parameters conditions typical rated units tested i/o voltage 3 sec 1500 vdc resistance > 1000 mohm capacitance 470 pf output specifications parameters conditions typical maximum units vo ltage accuracy 1 % voltage balance (dual output model) balanced load 1 % short circuit protection continuous short circuit restart auto recovery current limiting 1 2 0 % line voltage regulation (single) hl - ll 0.5 % line voltage regulation (dua l) hl - ll 0.5 % load voltage regulation (single) 10 - 100% load 0.5 % load voltage regulation (dual) 10 - 100% load 0.5 % temperature coefficient 0.02 %/ o c ripple & noise at 20mhz bandwidth 100 mv p - p rising time 10 ms
series am 15e -z 15 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r 12. d 3 of 4 north america only general specificatio ns parameters conditions typical maximum units switching frequency 100% load 2 00 khz operating temperature derating above 71oc - 40 to +85 o c storage temperature - 40 to +125 o c maximum c ase temp era ture 100 o c cooling free air convection humidity 95 % case material nickel coated copper potting material ul94v - 0 rated weight 30 g dimensions (l x w x h) tolerance 0.5mm 2.0 0 x 1.00 x 0.4 0 inches 50.8 0 x 25.4 0 x 10.16 mm mtbf > 1,121, 000 hrs (mil - hdbk - 217f, ground benign, t=+25 o c) transi ent recovery time at nominal input, 25% load step change (75% - 50% - 25% of iout) 350 ms safety specifications parameters agency approvals ce standards en 55022 (radiated) ? class a; en 55024 ? class a; iec61000 - 4 - 2 ; iec61000 - 4 - 3 note: also desig ned to meet iec60950 - 1:2001 pin out specifications dimensions : pin 1500vdc single dual 1 + v input + v input 2 - v input - v input 3 + v output + v output 4 no pin common 5 - v output - v output notes : all dimensions are typical in millimeters ( inches ). tolerance 0 . 25 ( 0 . 01 ) 1 2 3 4 5 bottom view dia 1 . 00 ( 0 . 04) 20 . 32 (0 . 80) 15 . 24 (0 . 60 ) 15 . 24 (0 . 60 ) 1 0 . 1 6 (0 . 4 0 ) 1 0 . 1 6 (0 . 4 0 ) 5 . 0 8 (0 . 2 0 ) 1 0 . 1 6 (0 . 4 0 ) 1 0 . 1 6 (0 . 4 0 ) 2 . 5 4 (0 . 1 0 ) 2 . 5 4 (0 . 1 0 ) 50 . 80 (2 . 00 ) 2 5 . 4 0 (1 . 0 0 ) 1 0 . 1 6 (0 . 4 0 ) 5 . 0 8 (0 . 2 0 ) mi n built - in stand - offs to ease pcb cleaning
series am 15e -z 15 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r 12. d 4 of 4 north america only derating note: 1. datasheets are updated as needed and as such, specifications are subject to change without notice. once printed or downloaded, datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency certifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary and may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environment s, nuclear control systems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s standard terms of sale available at www.aimtec.com. - 40 - 20 0 20 40 60 80 100 100 80 60 40 20 0 safe operating area o u t p u t p o w e r ( % ) 85 ambient temperature o c a b c d b 100 lfm a free air 70 o c 75 o c c 200 lfm 80 o c d 400 lfm 85 o c


▲Up To Search▲   

 
Price & Availability of AM15E-2403DZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X