Part Number Hot Search : 
MMSZ52 01200 LI581 PR1007 LM257606 ASF140 46010 SPT5330
Product Description
Full Text Search
 

To Download 90130-1144 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0901301144 status: active overview: cgrid_iii description: 2.54mm (.100") pitch c-grid iii? header, dual row, vertical, shrouded, fully loaded, 44 circuits, black, 3m (118") tin (sn) over nickel (ni) documents: 3d model product specification ps-99020-0001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 90130 application wire-to-board overview cgrid_iii product name c-grid iii? physical breakaway no circuits (loaded) 44 circuits (maximum) 44 color - resin black durability (mating cycles max) 30 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin polyester number of rows 2 orientation vertical pc tail length (in) 0.114 in pc tail length (mm) 2.90 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.063 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 118 plating min: mating (m) 3 plating min: termination (in) 118 plating min: termination (m) 3 polarized to mating part yes polarized to pcb no shrouded closed ends stackable no temperature range - operating -55c to +125c termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 90130 series mates with 90142 c-grid iii? crimp housing
electrical current - maximum per contact 3a voltage - maximum 350v ac/dc material info reference - drawing numbers packaging specification pk-90130-001, pk-91814-005 product specification ps-99020-0001 sales drawing sda-90130 this document was generated on 05/25/2010 please check www.molex.com for latest part information






▲Up To Search▲   

 
Price & Availability of 90130-1144

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X