![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
0.8 mm 17 specifications: 06~40circuits insulator material operating temp. range terminal material plating max. current rating voltage rating dielectric strength : black high temp. plastic : phosphor bronze : gold plated : 0.5 a : 100v ac : 500v (min. 60 seconds) 800120MA series mates with suyin 800123fa series order information recommended p.c.b. layout dimensional information suyin p/no. dim.a 11.4 dim.b 10.6 dim.c 8.8 dim.d 10.6 0.8 mm pitch dual row pin header smd type 1. 'a' : straight smt type 2. no. of pins 3. plating 4. color 'z' : black 5. package 'u' : tube package without cap reference page 11
|
Price & Availability of 800120MA
![]() |