Part Number Hot Search : 
IRLD110 MKTD05 FB5002 10X12 15005 VT8225 2503F SUR503EF
Product Description
Full Text Search
 

To Download 2SC3153 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jmnic product specification silicon npn power transistors 2SC3153 description ? with to-3pn package ? high breakdown voltage (v cbo ?y 900v) ? fast switching speed ? wide aso ? safe operating area ? applications ? 800v/6a switching regulator applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings (ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 900 v v ceo collector-emitter voltage open base 800 v v ebo emitter-base voltage open collector 7 v i c collector current 6 a i cm collector current-peak 20 a i b base current 3 a p c collector power dissipation t c =25 ?? 100 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-3pn) and symbol
jmnic product specification 2 silicon npn power transistors 2SC3153 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =5ma ;r be = ?t 800 v v (br)cbo collector-base breakdown voltage i c =1ma ;i e =0 900 v v (br)ebo emitter-base breakdown voltage i e =1ma ;i c =0 7 v v cesat collector-emitter saturation voltage i c =3a; i b =0.6a 2.0 v v besat base-emitter saturation voltage i c =3a ;i b =0.6a 1.5 v i cbo collector cut-off current v cb =800v; i e =0 10 | a i ebo emitter cut-off current v eb =5v; i c =0 10 | a h fe-1 dc current gain i c =0.4a ; v ce =5v 10 40 h fe -2 dc current gain i c =2a ; v ce =5v 8 c ob output capacitance i e =0 ; v cb =10v;f=1mhz 120 pf f t transition frequency i c =0.4a ; v ce =10v 15 mhz switching times t on turn-on time 1.0 | s t s storage time 3.0 | s t f fall time i c =4a;i b1 =0.8a;i b2 =-1.6a r l =100 |? ,v cc =400v 0.7 | s ? h fe-1 classifications k l m 10-20 15-30 20-40
jmnic product specification 3 silicon npn power transistors 2SC3153 package outline fig.2 outline dimensions
jmnic product specification 4 silicon npn power transistors 2SC3153


▲Up To Search▲   

 
Price & Availability of 2SC3153

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X