Part Number Hot Search : 
M1101 MPY43C49 ES5603 SSF6808A DTC144WE FP5109 AC126 7130A
Product Description
Full Text Search
 

To Download 2SB1640 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jmnic product specification silicon pnp power transistors 2SB1640 description ? with ito-220 package ? low collector saturation voltage ? complement to type 2sd2525 applications ? audio frequency power amplifier pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ?? ) symbol param eter conditions va lue unit v cbo collector-base voltage open emitter -60 v v ceo collector-emitter voltage open base -60 v v ebo emitter-base voltage open collector -7 v i c collector current -3 a i b base current -0.5 a p c collector power dissipation t c =25 ?? 1.8 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (ito-220) and symbol
jmnic product specification 2 silicon pnp power transistors 2SB1640 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-50ma ;i b =0 -60 v v cesat collector-emitter saturation voltage i c =-2a; i b =-0.2a -1.0 -1.5 v v be base-emitter on voltage i c =-0.5a ; v ce =-5v -0.75 -1.0 v i cbo collector cut-off current v cb =-60v ;i e =0 -10 | a i ebo emitter cut-off current v eb =-7v ;i c =0 -10 | a h fe-1 dc current gain i c =-0.5a ; v ce =-5v 100 320 h fe-2 dc current gain i c =-2a ; v ce =-5v 15 f t transition frequency i c =-0.5a ; v ce =-5v 9 mhz c ob output capacitance i e =0; v cb =-10v;f=1mhz 50 pf
jmnic product specification 3 silicon pnp power transistors 2SB1640 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.20 mm)


▲Up To Search▲   

 
Price & Availability of 2SB1640

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X