Part Number Hot Search : 
DS1413 U4221B 02101 R2002 AAT1299 MAX662A SF603 STV9326
Product Description
Full Text Search
 

To Download 0407360011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | installation products | markings | terminal markers | card | dekafix | standard print | dek 6.5 | vertical | digits continuous linear - 1 - general ordering data order no. 0407360011 part designation dek 6,5 fsz 11-20 version connector markers, l x w: 5 x 6.5 mm, polyamide, white ean 4008190141172 qty. 500 pc(s). markings cadmium no can be labelled with thermal transfer printers no can be printed with plotter no can be written with dot-matrix printer no can be written with laser printer no colour of printing black function connector markers halogen no length 5 mm material polyamide material colour white material colour according to resistance code 9 max. temperature, continuous 100 c min. temperature, continuous -40 c orientation of print vertical pin can be written (sti) no pitch 6.5 mm printjet no printed characters numbers printing method mc laser silicone no speed marking laser no type of printing standard ul 94 flammability class v2 width 6.5 mm
product catalogue | installation products | markings | terminal markers | card | dekafix | standard print | dek 6.5 | vertical | digits continuous linear - 2 - classifications etim 2.0 ec000761 etim 3.0 ec000761 eclass 4.1 24-19-02-19 eclass 5.0 27-14-11-37 eclass 5.1 27-14-11-37 similar products order no. part designation version 0407360001 dek 6,5 fsz 1-10 connector markers, l x w: 5 x 6.5 mm, polyamide, white 0407360021 dek 6,5 fsz 21-30 connector markers, l x w: 5 x 6.5 mm, polyamide, white 0407360031 dek 6,5 fsz 31-40 connector markers, l x w: 5 x 6.5 mm, polyamide, white 0407360041 dek 6,5 fsz 41-50 connector markers, l x w: 5 x 6.5 mm, polyamide, white 0407360051 dek 6,5 fsz 51-60 connector markers, l x w: 5 x 6.5 mm, polyamide, white 0407360061 dek 6,5 fsz 61-70 connector markers, l x w: 5 x 6.5 mm, polyamide, white 0407360071 dek 6,5 fsz 71-80 connector markers, l x w: 5 x 6.5 mm, polyamide, white 0407360081 dek 6,5 fsz 81-90 connector markers, l x w: 5 x 6.5 mm, polyamide, white 0407360091 dek 6,5 fsz 91-100 connector markers, l x w: 5 x 6.5 mm, polyamide, white


▲Up To Search▲   

 
Price & Availability of 0407360011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X