Part Number Hot Search : 
030CX1A OPB821TX CMDZ39V U3410 1N416E 030CX1A ADG738B 74HC164
Product Description
Full Text Search
 

To Download ZTX792A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pnp silicon planar medium power high gain transistor issue 2 ? april 94 features * 70 volt v ceo * gain of 400 at i c =3 amps * very low saturation voltage applications * darlington replacement * flash gun convertors * battery powered circuits * motor drivers absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo -75 v collector-emitter voltage v ceo -70 v emitter-base voltage v ebo -5 v peak pulse current i cm -4 a continuous collector current i c -2 a practical power dissipation* p totp 1.5 w power dissipation at t amb =25c derate above 25c p tot 1 5.7 w mw/c operating and storage temperature range t j :t stg -55 to +200 c *the power which can be dissipated assuming the device is mounted in a typical manner on a p.c.b. with copper equal to 1 inch square minimum electrical characteristics (at t amb = 25c) parameter symbol min. typ. max. unit conditions. collector-base breakdown voltage v (br)cbo -75 v i c =-100 m a collector-emitter breakdown voltage v (br)ceo -70 v i c =-10ma* emitter-base breakdown voltage v (br)ebo -5 v i e =-100 m a collector cut-off current i cbo -0.1 m a v cb =-40v emitter cut-off current i ebo -0.1 m a v eb =-4v collector-emitter saturation voltage v ce(sat) -0.45 -0.5 -0.5 v v v i c =-500ma, i b =-5ma* i c =-1a, i b =-25ma* i c =-2a, i b =-200ma* base-emitter saturation voltage v be(sat) -0.95 v i c =-1a, i b =-25ma* base-emitter turn-on voltage v be(on) -0.75 v ic=-1a, v ce =-2v* static forward current transfer h fe 300 250 200 800 i c =-10ma, v ce =-2v* i c =-500ma, v ce =-2v* i c =-1a, v ce =-2v* e-line to92 compatible ZTX792A 3-282 c b e electrical characteristics (at t amb = 25c) parameter symbol min. typ. max. unit conditions. transition frequency f t 100 mhz i c =-50ma, v ce =-5v f=50mhz input capacitance c ibo 225 pf v eb =-0.5v, f=1mhz output capacitance c obo 22 pf v cb =-10v, f=1mhz switching times t on t off 35 750 ns ns i c =-500ma, i b1 =-50ma i b2 =-50ma, v cc =-10v *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% thermal characteristics parameter symbol max. unit thermal resistance: junction to ambient 1 junction to ambient 2 junction to case r th(j-amb)1 r th(j-amb)2 ? r th(j-case) 175 116 70 c/w c/w c/w ? device mounted on p.c.b. with copper equal to 1 sq. inch minimum. ZTX792A -40 0.0001 derating curve t -temperature (c) m ax po we r d issipati o n - ( w a tts) maximum transient thermal impedance pulse width (seconds) thermal resistance (c/w) 10 100 1 0.1 0.01 -20 0 20 40 60 80 100 120 200 180 160 140 0.001 0 100 200 d=0.2 d=0.1 single pulse d=0.5 t 1 t p d=t 1 /t p 1.0 0.5 2.0 1.5 case temperature 2.5 ambient temperat ure 0 d=1 (d.c.) 3-283
pnp silicon planar medium power high gain transistor issue 2 ? april 94 features * 70 volt v ceo * gain of 400 at i c =3 amps * very low saturation voltage applications * darlington replacement * flash gun convertors * battery powered circuits * motor drivers absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo -75 v collector-emitter voltage v ceo -70 v emitter-base voltage v ebo -5 v peak pulse current i cm -4 a continuous collector current i c -2 a practical power dissipation* p totp 1.5 w power dissipation at t amb =25c derate above 25c p tot 1 5.7 w mw/c operating and storage temperature range t j :t stg -55 to +200 c *the power which can be dissipated assuming the device is mounted in a typical manner on a p.c.b. with copper equal to 1 inch square minimum electrical characteristics (at t amb = 25c) parameter symbol min. typ. max. unit conditions. collector-base breakdown voltage v (br)cbo -75 v i c =-100 m a collector-emitter breakdown voltage v (br)ceo -70 v i c =-10ma* emitter-base breakdown voltage v (br)ebo -5 v i e =-100 m a collector cut-off current i cbo -0.1 m a v cb =-40v emitter cut-off current i ebo -0.1 m a v eb =-4v collector-emitter saturation voltage v ce(sat) -0.45 -0.5 -0.5 v v v i c =-500ma, i b =-5ma* i c =-1a, i b =-25ma* i c =-2a, i b =-200ma* base-emitter saturation voltage v be(sat) -0.95 v i c =-1a, i b =-25ma* base-emitter turn-on voltage v be(on) -0.75 v ic=-1a, v ce =-2v* static forward current transfer h fe 300 250 200 800 i c =-10ma, v ce =-2v* i c =-500ma, v ce =-2v* i c =-1a, v ce =-2v* e-line to92 compatible ZTX792A 3-282 c b e electrical characteristics (at t amb = 25c) parameter symbol min. typ. max. unit conditions. transition frequency f t 100 mhz i c =-50ma, v ce =-5v f=50mhz input capacitance c ibo 225 pf v eb =-0.5v, f=1mhz output capacitance c obo 22 pf v cb =-10v, f=1mhz switching times t on t off 35 750 ns ns i c =-500ma, i b1 =-50ma i b2 =-50ma, v cc =-10v *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% thermal characteristics parameter symbol max. unit thermal resistance: junction to ambient 1 junction to ambient 2 junction to case r th(j-amb)1 r th(j-amb)2 ? r th(j-case) 175 116 70 c/w c/w c/w ? device mounted on p.c.b. with copper equal to 1 sq. inch minimum. ZTX792A -40 0.0001 derating curve t -temperature (c) m ax po we r d issipati o n - ( w a tts) maximum transient thermal impedance pulse width (seconds) thermal resistance (c/w) 10 100 1 0.1 0.01 -20 0 20 40 60 80 100 120 200 180 160 140 0.001 0 100 200 d=0.2 d=0.1 single pulse d=0.5 t 1 t p d=t 1 /t p 1.0 0.5 2.0 1.5 case temperature 2.5 ambient temperat ure 0 d=1 (d.c.) 3-283
ZTX792A d.c. 1s 100ms 10ms 1.0ms 0.1ms i c /i b =10 i c /i b =40 i c /i b =20 i c /i b =100 v ce =2v i c /i b =40 v ce =2v 0.01 0.1 1 10 0.8 0.6 0 1.6 0.01 0.1 1 10 0.01 0.1 1 10 1.0 0.8 0.6 0.4 0.2 1.6 1.4 1.2 0.01 0.1 1 10 1.0 0.8 0.6 0.4 0 0.2 1.6 1.4 1.2 typical characteristics v ce(sat) v i c i c - collector current (amps) v ce ( s at) - (v olts) v ce(sat) v i c i c - collector current (amps) v ce (sa t ) - (v olts) i c - collector current (amps) i c - collector current (amps) h fe v i c v be(sat) v i c i c - collector current (amps) v be(on) v i c h f e - no r mal ised ga i n v be - (v olts) i c - colle c tor cur r e n t ( amps) 750 500 250 h f e - t yp i cal gain v ce - collector voltage (volts) safe operating area 0.1 100 1 10 0.01 0.1 1 10 single pulse test at t amb =25c t amb =25c -55c +25c +100c +175c 0 +100c +25c -55c 0.01 0.1 1 10 1.0 0.8 0.6 0.4 0 0.2 1.6 1.4 1.2 v b e (sat) - ( v olts) -55c +25c +100c +175c 1.8 1.4 1.2 1.0 0.4 0.2 0.8 0.6 0 1.6 1.8 1.4 1.2 1.0 0.4 0.2 -55c +25c +100c 3-284


▲Up To Search▲   

 
Price & Availability of ZTX792A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X