Part Number Hot Search : 
D78312G FDB8878 MAX420 2SA1170 ZL10355 0218FC RN4906 D1631
Product Description
Full Text Search
 

To Download UT75N80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  UT75N80 UT75N80 UT75N80 UT75N80 unitpower n - c h a n n e l e n h a n c e m e n t m o d e m o s f e t c o p y r i g h t ? r e v . p . 1 - f e b . , 2 0 1 0 1 r e s e r v e s t h e r i g h t t o m a k e c h a n g e s t o i m p r o v e r e l i a b i l i t y o r m a n u f a c t u r a b i l i t y w i t h o u t n o t i c e , a n d a d v i s e c u s t o m e r s t o o b t a i n t h e l a t e s t v e r s i o n o f r e l e v a n t i n f o r m a t i o n t o v e r i f y b e f o r e p l a c i n g o r d e r s . p i n d e s c r i p t i o n o r d e r i n g a n d m a r k i n g i n f o r m a t i o n f e a t u r e s a p p l i c a t i o n s 8 0 v / 7 0 a , r d s ( o n ) = 1 1 m ? ( m a x . ) @ v g s = 1 0 v r e l i a b l e a n d r u g g e d l e a d f r e e a n d g r e e n d e v i c e s a v a i l a b l e ( r o h s c o m p l i a n t ) s y n c h r o n o u s r e c t i f i c a t i o n . n - c h a n n e l m o s f e t t o p v i e w o f t o - 2 2 0 g s d n o t e : l e a d - f r e e p r o d u c t s c o n t a i n m o l d i n g c o m p o u n d s / d i e a t t a c h m a t e r i a l s a n d 1 0 0 % m a t t e t i n p l a t e t e r m i n a - t i o n f i n i s h ; w h i c h a r e f u l l y c o m p l i a n t w i t h r o h s . l e a d - f r e e p r o d u c t s m e e t o r e x c e e d t h e l e a d - f r e e r e q u i r e m e n t s o f i p c / j e d e c j - s t d - 0 2 0 d f o r m s l c l a s s i f i c a t i o n a t l e a d - f r e e p e a k r e f l o w t e m p e r a t u r e . d e f i n e s g r e e n t o m e a n l e a d - f r e e ( r o h s c o m p l i a n t ) a n d h a l o g e n f r e e ( b r o r c l d o e s n o t e x c e e d 9 0 0 p p m b y w e i g h t i n h o m o g e n e o u s m a t e r i a l a n d t o t a l o f b r a n d c l d o e s n o t e x c e e d 1 5 0 0 p p m b y w e i g h t ) . handling code temperature range package code package code operating junction temperature range c : -55 to 175 o c handling code tu : tube assembly material g : halogen and lead free device xxxxx xxxxx - date code assembly material g d s p o w e r m a n a g e m e n t i n i n v e r t e r s y s t e m s . unitpower unitpower unitpower unitpower unitpower technology ltd t:to-220
UT75N80 2 a b s o l u t e m a x i m u m r a t i n g s symbol parameter rati ng unit common ra t ings (t a =25 c un less otherwise noted) v dss drain - source volt age 80 v gss ga te - source voltage 25 v t j maximum junction t emp e ra ture 175 t stg sto ra ge t emperat u re range - 55 to 175 ? i s d iode c ontinuous forward cu r rent 70 i d p 300 s pulse drai n cur re nt tested t c =25 ? 280 t c =25 ? 70 i d continuous d ra in current t c =100 ? 50 a t c =25 ? 100 p d maximum power d issipation t c =100 ? 50 w r jc thermal resista nce - junc t ion t o case 1.5 r ja thermal resista nce - junc t ion t o a mb ient 62.5 ? /w e as avalanc he energ y, s in g le pu lsed l=2mh 0.8 j e l e c t r i c a l c h a r a c t e r i s t i c s ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) symbol parameter test condition min. typ. ma x. unit sta t ic characteristics bv dss drain - source breakdown volt age v gs =0 v , i ds =250 a 80 - - v v ds = 64 v , v gs =0v - - 1 i dss zero gate volta ge dra in cu rrent t j = 85 ? - - 30 a v gs(t h) gate thr esho ld volta ge v ds =v gs , i ds =250 a 2 3 4 v i gss gate leaka ge cur rent v gs = 25 v, v ds =0v - - 100 n a r ds (o n) a drain - source on - stat e r esistance v gs = 10 v, i ds = 40 a - 8 11 m ? diode characteristics v sd a d iode forward v o l tage i sd = 20 a , v gs =0v - 0.8 1.3 v t rr rev erse r ecovery time - 50 - ns qrr reverse r ecovery charge i sd = 40 a , dl sd /dt = 100a/ s - 90 - nc c o p y r i g h t ? r e v . p . 1 - f e b . , 2 0 1 0 unitpower technology ltd unitpower UT75N80
UT75N80 3 e l e c t r i c a l c h a r a c t e r i s t i c s ( c o n t . ) ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) symbol parameter test condition min. typ. ma x. unit dynam ic character istics b r g gate resistance v gs = 0 v ,v ds =0v ,f=1mhz - 1.3 - ? c iss inp u t ca pacitance - 3000 4200 c oss output capacitance - 350 - c r ss reverse transfer capacit ance v gs =0 v, v ds =30v, f requ ency =1.0mhz - 200 - pf t d(on) turn - on delay time - 22 40 t r turn - on r ise time - 14 25 t d (of f) turn - o f f delay time - 58 104 t f turn - o f f fa l l t ime v dd = 30 v, r l = 30 ? , i d s =1a, v gen =10 v , r g =6 ? - 25 45 ns gate ch a rge ch a racteristics b q g total gate charge - 77 108 q gs gate - source charge - 22 - q gd gate - dra in charge v ds = 40 v , v gs = 10 v, i d s = 40 a - 23 - nc note a : pulse test ; pul s e width 3 00 s, duty cycle 2% . note b : gua ranteed by design, not subject to production testing . c o p y r i g h t ? r e v . p . 1 - f e b . , 2 0 1 0 unitpower technology ltd unitpower UT75N80
4 p a c k a g e i n f o r m a t i o n to-220 a2 l l 1 e p q d h 1 a a1 c d 1 e1 d 2 b b2 e/2 e e2 s y m b o l min. max. 4.83 0.51 1.14 1.78 0.36 0.61 14.22 16.51 1.40 12.19 a a1 b2 c d d1 d2 e millimeters b 0.38 1.02 2.54 bsc to-220 9.65 10.67 6.86 0.100 bsc min. max. inches 0.190 0.020 0.015 0.040 0.045 0.070 0.014 0.024 0.560 0.650 0.480 0.380 0.420 0.270 3.56 0.140 0.055 e1 0.355 0.250 0.580 p l l1 e 12.70 8.38 9.02 6.35 14.73 0.500 0.330 q h1 5.84 6.86 0.230 0.270 4.09 0.161 2.03 a2 2.92 0.080 0.115 e2 0.76 0.030 12.88 0.507 0.350 8.89 3.53 0.139 2.54 3.43 0.100 0.135 note: follow jedec to-220 ab. c o p y r i g h t ? r e v . p . 1 - f e b . , 2 0 1 0 unitpower technology ltd unitpower UT75N80
5 c l a s s i f i c a t i o n p r o f i l e profile feature sn - pb eutectic assembly pb - free assembly preheat & soak temperature min (t smin ) temperature max (t smax ) time (t smin to t smax ) ( t s ) 100 c 150 c 60 - 120 seconds 150 c 200 c 60 - 1 2 0 seconds average ramp - up rate (t smax to t p ) 3 c/second ma x. 3 c/second max. liquidous temperature ( t l ) time at l iquidous (t l ) 183 c 60 - 150 seconds 217 c 60 - 150 seconds peak package body temperature (t p ) * see classification temp in table 1 see classification temp in table 2 time (t p ) ** within 5 c of the spec ified c lassification t emperature ( t c ) 2 0 ** seconds 3 0 ** seconds average r amp - down rate (t p to t smax ) 6 c/second max. 6 c/second max. time 25 c to p eak t emperature 6 minutes max. 8 minutes max. * tolerance for peak profile temperature (t p ) is defined a s a supplier minimum and a user maximum. ** tolerance for time at peak profile temperature (t p ) is defined as a supplier minimum and a user maximum. c l a s s i f i c a t i o n r e f l o w p r o f i l e s c o p y r i g h t ? r e v . p . 1 - f e b . , 2 0 1 0 unitpower technology ltd unitpower UT75N80
6 c l a s s i f i c a t i o n r e f l o w p r o f i l e s ( c o n t . ) table 2. pb - free p roces s c lassifi cation temperatu res (tc) pack age thick ness volume mm 3 <350 vol ume mm 3 350 - 2000 volume mm 3 >2 000 <1.6 mm 260 c 260 c 260 c 1 .6 mm 2.5 mm 260 c 250 c 245 c 2.5 mm 250 c 245 c 245 c table 1. snpb eutectic process classification temperatures (tc) package thickness volume mm 3 <350 volume mm 3 350 <2.5 mm 235 c 22 0 c 2.5 mm 220 c 220 c r e l i a b i l i t y t e s t p r o g r a m test item method description solderability jesd - 22, b102 5 sec, 245 c ho lt jesd - 22, a108 1000 hrs, bias @ 125 c pct jesd - 22, a102 168 hrs, 100 % rh, 2atm , 121 c tct jesd - 22, a104 500 cycles, - 65 c~150 c c o p y r i g h t ? r e v . p . 1 - f e b . , 2 0 1 0 unitpower technology ltd unitpower UT75N80


▲Up To Search▲   

 
Price & Availability of UT75N80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X