Part Number Hot Search : 
15530 C16LF MX929B 5ETTT EL7182CS G525A1 C16LF BT390
Product Description
Full Text Search
 

To Download SUD17N25-165 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SUD17N25-165 features ? trenchfet ? power mosfet ? 175 c junction temperature product summary v ds (v) r ds(on) ( )i d (a) 250 0.165 at v gs = 10 v 17 notes: a. surface mounted on 1" x 1" fr4 board. b. see soa curve for voltage derating. to-252 s gd top view drain connected to tab SUD17N25-165-e3 (lead (pb)-free) ordering information: n-channel mosfet g d s absolute maximum ratings t a = 25 c, unless otherwise noted parameter symbol limit unit drain-source voltage v ds 250 v gate-source voltage v gs 20 continuous drain current (t j = 175 c) b t c = 25 c i d 17 a t c = 125 c 9.8 pulsed drain current i dm 20 continuous source current (diode conduction) i s 17 single pulse avalanche current i as 5 single pulse avalanche energy l = 0.1 mh e as 1.25 mj maximum power dissipation t c = 25 c p d 136 b w t a = 25 c 3 a operating junction and storage temperature range t j , t stg - 55 to 175 c thermal resistance ratings parameter symbol typical maximum unit junction-to-ambient a t 10 sec r thja 15 18 c/w steady state 40 50 junction-to-case (drain) r thjc 0.85 1.1 rohs compliant n-channel 250 v (d-s) 175 c mosfet www.freescale.net.cn 1 / 5
notes: a. guaranteed by design, not subject to production testing. b. pulse test; pulse width 300 s, duty cycle 2 %. c. independent of operating temperature. stresses beyond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other condit ions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. specifications t j = 25 c, unless otherwise noted parameter symbol test conditions min typ a max unit static drain-source breakdown voltage v (br)dss v gs = 0 v, i d = 250 a 250 v gate threshold voltage v gs(th) v ds = v gs , i d = 250 a 2.5 4.0 gate-body leakage i gss v ds = 0 v, v gs = 20 v 100 na zero gate voltage drain current i dss v ds = 250 v, v gs = 0 v 1 a v ds = 250 v, v gs = 0 v, t j = 125 c 50 v ds = 250 v, v gs = 0 v, t j = 175 c 250 on-state drain current b i d(on) v ds = 15 v, v gs = 10 v 17 a drain-source on-state resistance b r ds(on) v gs = 10 v, i d = 14 a 0.131 0.165 v gs = 10 v, i d = 14 a, t j = 125 c 0.347 v gs = 10 v, i d = 14 a, t j = 175 c 0.462 forward transconductance b g fs v ds = 15 v, i d = 17 a 36 s dynamic a input capacitance c iss v gs = 0 v, v ds = 25 v, f = 1 mhz 1950 pf output capacitance c oss 160 reverse transfer capacitance c rss 70 total gate charge c q g v ds = 125 v, v gs = 10 v, i d = 17 a 30 42 nc gate-source charge c q gs 10 gate-drain charge c q gd 10 gate resistance r g 1.6 tu r n - o n d e l ay t i m e c t d(on) v dd = 125 v, r l = 7.35 i d ? 17 a, v gen = 10 v, r g = 2.5 15 25 ns rise time c t r 130 195 turn-off delay time c t d(off) 30 45 fall time c t f 100 150 source-drain diode ratings and characteristics (t c = 25 c) pulsed current i sm 20 a diode forward voltage b v sd i f = 17 a, v gs = 0 v 0.9 1.5 v source-drain reverse recovery time t rr i f = 17 a, di/dt = 100 a/s 115 175 ns www.freescale.net.cn 2 / 5 SUD17N25-165 n-channel 250 v (d-s) 175 c mosfet
typical characteristics 25 c unless noted output characteristics transconductance capacitance v ds - drain-to-source voltage (v) - drain current (a) i d 0 4 8 12 16 20 048121620 v gs = 10 thru 6 v 4 v 5 v 0 10 20 30 40 50 60 048121620 - transconductance (s) g fs t c = - 55 c 25 c 125 c i d - drain current (a) 0 700 1400 2100 2800 0 40 80 120 160 200 v ds - drain-to-source voltage (v) c - capacitance (pf) c oss c iss c rss transfer characteristics on-resistance vs. drain current gate charge v gs - gate-to-source voltage (v) - drain current (a) i d 0 4 8 12 16 20 0123456 - 55 c t c = 125 c 25 c - on-resistance ( ) i d - drain current (a) r ds(on) 0.00 0.04 0.08 0.12 0.16 0.20 0.24 0.28 0.32 048121620 v gs = 10 v - gate-to-source voltage (v) q g - total gate charge (nc) v gs 0 4 8 12 16 20 0 8 16 24 32 40 48 5 6 v ds = 125 v i d = 17 a www.freescale.net.cn 3 / 5 SUD17N25-165 n-channel 250 v (d-s) 175 c mosfet
typical characteristics 25 c unless noted thermal ratings on-resistance vs. junction temperature 0.4 0.8 1.2 1.6 2.0 2.4 2.8 - 50 - 25 0 25 50 75 100 125 150 175 t j - junction temperature (c) v gs = 10 v i d = 17 a r ds(on) - on-resistance (normalized) source-drain diode forward voltage v sd - source-to-drain voltage (v) - source current (a) i s 100 10 1 0.3 0.6 0.9 1.2 t j = 25 c t j = 150 c 0 maximum avalanche drain current vs. case temperature t c - case temperature (c) - drain current (a) i d 0 4 8 12 16 20 0 25 50 75 100 125 150 175 safe operating area v ds - drain-to-source voltage (v) - drain current (a) i d 10 0.1 0.1 1 10 1000 limited by r ds(on) 1 100 t c = 25 c single pulse 10 ms 100 ms, dc 100 s 10 s 100 1 ms normalized thermal transient impedance, junction-to-case 0.02 s q uare wave pulse duration ( sec ) 2 1 0.1 0.01 10 - 4 10 - 3 10 - 2 10 - 1 normalized effective transient thermal impedance 0.2 0.1 duty cycle = 0.5 1 0.05 single pulse www.freescale.net.cn 4 / 5 SUD17N25-165 n-channel 250 v (d-s) 175 c mosfet
www.freescale.net.cn disclaimer material category policy all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. freestyle intertechnology, inc., its affiliates, agents, and employees, and all persons acting on it s or their behalf (collectively, ?freestyle?), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other disclosure relating to any product. freestyle makes no warranty, representation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on freestyle?s knowledge of typical requirements that are often placed on freestyle products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customer?s responsib ility to validate that a particular product with the properties described in the product specification is suitable for use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customer?s technical experts. product specifications do not expand or otherwise modify freestyle?s terms and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, freestyle products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the freestyle product could result in personal injury or death. customers using or selling freestyle products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold freestyle and its distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay freestyle intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the european parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some freestyle documentation may still make reference to rohs directive 2002/95/ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. 5 / 5 SUD17N25-165 n-channel 250 v (d-s) 175 c mosfet


▲Up To Search▲   

 
Price & Availability of SUD17N25-165

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X