Part Number Hot Search : 
10500 EXQ60D GT4124 A1SHB SI442 DC37SQF TA200616 M184VCA
Product Description
Full Text Search
 

To Download STR4A60S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  parameter symbol typ unit repetitive peak off-state voltages v drm v rrm 600 v rms on-state current i t(rms) 4.0 a non-repetitive peak on-state current i tsm 30 a max. operating junction temperature t j 110 storage temperature t stg -45~150 STR4A60S general description parameter symbol test conditions min typ max unit repetitive peak off-state voltages v drm v rrm 600 v rms on-state current i t(rms) full sine wave; t mb 107 4 a peak on-state voltage v tm i t =6.0a 1.6 v holding current i h v d = 12 v; i gt = 0.1 a 10 ma gate trigger current t2+g+ i gt v d = 6.0v, r l =10 5 ma t2+g- 5 t2-g- 5 t2-g+ 8.0 12 gate trigger voltage t2+g+ v gt v d = 6.0v, r l =10 1.4 v t2+g- 1.4 t2-g- 1.4 t2-g+ 1.6 2.0 sensitive gate triacs this device is sensitive gate triac suitable for direct coupling to ttl, htl, cmos and application such as various logic functions, low power ac switching applications, such as fan speed, small light controllers and home appliance equipment. product specification absolute maximum ratings ( ta = 25 ) electrical characteristics ( ta = 25 ) to-126 tiger electronic co.,ltd


▲Up To Search▲   

 
Price & Availability of STR4A60S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X