Part Number Hot Search : 
MDS727 OSM5DK PFRA1100 SBE806 JDV2S07S 1021A 472E3 1021A
Product Description
Full Text Search
 

To Download SOD-123 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (cmf04) note 2: this rating specifies the non-repetitive peak cu (cmf03) 102c 127c (cmf02) 108c 100c (note 1) (note 1) - 40 to + 125 16 maximum thermal resistance (junction to lead) th (j-l) v 10(50hz) (non-repetitive maximum peak one cycle surge forward current 2.0 1.0 0.5 0.5 a 600 600 900 800 v symbol cmf01 cmf02 cmf03 cmf04 unit suitable for compact assembly due to small surface-mount 600v-900v 0.5a-2.0a cmf01 thru cmf04 web site: www.taychipst.com 1 of 2 features e-mail: sales@taychipst.com maximum ratings and electrical characteristics . maximum repetitive peak reverse voltage v rrm maximum average forward current ta = 65 c i f maximum forward voltage at i f f r c/w junction temperature range t j c storage temperature range t stg - 40 to + 150 c rating i fsm a switching mode power supply applications ? repetitive peak reverse voltage: v rrm ? average forward current: i f (av) ? forward voltage: v fm = 2.0 v (max) ? very fast reverse-recovery time: t rr = 100 ns (max.) ? ?m ? flat tm ? (toshiba package name) package SOD-123 30(50hz) v 2.0 2.5 note 1: t ? = rectangular waveform ( = 180) (note 1) (note 1) ? = t (cmf01) ? = t ? = t rrent in one cycle of a 50 hz sine wave, condition angle 180 . therefore the rating applies only to abnormal operation, which seldom occurs during the lifespan of a device.
ratings and characteristic curves cmf01 thru cmf04 e-mail: sales@taychipst.com web site: www.taychipst.com 2 of 2 600v-900v 0.5a-2.0a cmf01 thru cmf04 switching mode power supply applications 1 100 1000 0.001 1000 1 0.01 0.1 10 100 10 0 4 12 10 8 1 100 10 3 5 30 50 6 2 0 0 40 160 0.4 0.6 1.2 20 60 120 100 0.2 0.8 80 140 = 60 120 180 1.0 160 0 0 40 0.4 1.2 20 60 120 100 0.2 0.6 80 140 = 60 120 180 0.8 1.0 0 1.0 2.0 0 0.2 0.8 1.2 0.6 = 60 120 180 3.0 0.4 1.0 0 1.0 0.01 0.1 1 10 2.0 3.0 4.0 5.0 25c 75c t j = 150c average forward current i f (av) (a) ta m a x ? i f (av) device mounted on a glass-epoxy board ( board size: 50 mm 50 mm, land size: 6 mm 6 mm ) maximum allowable ambient temperature ta m a x ( c ) average forward current i f (av) (a) p f (av) ? i f (av) average forward power dissipation p f (av) (w) instantaneous forward voltage v f (v) i f ? v f instantaneous forward current i f (a) pulse test ta = 25c f = 50 hz time t (s) r th (j-a) ? t transient thermal impedance r th (j-a) (c/w) peak surge forward current i fsm (a) number of cycles surge forward current (non-repetitive) average forward current i f (av) (a) t ? max ? i f (av) maximum allowable lead temperature t ? max (c) device mounted on a glass-epoxy board (board size: 50 mm 50 mm, land size: 2.1 mm 1.4 mm, board thickness: 1.6 t) device mounted on a ceramic board (board size: 50 mm 50 mm, land size: 2 mm 2 mm, board thickness: 0.64 t) device mounted on a glass-epoxy board (board size: 50 mm 50 mm, land size: 6 mm 6 mm, board thickness: 1.6 t) 360 0 rectangular waveform conduction angle rectangular waveform 0 360 conduction angle: rectangular waveform 0 360 conduction angle:


▲Up To Search▲   

 
Price & Availability of SOD-123

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X