Part Number Hot Search : 
1N5913 FSH10A04 MIC2164 IRF740 ISD1212S 333J1000 PC250 24CX12
Product Description
Full Text Search
 

To Download RGP10D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low cost diffused junction low leakage low forward voltage drop high current capability and similar solvents case:jedec do-15,molded plastic terminals: axial lead ,solderable per mil- std-202,method 208 polarity: color band denotes cathode weight: 0.014 ounces0.39 grams mounting pos ition: any maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. rgp 10d rgp 10g rgp 10j rgp 10k rgp 10m units maximum recurrent peak reverse voltage v rrm 200 400 600 800 1000 v max imum rms v oltage v rms 140 280 420 560 700 v maximum dc blocking voltage v dc 200 400 600 800 1000 v maximum average forw ard rectified current 9.5mm lead length, @t a =75 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @t j =125 maximum instantaneous forw ard voltage @ 1.0 a v f v maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 maximum reverse recovery time (note1) t rr 250 ns typical junction capacitance (note2) c j pf typical thermal resistance (note3) r ja <d operating junction temperature range t j storage temperature range t stg note:1. measured with i f =0.5a, i r =1a, i rr =0.25a. do - 15 50 35 50 rgp 10a easily cleaned with freon,alcohol,isopropanol 100 70 a i fsm 3. thermal resistance f rom junction to ambient. a 2. measured at 1.0mhz and applied rev erse v oltage of 4.0v dc. - 55---- + 150 - 55---- + 150 50 150 15 i r 30.0 10.0 200.0 1.3 500 voltage range: 50 --- 1000 v current: 1.0 a 100 rgp 10b 1.0 a i f(av) the plastic material carries u/l recognition 94v-0 dimensions in millimeters rgp10a-rgp10m fast recovery rectifiers features mechanical data http://www.luguang.cn mail:lge@luguang.cn
-1.0a -0.25a 0 +0.5a t rr 1cm pulse generator (note2) d.u.t. 1 n.1. 50 n.1. oscilloscope (note 1) (+) 50vdc (approx) (-) 10 n.1. (-) (+) t j -1 00 t j -2 5 t j -7 5 0.01 0 0.1 1.0 10 20 40 60 100 80 120 140 1 0.1 1 0.4 10 100 10 20 5 2 50 0.2 2 4 4020 100 t j =25 f=1mh z 0.5 0.7 0.9 1.1 1.3 1.5 0.04 0.1 0.4 1.0 1.2 1.4 2.0 10 t j =25 pulse width=300 s 1.7 1.9 0 0 1 10 5 10 15 25 30 20 100 4 2 4020 t j =125 8.3ms single half sine-w ave 0 .2 .4 .6 .8 0 25 50 75 100 125 150 single phase hal f w ave 60h z resistive or inductive load 0.375"(9.5mm) lead length 1.0 200 175 average forward rectified c amperes peak forward surge current amperes forward current amperes reverse current amperes junction capacitance,p f reverse voltage,volts 2. rise time=10ns ma x. source impeda nce=5o set time base for 50/100 ns /cm fi g. 6 -- reverse recovery ti me characteri sti c and test ci rcui t di agram fi g. 5 -- typi cal juncti on capaci tance reverse voltage,volts percent of rated peak reverse voltage,% notes:1.rise time =7ns max. input impedance=1m .22pf fi g. 3--typi cal forword characteri sti c fi g. 1 -- forward derati ng curve fi g. 2--peak forword surge current fi g. 4 --reverse current vs reverse votage number of cycles at 60 hz ambient temperature, rgp10a-rgp10m fast recovery rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of RGP10D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X