Part Number Hot Search : 
SA30A 2SA1689 SF10A400 IN4045R 13130 2SA1689 NTE21 LT450BW
Product Description
Full Text Search
 

To Download RD2004JS-SB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  RD2004JS-SB no. a1895-1/3 features ? v f =1.5v max. (i f =20a) ? v rrm =400v ? t rr =20ns (typ.) speci cations absolute maximum ratings at ta=25c parameter symbol conditions ratings unit repetitive peak reverse voltage v rrm dc bias 400 v non-repeated peak reverse surge voltage v rsm pw 100 s, duty 0.1 430 v average output current i o 50hz resistive load, sine wave tc=41 c20a r.m.s forward current i f (rms) tc=25 c (sanyo ? s ideal heat dissipation condition) package limited, dc 23 a surge forward current i fsm 50hz sine wave 1pulse 180 a junction temperature tj 150 c storage temperature tstg --55 to +150 c package dimensions unit : mm (typ) 7533-001 ordering number : ena1895 10511sa tkim tc-00002483 sanyo semiconductors data sheet RD2004JS-SB http:// semicon.sanyo.com/en/network diffused junction silicon diode ultrahigh-speed switching diode product & package information ? package : to-220ml(ls) ? jeita, jedec : sc-67, sot-186a ? minimum packing quantity : 100 pcs./bag, 50 pcs./magazine marking electrical connection rd2004 lot no. 2 1 1 : cathode 2 : anode sanyo : to-220ml(ls)-sb 1.2 1.6 13 2 10.0 0.75 0.7 2.55 2.55 2.4 3.2 16.0 14.0 3.5 7.2 4.5 2.8 3.6 1.0
RD2004JS-SB no. a1895-2/3 electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max reverse voltage v r i r =1ma 400 v forward voltage v f i f =20a 1.3 1.5 v reverse current i r v r =400v 100 a reverse recovery time t rr 1i f =10a, di / dt=100a/ s4450ns t rr 2i f =0.5a, i r =1a 20 ns thermal resistance rth(j-c) junction-case : smoothed dc 4.0 c / w i f -- v f forward voltage, v f -- v forward current, i f -- a 0 0.4 1.2 0.8 0.2 1.0 0.6 1.4 5 7 2 3 2 0.001 0.01 5 7 3 2 0.1 5 7 3 2 3 2 1.0 5 7 3 10 it13031 ta=120 c 70 c 25 c --40 c i fsm -- t surge forward current, i fsm (peak) -- a time, t -- s cj -- v r junction capacitance, cj -- pf reverse voltage, v r -- v 0.1 1.0 2 3 57 2 10 3 57 2 2 3 5 2 7 100 5 3 10 f=100khz it13032 100 110 120 130 140 150 170 160 180 190 0.01 23 7 0.1 523 23 7 1.0 5 it13033 100 3 57 i s 20ms t current waveform 50hz sine wave rth(j-c) -- t transient thermal resistance rth(j-c) -- c / w time, t -- s it13318 0.001 0.01 2 2 3 5 37 2 0.1 5 37 2 1.0 5 37 2 10 5 37 7 3 5 2 5 7 1.0
RD2004JS-SB no. a1895-3/3 ps this catalog provides information as of january, 2011. speci cations and information herein are subject to change without notice. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, av equipment, communication device, office equipment, industrial equipment etc.). the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. sanyo semiconductor co.,ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.


▲Up To Search▲   

 
Price & Availability of RD2004JS-SB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X