Part Number Hot Search : 
SMB100A AD6652 30NC6 CY7C6 PHC094 SB102 MM3125K R16V2
Product Description
Full Text Search
 

To Download PX059028 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.elektron-bulgin.com 83 iec connectors iec connectors iec connectors en60 320-1 standard sheet c15 class i & standard sheet c16 class i hot condition px0590/28 px0595/10/28  hot condition  2.8 or 6.3mm tabs  10a, 250v a.c. (15a, 250v a.c. ul & csa)  hot condition  panel sizes 1, 1.5, 2.0 or 3.0mm  2.8, 4.8, 6.3mm tabs or screw terminals  10a, 250v a.c. (15a, 250v a.c. ul & csa) specification px0597/col px0590/term/col px0595/panel/term/col fixing (panel): flange snap fit, /10 (1mm), /15 (1.5mm), /20 (2mm), /30 (3mm) terminations: screw terminals /28 (2.8mm solder), /63 (6.3mm tab) /28 (2.8mm solder), /48 (4.8mm tab) /63 (6.3mm tab), /term (screw) colours: no suffix (black), /wh (white), /gy (grey) no suffix (black), /wh (white), /gy (grey) no suffix (black), /wh (white), /gy (grey) max. rating: 10a, 250v a.c. 10a, 250v a.c. 10a, 250v a.c. (ul & csa 15a, 250v a.c.) (ul & csa 15a, 250v a.c.) contact resistance: <10m ? <10m ? <10m ? insulation resistance: >10 3 m ? >10 3 m ? >10 3 m ? a.c. breakdown: pole-pole 4.5kv. poles-accessible pole-pole 5kv. poles-panel 10kv pole-pole 5kv. poles-panel 5.4kv parts 4kv operating temp. range: C40?c to + 70?c C40?c to + 70?c C40?c to + 70?c max. pin temp.: + 120?c + 120?c withdrawal force: 10n (min.) 50n (max.) mouldings: nylon, flammability rating ul94v-0 nylon, flammability rating ul94v-0 nylon, flammability rating ul94v-0 contacts: brass, clean brass, pins nickel plated. tabs, tin plated brass, pins nickel plated. tabs, tin plated approvals: accessories/notes: p.no. 11328, kt0006 (see pages 95 & 97) p.no. 11328 (see page 97) mating connectors: px0590, px0595 px0597 px0597 compliant compliant compliant flange mount inlet snap fit to panel inlet px0597  cable mounting  hot condition  mates with px0590 and px0595  screw terminals  10a, 250v a.c. straight female connector conns2 - in-outlets 2010:conns2 - in/outlets 2005v2 8/6/10 16:44 page 83


▲Up To Search▲   

 
Price & Availability of PX059028

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X