Part Number Hot Search : 
N1A36309 679SD TUF306 RYH331 P25XI BYD57VA 1115A RV065
Product Description
Full Text Search
 

To Download PPL101J1H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in millimeters (mm) rv 50/100vdc 200/250vdc dim. cap( f) w t h p 1 w t h p 1 0.0010 5.8 3.3 10.5 3.0 7.0 4.0 11.0 3.0 0.0012 5.8 3.3 10.5 3.0 7.0 4.0 11.0 3.0 0.0015 5.8 3.3 10.5 3.0 7.0 4.0 11.0 3.0 0.0018 5.8 3.3 10.5 3.0 7.0 4.0 11.0 3.0 0.0022 5.8 3.3 10.5 3.0 7.0 4.0 11.0 3.0 0.0027 5.8 3.3 10.5 3.0 7.0 4.0 11.0 3.0 0.0033 5.8 3.3 10.5 3.0 7.0 4.0 11.0 3.0 0.0039 6.0 3.5 10.5 3.0 7.0 4.0 11.0 3.0 0.0047 6.0 3.5 10.5 3.0 7.0 4.0 11.0 3.0 0.0056 6.0 3.5 10.5 3.0 7.0 4.0 11.0 3.0 0.0068 6.0 3.5 10.5 3.0 7.0 4.0 11.0 3.0 0.0082 6.5 4.0 10.5 3.0 7.0 4.5 11.0 3.0 0.010 6.5 4.0 10.5 3.0 7.0 4.5 11.0 3.0 0.012 6.5 4.0 10.5 3.0 7.0 4.5 11.0 3.0 0.015 7.5 4.0 10.5 4.0 9.0 5.0 13.0 4.0 0.018 7.5 4.0 10.5 4.0 9.0 5.0 13.0 4.0 0.022 7.8 4.5 10.5 4.0 9.0 5.0 13.0 4.0 0.027 7.8 4.5 12.0 5.0 9.0 5.5 13.0 5.0 0.033 8.0 4.6 12.0 5.0 9.0 5.5 13.0 5.0 0.039 8.0 5.0 12.5 5.0 11.0 6.0 14.0 5.0 0.047 9.3 5.0 12.5 6.0 11.0 6.0 14.0 6.0 0.056 9.7 5.0 12.5 6.0 11.0 7.0 14.0 6.0 0.068 10.0 5.5 12.5 6.0 12.0 7.0 14.0 6.0 0.082 10.5 6.0 12.5 7.0 13.0 8.0 15.0 7.0 0.10 11.5 6.5 13.0 7.0 14.0 8.0 15.0 7.0 0.12 12.0 7.0 13.0 7.0 14.0 8.0 15.0 7.0 0.15 12.0 7.0 15.0 7.0 15.0 8.0 17.0 7.0 0.18 12.0 7.5 16.0 8.0 16.0 9.0 18.0 8.0 0.22 13.5 8.0 16.0 8.0 18.0 10.0 18.0 8.0 0.27 14.0 8.5 16.0 8.0 0.33 15.5 8.5 19.0 10.0 0.39 16.0 9.0 20.0 10.0 0.47 18.0 10.0 21.0 10.0 meritek polypropylene film capacitors ppl series (inductive) f eatures ? low dissipation factor (df) and high insulation resistance ? high stability and reliability ? esr minimized by spot -welding of electrodes and lead wires ? epoxy resin coating enhances mechanical strength and moisture resistance ? heat resistance: 240 o c 10 (5 seconds) s pecifications 1. operating temperature: -40 o c to +85 o c 2. capacitance range: 0.001 f to 0.47 f 3. capacitance tolerance: 5%(j), 10%(k), 20%(m) 4. rated voltage: 50vdc, 100vdc, 200vdc, 250vdc 5. dissipation factor: 0.1% max. at 1khz, 25 o c 6. insulation resistance: 20000m (c .1 f) 2000m ? f (c > .1 f) p art n umbering s ystem ppl 332 j 2a meritek series capacitance code 101 102 103 104 105 106 ( pf ) 100 1,000 10,000 100,000 ( nf ) --- 1 10 100 1000 ( f ) --- 0.001 0.01 0.1 1 10 tolerance code j k m tolerance (%) 5 10 20 rated voltage code 1h 2a 2d 2e 50v 100v 200v 250v tape & reel/tape & ammo available please contact factory for part numbers ppl are constructed with polypropylene film dielectric, tinned copper leads, and an epoxy resin coating. they exhibit comparatively lower dielectric absorption and significantly lower temperature variation in electrostatic capacitance. ppl possess a high insulation resistance and are therefore ideal for use in circuits wherein great importance is placed on q factor, e.g. in rf circuits and computers. 1.5 fications are subject to change without notice. s pecifications are subject to change without notice. rev.6 a


▲Up To Search▲   

 
Price & Availability of PPL101J1H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X