Part Number Hot Search : 
1E104 N4148WS D1005 0M500 1N534 PM534 NJW1138M STM495
Product Description
Full Text Search
 

To Download PFM-535S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note: all specifications are subject to change without notice. 04-13 04 features pc/104 modules specifications cable kit ? 1700060152 keyboard & mouse cable 1701160201 vga cable product cd product cd ? PFM-535S with heatsink ? packing list pc/104 module with dm&p? vortex86sx?/vortex86dx? soc processor system form factor pc/104 processor onboard dm&p? vortex86sx? soc (300 mhz)/ vortex86dx? soc (1 ghz) processor system memory onboard ddr2 memory C 256 mb ethernet vortex86sx?/dx? mac controller + intel? 82551er, 10/100base-tx, rj-45 x 2 bios ami - 256 kb rom watchdog timer generates a time-out system reset h/w status monitoring supports power supply voltages and temperature monitoring expansion interface pc/104+ battery lithium battery power requirement +5v/ at power consumption (typical) vortex86dx? 256 mb 1.82a@+5v board size 3.55" (l) x 3.77" (w) (90mm x 96mm) gross weight 0.33 lb (0.15 kg) operating temperature 32 f ~ 140 f (0 c ~ 60 c) storage temperature -40 f ~ 176 f (-40 c ~ 80 c) operating humidity 0% ~ 90% relative humidity, non-condensing mtbf (hours) 129,000 display supports crt/lcd simultaneous/ dual view display chipset smi712gf4 resolution up to 1280x 1024 @ 85hz colors for crt up to 1024 x 768 for lcd lcd interface up to 24-bit ttl lcd i/o storage eide x 1 (udma-100 for two devices), compactflash? x 1 serial port rs-232 x 3, rs-232/422/485 x 1 parallel port ssp/epp/ecp mode (optional) usb usb2.0 x 4 ps/2 port keyboard+mouse x 1 PFM-535S onboard dm&p? vortex86sx?/vortex86dx? soc processor onboard ddr2 memory 256 mb 10/100base-tx ethernet x 2 crt & up to 24-bit ttl lcd eide x 1, compactflash? x 1 usb2.0 x 4, com x 4, parallel x 1 (optional) pc/104+ expansion +5v only operation, at power type ethernet com printer usb power input 44-pin ide crt keyboard & mouse ttl lcd
04-14 dimension unit: mm tf-pfm-p13dw2-a10 ? pc/104 board power supply module with +5v & +12v output pc/104 rev. a1.0 witas 2 1701400205 ? com cable, length 20cm 1709100201 ? usb cable, length 20cm 1701260201 ? printer cable, length 20cm 1700100201 ? lan cable, length 20cm 1701080150 ? 8-pin front panel, length 15cm 1701010150 ? 10-pin front panel, length 15cm optional accessories PFM-535S part number cpu ram fan/ fanless storage display lvds lan usb rs-232 rs- 232/422/485 parallel expansion slot power temp. tf-PFM-535S-a10 vortex86sx 300 mhz 256mb fanless eide x 1, compactflash? x 1 crt + lvds 24b, 1ch fe x 2 4 3 1 1 pc/104+ +5v/at 0c ~ 60c tf-PFM-535S-a10-01 vortex86sx 300 mhz 256mb fanless eide x 1, compactflash? x 1 crt + lvds 24b, 1ch fe x 1 4 3 1 pc/104 +5v/at 0c ~ 60c tf-PFM-535S-a10-02 vortex86dx 1ghz 256mb fanless eide x 1,compactflash? x 1 crt + lvds 24b, 1ch fe x 2 4 3 1 1 pc/104+ +5v/at 0c ~ 60c ordering information


▲Up To Search▲   

 
Price & Availability of PFM-535S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X