Part Number Hot Search : 
3CSH9 V614ME07 ZFMG14C 1221C ZFMG14C 99994709 1N5736B CV110J
Product Description
Full Text Search
 

To Download PDA125X-1A0F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  revised 4/3/2012 www.phihong.com 125w constant current led driver pda125 series for outdoor lighting features ? high efficiency ? ip65, potted ? ul8750 compliant ? 120v-277vac rated operation ? 5 year warranty ? brownout/brownout recovery ? ovp, short and open circuit protection ? wide operating temperature range applications ? general lighting ? outdoor lighting ? street lighting ? architectural lighting safety approvals (pending) ? ce ? cul/ul mechanical characteristics ? length: 194mm (7.64in) ? height: 37mm (1.46in) ? width: 68mm (2.67in) ? weight: 936g (2.06lbs) output specifications note (1): x is b for non-di mming or w for 0-10v dimming note (2): output power drops to 112.5w maximum when input is 90-100vac phihong is not responsible for any error, and reserves the right to make changes without notice. please visit our website at ww w.phihong.com for the most up-to-date specifications and contact information. model (1) dc output voltage output current output power (2) min. typ. max. pda125x-700f 134v - 178.6v 700ma 125w PDA125X-1A0F 84v - 119v 1050ma 125w pda125x-1a4f 67v - 89.3v 1400ma 125w
pd125x characteristics www.phihong.com input: ac input voltage range 90vac to 304vac ac input frequency 47~63hz maximum input current 2a leakage current 0.5ma maximum at 230vac input inrush current 30a output: power factor 0.9 ripple and noise <35% (p-p) efficiency 93% at 230~ 277vac 91% at 120vac turn-on delay time 0.5s maximum at nominal ac power on environmental: temperature operation -40 to +60c non-operation -40 to +85c operating humidity 10 to 95% dimming function: (w models) dimming control 0-10vdc dimming output to load pwm at 500hz dimming grounding dim(-) and vout(-) must never be connected together to ensure proper operation and isolation requirements emc en55015/cispr 15/fcc 47 part 15/18 class a immunity iec61000-4-2 iec61000-4-3 iec61000-4-4 iec61000-4-5 iec61000-4-6 iec61000-4-8 iec61000-4-11 iec61000-3-2 class c input over current protection the input power line will be fused with a 2a fuse short-circuit protection the psu will withstand a short circuit across the outputs without damage open circuit protection once the circuit is opened, the output voltage should be less than 120% at nominal ac input conditions dielectric withstand (hi-pot) test primary to secondary: 4242vdc for 1 minute, 5.5ma insulation resistance primary to secondary: >5m ohm 500vdc, 1 minute lifespan 50k hours at full output power, 50c ambient, tcase < rating wire connections position terminal color specification line black awg18 solid wire neutral white awg18 solid wire ground green/yellow awg18 solid wire vout+ red awg18 solid wire vout- blue awg18 solid wire dim+ violet awg18 solid wire dim- grey awg18 solid wire warranty 5 years
dimension diagram unit:mm www.phihong.com


▲Up To Search▲   

 
Price & Availability of PDA125X-1A0F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X