Part Number Hot Search : 
TFR315C MC33063 ATA68 018010 TLP747G MAX6641 GBU8A07 P6KE18
Product Description
Full Text Search
 

To Download P6KE530A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  plastic package. glass passivated chip junction in do -15 package. 600w peak pulse power capability on 10/1000s waveform. excellent clamping capability. low zener impedance. fast response time: typically less than 1.0ps from 0 v olt to bv min. typical i r less than 1a above 10v. high temperature soldering guaranteed: 265  /10 seconds/.375, (9.5mm) lead length, 5lbs., (2.3kg) tension. m case: jedec do- 15 molded plastic. terminals: axial leads, solderable per mil-std-750, method 2026. polarity: color b and denotes cathode except bidirectional . mounting position: any. weight: 0.0 15 ounce, 0.4 grams. d for bidirectional, use c or ca suf fix for type p6 ke6.8 thr ough type p6 ke550 (e.g. p6ke6.8c, p6ke550ca); electrical characteristics apply in both directions. m ratings at 25  ambient temperature unless otherwise specified. 2 do-204ac/do-15 peak pulse power dissipation on 10/1000  s waveform . (note 1 fig. 1) p ppm minimum 600 watts peak pulse current on 10/1000  s waveform. (note 1 fig. 3) i ppm se e table a mps steady state power dissipation at t l =75   lead length .375 (9.5mm). (fig. 5) p m(av) 5.0 watts peak forward surge current  8.3ms single half sine-wave superimposed on rated load . ( jedec method) (note 2, fig. 6) i fsm 100 amps operating junction and storage temperature range . t j ,t stg -55 to +175  f eatures m echanical d ata d evices f or b ipolar a pplication ul e223045 notes: 1. non-repetitive current pulse, per fig. 3 and derated above t a = 25  per fig. 2. 2. 8.3ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per min ute maximum. rating symbol va lue unit m aximum r atings a nd c haracteristics transient 9rowdjh6xssuhvvruv p6ke series meritek all specifications are subject to change without notice. 1 rev 7
transient 9rowdjh6xssuhvvruv p6ke series meritek l lt d s dia. dia. do-204ac/do-15 p ackage d imensions s pecifications part number reverse stand-off voltage breakdown voltage min.@i t breakdown voltage max.@i t te s t current maximum clamping voltage @i pp peak pulse current reverse leakage @v rwm uni-polar bi-polar v rwm (v) v br min. (v) v br max. (v) i t (ma) v c (v) i pp (a) i r (a) millimeters inches item min. max. min. max. l 25.40 - 1.000 - t 5.80 7.60 0.230 0.300 d 2.60 3.60 0.104 0.140 s 0.71 0.86 0.028 0.034 p6ke6.8a p6ke6.8ca 5.80 6.45 7.14 10 10.5 58.1 1000 p6ke7.5a p6ke7.5ca 6.40 7.13 7.88 10 11.3 54.0 500 p6ke8.2a p6ke8.2ca 7.02 7.79 8.61 10 12.1 50.4 200 p6ke9.1a p6ke9.1ca 7.78 8.65 9.55 1 13.4 45.5 50 p6ke10a p6ke10ca 8.55 9.50 10.50 1 14.5 42.1 10 p6ke11a p6ke11ca 9.40 10.50 11.60 1 15.6 39.1 5 p6ke12a p6ke12ca 10.20 11.40 12.60 1 16.7 36.5 5 p6ke13a p6ke13ca 11.10 12.40 13.70 1 18.2 33.5 1 p6ke15a p6ke15ca 12.80 14.30 15.80 1 21.2 28.8 1 p6ke16a p6ke16ca 13.60 15.20 16.80 1 22.5 27.1 1 p6ke18a p6ke18ca 15.30 17.10 18.90 1 25.2 24.2 1 p6ke20a p6ke20ca 17.10 19.00 21.00 1 27.7 22.0 1 p6ke22a p6ke22ca 18.80 20.90 23.10 1 30.6 19.9 1 p6ke24a p6ke24ca 20.50 22.80 25.20 1 33.2 18.4 1 p6ke27a p6ke27ca 23.10 25.70 28.40 1 37.5 16.3 1 2 rev 7
transient 9rowdjh6xssuhvvruv p6ke series meritek s pecifications part number reverse stand-off voltage breakdown voltage min.@i t breakdown voltage max.@i t te s t current maximum clamping voltage @i pp peak pulse current reverse leakage @v rwm uni-polar bi-polar v rwm (v) v br min. (v) v br max. (v) i t (ma) v c (v) i pp (a) i r (a) p6ke30a p6ke30ca 25.60 28.50 31.50 1 41.4 14.7 1 p6ke33a p6ke33ca 28.20 31.40 34.70 1 45.7 13.3 1 p6ke36a p6ke36ca 30.80 34.20 37.80 1 49.9 12.2 1 p6ke39a p6ke39ca 33.30 37.10 41.00 1 53.9 11.3 1 p6ke43a p6ke43ca 36.80 40.90 45.20 1 59.3 10.3 1 p6ke47a p6ke47ca 40.20 44.70 49.40 1 64.8 9.4 1 p6ke51a p6ke51ca 43.60 48.50 53.60 1 70.1 8.7 1 p6ke56a p6ke56ca 47.80 53.20 58.80 1 77.0 7.9 1 p6ke62a p6ke62ca 53.00 58.90 65.10 1 85.0 7.2 1 p6ke68a p6ke68ca 58.10 64.60 71.40 1 92.0 6.6 1 p6ke75a p6ke75ca 64.10 71.30 78.80 1 103.0 5.9 1 p6ke82a p6ke82ca 70.10 77.90 86.10 1 113.0 5.4 1 p6ke91a p6ke91ca 77.80 86.50 95.50 1 125.0 4.9 1 p6ke100a p6ke100ca 85.50 95.00 105.00 1 137.0 4.5 1 p6ke110a p6ke110ca 94.00 105.00 116.00 1 152.0 4.0 1 p6ke120a p6ke120ca 102.00 114.00 126.00 1 165.0 3.7 1 p6ke130a p6ke130ca 111.00 124.00 137.00 1 179.0 3.4 1 p6ke150a p6ke150ca 128.00 143.00 158.00 1 207.0 2.9 1 p6ke160a p6ke160ca 136.00 152.00 168.00 1 219.0 2.8 1 p6ke170a p6ke170ca 145.00 162.00 179.00 1 234.0 2.6 1 p6ke180a p6ke180ca 154.00 171.00 189.00 1 246.0 2.5 1 p6ke200a p6ke200ca 171.00 190.00 210.00 1 274.0 2.2 1 p6ke220a p6ke220ca 185.00 209.00 231.00 1 328.0 1.9 1 p6ke250a p6ke250ca 214.00 237.00 263.00 1 344.0 1.8 1 p6ke300a p6ke300ca 256.00 285.00 315.00 1 414.0 1.5 1 p6ke350a p6ke350ca 300.00 332.00 368.00 1 482.0 1.3 1 p6ke400a p6ke400ca 342.00 380.00 420.00 1 548.0 1.1 1 p6ke440a p6ke440ca 376.00 418.00 462.00 1 602.0 1.04 1 p6ke480a p6ke480ca 408.00 456.00 504.00 1 658.0 0.9 1 p6ke510a p6ke510ca 434.00 485.00 535.00 1 698.0 0.9 1 P6KE530A p6ke530ca 450.00 503.50 556.50 1 725.0 0.8 1 p6ke540a p6ke540ca 459.00 513.00 567.00 1 740.0 0.8 1 p6ke550a p6ke550ca 467.00 522.50 577.50 1 760.0 0.8 1 p6ke600a p6ke600ca 512.00 570.00 630.00 1 828.0 0.75 1 note: for bidirectional type having vrwm of 10 volts and less,the ir limit doubles. 3 rev 7
figure 1 - peak pulse power rating curve figure 2 - pulse derating curve figure 3 - pulse waveform figure 4 - typical junction capacitance figure 5 - steady state power dissipation derating curve figure 6 - maximum non-repetitive forward surge current uni-directional only r ating and c haracteristic c urves (t a : 25c unless otherwise specified) transient 9rowdjh6xssuhvvruv p6ke series meritek p ppm - peak pulse power (kw) 0.1s 1.0s 10s 100s 1.0ms 10ms 0.1 1 10 100 non-repetitive pulse waveform shown in fig 3. t a =25?c t d - pulse width (sec.) t a - ambient temperature ( o c) peak pulse power (p pp ) or current (i ppm ) derating in percentage, % 0 0 25 25 50 50 75 75 100 100 125 150 175 200 i ppm - peak pulse current, % i rsm 0 0 50 100 150 1.0 2.0 3.0 4.0 t r =10sec peak value i ppm i ppm 2 t j =25c pulse width(td) is de?ned as the point where the peak current decays to 50% of i ppm 10/1000sec. waveform as de?ned by r.e.a t d t-time (ms) half value i ppm ( ) 1 10 100 1000 10000 1.0 10.0 100.0 1000.0 v br - reverse breakdown voltage (v) cj (pf) uni-directional v=0v bi-directional v=0v uni-directional @vr bi-directional @vr tj=25c f=1.0mhz vsig=50mvp-p 0 1 2 3 4 5 6 0 25 50 75 100 125 150 175 200 steady state po wer dissipation (w) t l -lead temperature(oc) 0 20 40 60 80 100 120 1 10 100 number of cycles at 60 hz i fsm - peak forward surge current (a) figure 4 - typical junction capacitance uni-directional 4 rev 7


▲Up To Search▲   

 
Price & Availability of P6KE530A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X