Part Number Hot Search : 
DDTA114 MM1278XD DD667 83905 SO767090 MAX828 ENA1307 DDTA114
Product Description
Full Text Search
 

To Download MW117KA050301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ault incorporated 7105 northland terrace | minneapolis, minnesota 55428 | usatel (1) 763-592-1900 fax (1) 763-592-1911 | e-mail info@aultinc.com | web www.aultinc.com ? copyright 2003 ault inc. mw117 universal 6-12 watt series ? 100-240 vac universal input ? desktop style or wallplug style ? single output to 12w ? regulated output with low ripple ? meets safety agency requirements ? complies with emi/rfi regulations ? ce compliant ? impact resistant polycarbonate enclosure ? private label marking available ? 1 year warranty ? modified and custom designs also available mw117 universal 6-12 watt series mw117ka0303_01 3.3v 2.00 6.6 mw117ka0503_01 5v 2.00 10.0 mw117ra0703_01 7v 1.43 10.0 mw117ka0903_01 9v 1.10 10.0 mw117ka1203_01 12v 0.85 10.2 mw117ka1503_01 15v 0.70 10.5 mw117ka1803_01 18v 0.60 10.8 mw117ka2403_01 24v 0.45 10.8 voltage max max ault part no. dc amps watts mw117 mw117 k a 05 03 __ 01 product manufacturing d esign voltage connector input standard (no family location revision dc configuration/ modifications, name (volume changes model type special artwork dependent) (see pg. 2) or special packaging) ault part no. key ault part no. key
ault incorporated 7105 northland terrace | minneapolis, minnesota 55428 | usatel (1) 763-592-1900 fax (1) 763-592-1911 | e-mail info@aultinc.com | web www.aultinc.com ? copyright 2003 ault inc. specify the input configuration code in your order. connector input configuration mw117 universal 6-12 watt series iec320 w/ground c14 (f) iec320 w/o ground c18 (q) australian (e) n. america/ japan (b) europe (m) united kingdom (g) shaver c8 (n) pinout code center contact: positive description switchcraft 760 plug or equivalent suggested mating switchcraft 712a jack or equivalent other connectors are available by special order input voltage 100-240 vac -10%, +10% line frequency 47-63 hz current 0.35a max. at 90 vac input protection internal primary current fuse, inrush limiting configuration inlet type : iec320-c14, c8 plug type : na, euro, uk, saa output combined line and load 1% excluding cord voltage regulation ripple 1% v p-p max for output current of >0.175a transient response 0.5 msec. for 50% load change typical holdup time 18 msec min. @ 120 vac , protection foldback overcurrent protection. short circuit protection cord and connector 6 ft, 2 conductor, 18 awg , ault #3 connector. other connectors are also available. safety approvals agency listings designed to meet: culus2601, tuv/ie601-1, australia, japan electrical topology switching-fixed frequency flyback dielectric withstand 4000 vac , 5656 vdc primary-secondary 1500 vac , 2121 vdc primary-ground 500 vac , 707 vdc secondary-ground spacing 8mm primary-secondary efficiency min 70% emi complies with emc directives ce ce compliant mtbf 100,000 calculated hours environmental operating temperature 0o to 40oc with no derating storage temperature -30o to +85oc relative humidity 5% to 95% non-condensing altitude 0-10,000 feet cooling convectional-non vented case mechanical case and dimensions 3.33l x 1.83w x 1.25h (in) 85.0l x 47.0w x 32.0h (mm) case material black 94v0 polycarbonate weight 5.50 ounces, 155 grams


▲Up To Search▲   

 
Price & Availability of MW117KA050301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X