Part Number Hot Search : 
305000 TC38C46 2SK3562 UE200013 SMBG5932 REF19 TDA8566 C1909
Product Description
Full Text Search
 

To Download MMBD4448W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fast switching speed. high conductance. for general purpose switching applications. surface mount package ideally suited for automatic insertion. for general purpose switching applications. type no. marking package code MMBD4448W ka3 sot-323 maximum rating @ ta=25 unless otherwise specified parameter symbol limits unit non-repetitive peak reverse voltage v rm 100 v diode reverse voltage v r 75 v forward continuous current i f 500 ma average output current i o 250 ma forward surge current t=1 s t=1.0s i fs 4.0 2.0 a power dissipation p d 200 mw junction temperature t j 150 storage temperature range t stg -65-+150 MMBD4448W surface mount switching diodes dimensions in inches and (millimeters) sot-323 features applications ordering information ? ? ? ? ? http://www.luguang.cn mail:lge@luguang.cn
parameter symbol test conditions min max unit reverse breakdown voltage v (br)r i r = 100 a 75 v reverse voltage leakage current i r v r =75v v r =20v 2.5 25 a na forward voltage v f i f =5ma i f =10ma i f =100ma i f =150ma 720 855 1000 1250 mv diode capacitance c d v r =0v f=1mhz 4 pf reverse recovery time t rr i f =i r =10ma r l =100? 4 ns typical characteristics @ ta=25 unless otherwise specified MMBD4448W surface mount switching diodes electrical characteristics @ t a =25 unless otherwise specified http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of MMBD4448W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X