Part Number Hot Search : 
GM160 020JL 23C5V1 UPB425D TA7687AF MF2000 2SC4357 CXA1380M
Product Description
Full Text Search
 

To Download MMBD2004S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot-23 plastic-encapsulate diodes switching diode features mmb d2004s type is a silicon switching dual in series diode manufactured by the epitaxial planar process, designed for applications requiring high voltage capability. power dissipation marking : b6d maximum ratings @t a =25 parameter symbol limit unit non-repetitive peak r everse v oltage v rm 300 v dc blocking voltage v r 240 v peak repetitive current i o 200 ma continuous forward current i f 225 ma peak repetitive forward current i frm 625 ma forward surge current t=1 s i fsm 4.0 a forward surge current t=1s i fsm 1.0 a power dissipation pd 250 mw junction t emperature t j 150 storage t emperature r ange t stg -55~+ 150 electrical characteristics (ta=25 unless otherwise specified) parameter symbol test conditions min max unit reverse breakdown voltage v (br) i r = 100 a 240 v reverse voltage leakage current i r v r =240v 0.1 a forward voltage v f i f =100ma 1 v diode capacitance c d v r =0v f=1mhz 5 pf reveres recovery time t rr i f =i r =30ma,r l =100 ? 50 ns sot-23 1 2 3 mmbd46 2012-1 willas electronic corp. preliminary
outline drawing dimensions in inches and (millimeters) sot-23 rev.d .080(2.04) .070(1.78) .110(2.80) .083(2.10) .006(0.15)min. .008(0.20) .003(0.08) .055(1.40) .035(0.89) .020(0.50) .012(0.30) .004(0.10)max. .122(3.10) .106(2.70) .063(1.60) .047(1.20) 2012-1 willas electronic corp. sot-23 plastic-encapsulate diodes mmbd46 preliminary


▲Up To Search▲   

 
Price & Availability of MMBD2004S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X