Part Number Hot Search : 
BUL66B LN224 MB91F D6432 CF5034MB PT78N PT501 HC4053
Product Description
Full Text Search
 

To Download MG320240-21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  standard lcd mo dule MG320240-21 remarks: 1. lcd options: stn, fstn. 2. back light type: ccfl back light feature. 6 8 iso 9001:2000 fm86067 block diagram display pattern mechanical specification item dimensions(w)x(h) unit overall size 167.0109.0 mm view area 122.092.0 mm dot size 0.330.33 mm dot pitch 0.360.36 mm pin assignment cn1 1~4 d0~d3 data bit 0~3 5 dispoff display on/off 6 frame frame signal 7 m frame inversion signal 8 load latch pulse / row clock 9 cp pixel / data clock 10 vdd supply voltage for logic 11 vss ground 12 vee lcd supply voltage 13 vo contrast adjust 14 fgnd frame ground cn2 1 vfl1 supply voltage for ccfl 2 nc no connection 3 nc no connection 4 vfl2 supply voltage for ccfl absolute maximum rating item symbol condition min max unit supply for logic voltage vdd 25 -0.3 7.0 v lcd driving supply voltage v ee 25 15 30.0 v input voltage vi 25 -0.3 v dd +0.3 v electrical characteristics item symbol condition min. typical max. unit supply voltage for logic v dd --- 4.5 5.0 5.5 v supply current for logic i dd --- --- 10 16 ma 0 22.1 23.3 24.5 v 25 21.2 22.4 23.6 v operation voltage for lcd v ee 50 20.2 21.4 22.6 v input voltage ?h? level v ih --- 0.7v dd --- v dd v input voltage ?l? level vil --- 0 --- 0.3v dd v supply voltage for ccfl vf --- --- 290 --- vrms supply current for ccfl if vf=290vrms --- 5m --- arms outline dimension tolerance: graphic type


▲Up To Search▲   

 
Price & Availability of MG320240-21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X