? 1 0 a mbrf 10150ct 150 150 105 3.5 125 10 0.80 0.5 310 siyu r ??? maximum repetitive peak reverse voltage ? maximum rms voltage ??? maximum dc blocking voltage ? maximum average forward rectified current ?? 8.3ms??? peak forward surge current 8.3 ms single half sine-wave typical thermal resistance o?? operating junction and storage temperature range -55 --- +150 v v v a a /w v rrm v rms v dc i f(av) i fsm tj, tstg ?? ta = 25 maximum ratings & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. symbols unit schottky barrier rectifier reverse voltage 40 to 200 v forward current 10a ? t j = 25 v ma pf i r maximum forward voltage maximum reverse current ta = 25 electrical characteristics ratings at 25 ambient temperature unless otherwise specified. symbols unit v f i f =5a dachang electronics r jc features mechanical data ? : ?? case: molded plastic : ???? polarity: symbols molded or marked on body ? : mounting position: any ??? low power loss high efficiency ?? low forward voltage drop high current capability ? v r = 4.0v, f = 1mhz type junction capacitance cj ???rohs? lead and body according with rohs standard 10 t j = 100 unit mm ito-220ab ?? : ?? 0.3 ? * mounting torque recommend 0.3 n*m mbrf 10100ct 100 100 70 mbrf 1060ct 60 60 42 mbrf 1050ct 50 50 35 mbrf 1045ct 45 45 31 mbrf 1040ct 40 40 28 0.70 0.85 mbrf1040ct ...... mbrf10200ct ? 40---200v mbrf 10200ct 200 200 140 mbrf 10150ct mbrf 10100ct mbrf 1060ct mbrf 1050ct mbrf 1045ct mbrf 1040ct mbrf 10200ct 0.95 0.99 0.5 5 400 www.datasheet.co.kr datasheet pdf - http://www..net/
siyu r ? ?? i fsm (a) ??? characteristic curves maximum non repetitive peak forward surge current number of cycles at 60 hz. i fsm peak forward surge current (a) 1 2 4 6 10 20 40 100 120 90 60 30 0 dachang electronics 150 i f (a) ?? ? v f (v) ? tc( c ) ? i f(av) (a) typical forward characteristic forward current derating curve i f instantaneous forward current (a) v f instantaneous forward voltage (v) case temperature (c) i f(a) average forward rectified current (a) 0.6 0.8 1.0 1.2 1.4 0.4 0.1 1 2 10 100 tj = 25 c 14 12 10 8 6 4 2 0 0 25 50 75 100 125 150 175 mbrf2040ct ...... mbrf20200ct mbrf10150ct mbrf10200ct mbrf1050ct mbrf1060ct mbrf10100ct mbrf1040ct MBRF1045CT www.datasheet.co.kr datasheet pdf - http://www..net/
|