Part Number Hot Search : 
SDA5457 3188M008 MSGB51T 74AUP 20060 2EZ82D10 KMB14F YT43M
Product Description
Full Text Search
 

To Download MBR10L100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? ul recognized file # e-326243 ? low power loss, high efficiency ? high current capability, low forward voltage drop ? guard-ring for overvoltage protection mechanical data mbr10lxxct = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol unit v rrm v v rms v v dc v i f(av) a i rrm a ua ma dv/dt v/us cj pf r jc o c/w t j o c t stg o c 1 0.30 20 185 typ max typ max 0.66 0.65 MBR10L100CT 100 70 100 15 note 3: measure at 1 mhz and applied reverse voltage of 4.0v d.c. voltage rate of change,(rated v r ) 10000 2.8 typical junction capacitance (note 3) maximum dv reverse current @ rated v r t a =25 t a =125 i r 0.50 MBR10L100CT 10.0amps low v f schottky barrier rectifiers marking diagram to-220ab dimensions in inches and (millimeters) ? case: to-220ab features ? high surge current capability ? high temperature soldering guaranteed: 260 /10 seconds/.375", (9.5mm) lead lengths at 5 lbs.,(2.3kg) tension 0.76 0.59 0.82 0.71 0.85 maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum instantaneous forward voltage (note 2) if=5a, t a =25 if=5a, t a =125 if=10a, t a =25 if=10a, t a =125 maximum average forward rectified current version:c11 - 55 to + 150 note 1: 2.0us pulse width, f=1.0khz operating temperature range storage temperature range - 55 to + 150 note 2: pulse test : 300us pulse width, 1% duty cycle ? plastic material used carriers underwriters laboratory classification 94v-0 ? qualified as per aec-q101 ? for use in low voltage - high frequency inventor, free wheeling, and polarity protection application ? terminals: pure tin plated leads, solderable per mil-std-202, method 208 guaranteed ? weight: 1.88 grams typical thermal resistance (note 4) type number ? polarity: as marked ? mounting torque: 5 in- lbs, max ? mounting position:any 10 peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load i fsm 120 note 4: heatsink size (4" x 6" x 0.25") al-plate a peak repetitive forward current (rated v r , square wave, 20khz) i frm 10 a v f peak repetitive reverse surge current (note 1) v 0.73 pb rohs compliance rohs compliance
version:c11 ratings and characteristic curves (MBR10L100CT) fig.1 forward current derating curve 0 2 4 6 8 10 12 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 case temperature ( o c) average forward a current (a) resistive or inductivelo a fig. 2 maximum forward surge current 0 25 50 75 100 125 150 175 1 10 100 number of cycles at 60 hz peak forward surge a current (a) 8.3ms single half sine wave jedec method fig. 4 typical reverse characteristics 0.01 0.1 1 10 100 1000 10000 10 20 30 40 50 60 70 80 90 100 percent of rated peak reverse voltage (%) reverse leakage current (ua) ta=125 ta=25 fig. 5 typical junction capacitance 10 100 1000 0.1 1 10 100 reverse voltage (v) junction c apacitance (pf) a fig. 3 typical forward characterisrics 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 forward voltage (v) forward current (a) ta=125 ta=25 fig. 6 typical transient thermal impedance per leg 0.1 1 10 100 1000 0.01 0.1 1 10 100 t-pulse duration(s) transient thermal impedance a ( /w)


▲Up To Search▲   

 
Price & Availability of MBR10L100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X