Part Number Hot Search : 
6200S8 HJW0001 C14040B 001SMB 87760 AD5732R G4BC30 HCU04
Product Description
Full Text Search
 

To Download MB2505W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  master instrument corporation single-phase bridge rectifier MB2505W thru mb2510w kbpc25005w thru kbpc2510w voltage range current 50 to 1000 volts 25 amperes e-mail: sales@cnmic.com web site: www.cnmic.com 1/2 features l low cost l this series is ul recognized under component index, file number e127707 l high forward surge current capability l ideal for printed circuit board l high isolation voltage from case to leads l high temperature soldering guaranteed: 260 o c/10 second, at 5 lbs. (2.3kg) tension. mechanical data l case: molded plastic body l terminal: plated 0.25 (6.35mm) lug. l polarity: polarity symbols marked on case l mounting: thru hole for #10 screw, 20 in.-lbs torque max. l weight:0.93 ounce, 26.4 grams 0.205(5.2) 0.197(5.0) 0.224(5.7) 0.193(4.9) mb-35w 0.042(1.10)dia 0.038(0.97)typ 0.70(17.8)min 0.46(11.7) 0.41(10.5) 0.570(14.5) 0.530(13.5) 0.47(11.9) 0.43(10.9) 1.14(28.9) 1.12(28.4) 0.732(18.6) 0.692(17.6) 1.14(28.9) 1.12(28.4) 0.732(18.6) 0.692(17.6) - + ac ac exopy case dimensions in inches and (millimeters) maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load derate current by 20%. symbols mb2505 kbpc25005 mb251 kbpc2501 mb25w kbpc2502 mb254 kbpc2504 mb256 kbpc2506 mb258 kbpc2508 mb2510 kbpc2510 units maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 volts maximum rms voltage v rms 35 70 140 280 420 560 700 volts maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 volts maximum average forward rectified output current, at t c =55 (note1,2) i (av) 25 amps peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 300 amps rating for fusing(t<8.3ms) i 2 t 373 a 2 s maximum instantaneous forward voltage at 5.0a v f 1.1 volts t a =25 10 m amps maximum dc reverse current at rated dc blocking voltage t a =100 i r 1.0 mamps isolation voltage from case to lugs v iso 2500 v ac typical thermal resistance (note 1,2) r q jc 2.0 /w operating temperature range t j -55 to +150 storage temperature range t stg -55 to +150 notes: 1. unit mounted on 5 6 4.9 (12.8 15.2 12.4mm) al. finned plate. 2. bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency with #10 screw. 3. suffix w designates wire lead
master instrument corporation single-phase bridge rectifier MB2505W thru mb2510w kbpc25005w thru kbpc2510w voltage range current 50 to 1000 volts 25 amperes e-mail: sales@cnmic.com web site: www.cnmic.com 2/2


▲Up To Search▲   

 
Price & Availability of MB2505W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X