Part Number Hot Search : 
EL1526IL 05EVAL 2SC334 MA3F752A D1FJ4 S3C72M5 9767AST 74C32N
Product Description
Full Text Search
 

To Download MB2505W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  single phase 25 amp bridge rectifiers maximum ratings and electrical chara cteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load.for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current .375"(9.5mm) lead length at tc=55 c fea tures peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum forward voltage drop per bridge element at 12.5ad.c. maximum dc reverse current ta=25 c at rated dc blocking voltage t a=100 c MB2505W mb251w mb252w mb254w mb256w mb258w mb2510w units 50 100 200 400 600 800 1000 v 50 100 200 400 600 800 1000 v 35 70 140 280 420 560 700 25 300 10 500 -65 +150 -65 +125 v a a v * 300 amperes surge capability * superior thermal design * mounting: hole thru for #8 screw MB2505W thru mb2510w 1.1 vol t age range 50 to 1000 volts current mb-25w 25.0 amperes storage temperature range, t stg operating temperature range, t j c c dimensions in inches and (millimeters) .468(11 .9) .429(1 0.9) .591 (15.0) .732(1 8.6) .692(1 7.6) .732(1 8.6) .692(1 7.6) 1.181 (30.0) 1.102 (28.0) 1.181 (30.0) 1.102 (28.0) hol e fo r no. 8 sc rew .452 (11.5) .673(17.1) .633(16.1) max. min. + ac ac .042(1.1) .039(1.0) dia. typ. a a
0.1 1.0 .01 10 50 rating and characteristic curves (MB2505W thru mb2510w) fig.4-typical reverse characteristics fig.1-typical forward current a v e r a g e f o r w a r d c u r r e n t , ( a ) fig.2-maximum non-repetitive forward surge current 5 0 10 15 20 30 25 0 200 100 300 500 400 3.0 single phase half wave 60hz resistive or inductive load derating curve 0.1 1.0 .01 10 50 fig.3-typical forward characteristics i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward volt age,(v) pulse width 300us 1% duty cycle 0 .2 .4 .6 .8 1.0 1.2 1.4 3.0 0 25 50 75 100 125 150 175 tj=25 c tj=25 c number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 0 20 40 60 80 100 120 140 percent of rated peak reverse volt age, (%) case temperature,( c) r e v e r s e l e a k a g e c u r r e n t , ( a )


▲Up To Search▲   

 
Price & Availability of MB2505W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X