Part Number Hot Search : 
AN548 5KP20A 03952 TC520 LT3791 2SA1123R P03HDL K1304
Product Description
Full Text Search
 

To Download MAL210457681E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  104 phl-st www.vishay.com vishay bccomponents revision: 03-nov-11 1 document number: 28389 for technical questions, contact: aluminumcaps 2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 aluminum capacitors power high ripple current long life screw terminals fig. 1 features ? polarized aluminum electrolytic capacitors, non-solid electrolyte ? large types, cylindrical aluminum case, insulated with a blue sleeve ? also available in bolt version (104 phl-stb) ? pressure relief in the sealing ? long useful life ? compliant to rohs directive 2002/95/ec applications ? telecom and industrial, high temperature systems ? smoothing and filtering ? standard and switched mode power supplies ? energy storage in pulse systems marking the capacitors are marked wi th the following information: ? rated capacitance (in f) ? tolerance on rated capacitance, code letter in accordance with iec 60062 ( 20 %) ? rated voltage (in v) ? date code (yymm) ? name of manufacturer ? code for factory of origin ? - sign to identify the negative terminal, visible from the top and side of the capacitor ? code number ? climatic category in accordance with iec 60068 ? ll for long life grade quick reference data description value nominal case size (? d x l in mm) 35 x 60 to 90 x 220 rated capacitance range (e6 series), c r 150 f to 33 000 f tolerance on c r 20 % rated voltage range, u r 200 v to 450 v category temperature range - 40 c to 105 c endurance test at 105 c 2000 h useful life at 105 c 5000 h shelf life at 0 v, 105 c 1000 h based on sectional sp ecification iec 60384-4/en130300 climatic category iec 60068 40/105/56 102 phr-st 104 phl-st 85 c selection chart for c r , u r , and relevant nominal case sizes (? d x l in mm) c r (f) u r (v) 200 250 350 400 450 150 - - - - 35 x 60 220 - - - 35 x 60 35 x 80 330 - - 35 x 60 35 x 80 35 x 105 470 - - 35 x 80 35 x 80 50 x 80 680 35 x 60 35 x 60 35 x 105 50 x 80 50 x 105 35 x 60 35 x 80 50 x 80 50 x 105 50 x 105 1000 35 x 80 35 x 105 - - 65 x 105 35x80---- 1500 35 x 80 35 x 105 50 x 105 50 x 105 65 x 105 35 x 105 50 x 80 - 65 x 105 76 x 105 2200 35 x 105 50 x 80 65 x 105 65 x 105 76 x 105 50 x 80 35 x 105 - 76 x 105 76 x 146 3300 50 x 80 50 x 105 - 76 x 105 76 x 146 50 x 105 65 x 105 - 76 x 146 -
104 phl-st www.vishay.com vishay bccomponents revision: 03-nov-11 2 document number: 28389 for technical questions, contact: aluminumcaps 2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions in millimeters and available forms fig. 2 a : standard m5 disc: screw terminal (st) and screw terminal bolt nut (stb) fig. 2 b : high current m6 disc: screw terminal (st) and screw termin al bolt nut (stb) note ? maximum permissible torque which may be applied to the termination screws: 2 nm for m5; 2.5 nm for m6 for accessories refer to datasheet mounting accessories. the capacitors are delivered with screws and washers. 4700 50 x 105 65 x 105 - 76 x 146 76 x 220 65 x 105 76 x 105 76 x 146 - 90 x 146 6800 65 x 105 76 x 105 76 x 146 76 x 220 90 x 220 76 x 105 76 x 146 - 90 x 146 - 10 000 76 x 105 76 x 146 76 x 220 90 x 220 - 76 x 146 - 90 x 146 - - 15 000 76 x 146 76 x 220 90 x 220 - - - 90 x 146 - - - 22 000 76 x 220 90 x 220 - - - 90 x 146 - - - - 33 000 90 x 220 - - - - selection chart for c r , u r , and relevant nominal case sizes (? d x l in mm) c r (f) u r (v) 200 250 350 400 450 a p safety vent thread m x s m b d d l l t h t b d 1 l b b p safety vent thread m x s m b d d h t b d 1 l b l l t
104 phl-st www.vishay.com vishay bccomponents revision: 03-nov-11 3 document number: 28389 for technical questions, contact: aluminumcaps 2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 table 1 note ? for bolt version holds: l = l standard - 0.5 mm l t = l t standard - 0.5 mm note ? for bolt version holds: h of cardbox box: + 10 mm note ? unless otherwise specified, all electrical values in table 2 apply at t amb = 20 c, p = 86 kpa to 106 kpa, rh = 45 % to 75 %. ordering example electrolytic capacitor 104 phl-st series 4700 f/250 v; 20 % nominal case size: ? 65 mm x 105 mm; st version ordering code: mal2 104 13472 e3 former 12nc: 2222 104 13472 dimensions in millimeters, mass and packaging quantities design drawing l 1 l t 1 d 1 p 0.3 t 0.2 h 0.3 b 0.3 d1 0.1 m s - 0 m b l b 0.1 mass (g) 35 x 60 2a 63.3 68.7 35.3 12.8 7.0 4.6 11.0 7.9 m5 9.5 m8 12.0 75 35 x 80 2a 81.3 86.7 35.3 12.8 7.0 4.6 11.0 7.9 m5 9.5 m8 12.0 95 35 x 105 2a 103.3 108.7 35.3 12.8 7.0 4.6 11.0 7.9 m5 9.5 m8 12.0 130 50 x 80 2a 82.8 88.8 51.0 22.2 7.1 4.8 11.0 7.9 m5 9.5 m12 16.0 200 50 x 105 2a 104.8 110.8 51.0 22.2 7.1 4.8 11.0 7.9 m5 9.5 m12 16.0 300 65 x 105 2a 104.8 110.7 65.0 28.5 7.0 4.6 11.9 7.9 m5 9.5 m12 16.0 480 65 x 105 hc 2b 104.8 109.2 65.0 28.5 5.5 3.5 18.0 13.0 m6 8.5 m12 16.0 480 76 x 105 2a 105.8 111.7 76.4 31.8 7.0 4.6 11.7 7.9 m5 9.5 m12 16.0 700 76 x 105 hc 2b 105.8 110.2 76.4 31.8 5.5 3.5 18.3 13.0 m6 8.5 m12 16.0 700 76 x 146 2a 145.8 151.7 76.4 31.8 7.0 4.6 11.7 7.9 m5 9.5 m12 16.0 1000 76 x 146 hc 2b 145.8 150.2 76.4 31.8 5.5 3.5 18.3 13.0 m6 8.5 m12 16.0 1000 76 x 220 2a 219.8 225.7 76.4 31.8 7.0 4.6 11.7 7.9 m5 9.5 m12 16.0 1500 76 x 220 hc 2b 219.8 224.2 76.4 31.8 5.5 3.5 18.3 13.0 m6 8.5 m12 16.0 1500 90 x 146 hc 2b 150.1 155.4 89.4 31.8 7.9 0.0 13.0 13.0 m6 10.0 m12 16.0 1300 90 x 220 hc 2b 218.1 223.4 89.4 31.8 7.9 0.0 13.0 13.0 m6 10.0 m12 16.0 2000 dimensions in millimeters, mass and packaging quantities design packaging quantities (units per box) cardboard box dimensions l x w x h in mm 35 x 60 50 377 x 375 x 88 35 x 80 50 377 x 375 x 123 35 x 105 50 377 x 375 x 129 50 x 80 25 377 x 375 x 123 50 x 105 25 377 x 375 x 129 65 x 105 16 377 x 375 x 129 65 x 105 hc 16 377 x 375 x 129 76 x 105 12 377 x 375 x 129 76 x 105 hc 12 377 x 375 x 129 76 x 146 12 377 x 375 x 168 76 x 146 hc 12 377 x 375 x 168 76 x 220 18 520 x 270 x 280 76 x 220 hc 18 520 x 270 x 280 90 x 146 hc 8 520 x 270 x 190 90 x 220 hc 8 520 x 270 x 280 electrical data symbol description c r rated capacitance at 100 hz, tolerance 20 % i r rated rms ripple current at 100 hz, 105 c i l5 max. leakage current after 5 min at u r esr max. equivalent series resistance at 100 hz z impedance at 20 khz
104 phl-st www.vishay.com vishay bccomponents revision: 03-nov-11 4 document number: 28389 for technical questions, contact: aluminumcaps 2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 table 2 electrical data and ordering information u r (v) c r 100 hz (f) nominal case size ? d x l (mm) i r 100 hz 105 c (a) i l5 5min (ma) esr max. 100 hz (m ? ) z max. 20 khz (m ? ) standard high post m5 disc high current m6 disc st ordering code mal2104....... st bolt nut ordering code mal2104....... st ordering code mal2104....... st bolt nut ordering code mal2104....... 200 680 35 x 60 2.9 0.28 197 117 12681e3 52681e3 - - 1000 35 x 60 3.3 0.40 148 94 12102e3 52102e3 - - 1000 35 x 80 3.7 0.40 137 83 22102e3 62102e3 - - 1500 35 x 80 4.1 0.60 102 66 12152e3 52152e3 - - 1500 35 x 105 4.6 0.60 95 59 22152e3 62152e3 - - 2200 35 x 105 5.0 0.88 74 49 12222e3 52222e3 - - 2200 50 x 80 6.7 0.88 63 39 22222e3 62222e3 - - 3300 50 x 80 8.2 1.32 42 26 12332e3 52332e3 - - 3300 50 x 105 8.2 1.32 44 28 22332e3 62332e3 - - 4700 50 x 105 9.9 1.88 31 19 12472e3 52472e3 - - 4700 65 x 105 11.6 1.88 31 19 22472e3 62472e3 42472e3 82472e3 6800 65 x 105 13.7 2.72 22 14 12682e3 52682e3 32682e3 72682e3 6800 76 x 105 15.2 2.72 22 14 22682e3 62682e3 42682e3 82682e3 10 000 76 x 105 16.4 4.0 17 12 12103e3 52103e3 32103e3 72103e3 10 000 76 x 146 16.9 4.0 17 12 22103e3 62103e3 42103e3 82103e3 15 000 76 x 146 19.9 6.0 12 9 12153e3 52153e3 32153e3 72153e3 22 000 76 x 220 24.6 8.8 9 7 12223e3 52223e3 32223e3 72223e3 22 000 90 x 146 28.5 8.8 8 6 - - 42223e3 82223e3 33 000 90 x 220 34.8 13.2 5 5 - - 42333e3 82333e3 250 680 35 x 60 2.9 0.34 176 99 13681e3 53681e3 - - 1000 35 x 80 3.7 0.50 123 70 13102e3 53102e3 - - 1000 35 x 105 4.0 0.50 116 63 23102e3 63102e3 - - 1500 35 x 105 4.5 0.75 86 51 13152e3 53152e3 - - 1500 50 x 80 5.9 0.75 76 41 23152e3 63152e3 - - 2200 50 x 80 6.6 1.10 58 34 13222e3 53222e3 - - 2200 50 x 105 7.3 1.10 54 30 23222e3 63222e3 - - 3300 50 x 105 8.9 1.65 36 20 13332e3 53332e3 - - 3300 65 x 105 10.4 1.65 36 20 23332e3 63332e3 43332e3 83332e3 4700 65 x 105 11.4 2.35 28 17 13472e3 53472e3 33472e3 73472e3 4700 76 x 105 12.7 2.35 28 17 23472e3 63472e3 43472e3 83472e3 6800 76 x 105 15.0 3.40 20 12 13682e3 53682e3 33682e3 73682e3 6800 76 x 146 15.4 3.40 20 12 23682e3 63682e3 43682e3 83682e3 10 000 76 x 146 18.2 5.0 14 9 13103e3 53103e3 33103e3 73103e3 15 000 76 x 220 22.7 7.5 10 7 13153e3 53153e3 33153e3 73153e3 15 000 90 x 146 25.8 7.5 9 6 - - 43153e3 83153e3 22 000 90 x 220 30.4 11.0 7 5 - - 43223e3 83223e3 350 330 35 x 60 2.1 0.26 396 243 15331e3 55331e3 - - 470 35 x 80 2.6 0.33 280 172 15471e3 55471e3 - - 680 35 x 105 3.2 0.48 197 122 15681e3 55681e3 - - 1000 50 x 80 4.7 0.70 132 82 15102e3 55102e3 - - 1500 50 x 105 5.9 1.05 90 57 15152e3 55152e3 - - 2200 65 x 105 8.4 1.54 61 38 15222e3 55222e3 35222e3 75222e3 3300 65 x 105 10.1 2.31 42 26 15332e3 55332e3 35332e3 75332e3 3300 76 x 105 11.2 2.31 42 26 25332e3 65332e3 45332e3 85332e3 4700 76 x 105 12.6 3.29 32 21 15472e3 55472e3 35472e3 75472e3 4700 76 x 146 13.7 3.29 30 19 25472e3 65472e3 45472e3 85472e3 6800 76 x 146 15.4 4.76 22 15 15682e3 55682e3 35682e3 75682e3 10 000 76 x 220 18.5 7.0 20 18 15103e3 55103e3 35103e3 75103e3 10 000 90 x 146 20.5 7.0 19 17 - - 45103e3 85103e3 15 000 90 x 220 25.6 10.5 13 12 - - 45153e3 85153e3
104 phl-st www.vishay.com vishay bccomponents revision: 03-nov-11 5 document number: 28389 for technical questions, contact: aluminumcaps 2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) low esl designs avai lable on request 400 220 35 x 60 1.8 0.18 519 290 16221e3 56221e3 - - 330 35 x 80 2.3 0.27 349 196 16331e3 56331e3 - - 470 35 x 80 2.6 0.38 254 148 16471e3 56471e3 - - 680 50 x 80 4.1 0.55 170 96 26681e3 66681e3 - - 1000 50 x 105 5.1 0.80 117 67 16102e3 56102e3 - - 1500 50 x 105 6.0 1.20 83 49 16152e3 56152e3 - - 1500 65 x 105 6.9 1.20 83 49 26152e3 66152e3 46152e3 86152e3 2200 65 x 105 8.4 1.76 56 33 16222e3 56222e3 36222e3 76222e3 2200 76 x 105 9.4 1.76 56 33 26222e3 66222e3 46222e3 86222e3 3300 76 x 105 11.3 2.64 38 23 16332e3 56332e3 36332e3 76332e3 3300 76 x 146 11.6 2.64 38 23 26332e3 66332e3 46332e3 86332e3 4700 76 x 146 13.8 3.76 27 17 16472e3 56472e3 36472e3 76472e3 6800 76 x 220 16.5 5.4 25 20 16682e3 56682e3 36682e3 76682e3 6800 90 x 146 17.7 5.4 25 20 - - 46682e3 86682e3 10 000 90 x 220 22.1 8.0 17 14 - - 46103e3 86103e3 450 150 35 x 60 1.5 0.14 735 404 17151e3 57151e3 - - 220 35 x 80 1.9 0.20 503 278 17221e3 57221e3 - - 330 35 x 105 2.4 0.30 339 189 17331e3 57331e3 - - 470 50 x 80 3.3 0.43 253 148 17471e3 57471e3 - - 680 50 x 105 4.3 0.62 165 92 17681e3 57681e3 - - 1000 50 x 105 5.1 0.90 117 67 17102e3 57102e3 - - 1000 65 x 105 5.9 0.90 116 66 27102e3 67102e3 47102e3 87102e3 1500 65 x 105 7.3 1.35 77 44 17152e3 57152e3 37152e3 77152e3 1500 76 x 105 8.1 1.35 77 44 27152e3 67152e3 47152e3 87152e3 2200 76 x 105 9.7 1.98 53 31 17222e3 57222e3 37222e3 77222e3 2200 76 x 146 10.0 1.98 53 31 27222e3 67222e3 47222e3 87222e3 3300 76 x 146 12.1 2.97 36 21 17332e3 57332e3 37332e3 77332e3 4700 76 x 220 14.1 4.2 33 25 17472e3 57472e3 37472e3 77472e3 4700 90 x 146 15.3 4.2 31 24 - - 47472e3 87472e3 6800 90 x 220 18.9 6.1 22 17 - - 47682e3 87682e3 additional electrical data parameter conditions value voltage surge voltage ? 250 v versions u s = 1.15 x u r ? 350 v versions u s = 1.1 x u r reverse voltage u rev ? 1 v current leakage current after 1 min at u r i l1 ? 0.006 c r x u r +4 a after 5 min at u r i l5 ? 0.002 c r x u r +4 a inductance equivalent series inductance (esl) case ? d = 35 mm typ. 13 nh case ? d = 50 mm typ. 16 nh case ? d = 65 mm typ. 19 nh (1) case ? d = 76 mm typ. 20 nh (1) case ? d = 90 mm typ. 21 nh (1) electrical data and ordering information u r (v) c r 100 hz (f) nominal case size ? d x l (mm) i r 100 hz 105 c (a) i l5 5min (ma) esr max. 100 hz (m ? ) z max. 20 khz (m ? ) standard high post m5 disc high current m6 disc st ordering code mal2104....... st bolt nut ordering code mal2104....... st ordering code mal2104....... st bolt nut ordering code mal2104.......
104 phl-st www.vishay.com vishay bccomponents revision: 03-nov-11 6 document number: 28389 for technical questions, contact: aluminumcaps 2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ripple current and useful life fig. 3 - multiplier of useful life as a function of ambient temperature and ripple current load table 3 multiplier of ripple current (i r ) as a function of frequency frequency (hz) i r multiplier 50 0.90 100 1.00 200 1.20 400 1.30 1000 1.40 10 000 1.50 i a = actual ripple current at 100 hz i r = actual ripple current at 100 hz and 105 c with an ab s olute maximum of 50 a at 105 c (1) u s eful life at 105 c and i r applied: 5000 h
104 phl-st www.vishay.com vishay bccomponents revision: 03-nov-11 7 document number: 28389 for technical questions, contact: aluminumcaps 2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 table 4 test procedures and requirements test procedure (quick reference) requirements name of test reference endurance iec 60384-4/ en130300 subclause 4.13 t amb = 105 c; u r applied; 2000 h ? c/c: 10 % esr ? 1.3 x spec. limit z ? 2 x spec. limit i l5 ? spec. limit useful life cecc 30301 subclause 4.13 t amb = 105 c; u r and i r applied; 5000 h ? c/c: 30 % esr ? 3 x spec. limit z ? 3 x spec. limit i l5 ? spec. limit no short or open circuit, no visible damage total failure percentage ? 3 % shelf life (storage at high temperature) iec 60384-4/ en130300 subclause 4.17 t amb = 105 c; no voltage applied; 1000 h after test: u r to be applied for 30 min, 24 h to 48 h before measurement ? c/c: 10 % esr ? 1.2 x spec. limit i l5 ? 2 x spec. limit
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of MAL210457681E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X