Part Number Hot Search : 
1N4750P 18501I GM7620 LM7M633 2N5599 LV51133T SW4N60 SW4N60
Product Description
Full Text Search
 

To Download KPS280612 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification date:04/24/2012 no.61p35003 cosmo electronics corporation photocoupler : kps2806 sheet 1 of 6 rev. 3 high isolation voltage ac input response type ssop photocoupler features 1. halogen free. 2.pb free and rohs compliant. 3.high isolation voltage(bv=3750vrms). 4.small and thin package(4pin sop,pin pitch 1.27mm). 5.ac input response 6.high current transfer ratio (ctr=2000%typ.@ if=1 ma, vce=2v ) 7.agency approvals ? ul approved no.e169586 ? cul approved no.e169586 ? vde approved no.40010469 ? fimko approved en 60065 , en 60950-1 no.fi23460 applications 1. programmable logic controllers. 2. measuring instruments. 3. hybrid ic.
product specification date:04/24/2012 no.61p35003 cosmo electronics corporation photocoupler : kps2806 sheet 2 of 6 rev. 3 1. outside dimension : unit (mm) d a t e c o d e tolerance : 0.2mm 2. schematic : top view 1.anode / cathode 2.cathode / anode 3.emitter 4.collector
product specification date:04/24/2012 no.61p35003 cosmo electronics corporation photocoupler : kps2806 sheet 3 of 6 rev. 3 absolute maximum ratings parameter s y mbol ratin g unit forward current i f 50 m a peak forward current(*1) i fp 1 a power dissipation p d 60 mw input power dissipation derating p d / collector-emitter voltage v ceo 40 v emitter-collector voltage v eco 6 v collector current i c 90 m a collector power dissipation p c 120 mw output collector power dissipation derating p c / isolation voltage 1 minute(*2) v iso 3750 vrms operating temperature t o p r -30 to +115 storage temperature t st g -55 to +150 *1 pw=100 s,duty cycle=1%. *2 ac voltage for 1minute at t =25 ,rh=60% between input and output . electro-optical characteristics ta=25 parameter symbol conditions min. typ. max. unit forward voltage v f if= 5ma C 1.1 1.4 v reverse current i r vr=5v C C 5 a input terminal capacitance c t v=0, f=1mh z C 60 C pf output collector dark current i ceo v ce =40v,if=0ma C C 400 na current transfer ratio(ic/if) ctr i f = 1ma, v ce =2v 200 2000 % ctr ratio (*1) ctr1/ctr2 i f =1ma, v ce =2v 0.3 1.0 3.0 collector-emitter saturation v ce (sat) i f = 1ma, ic=2ma C C 1.0 v isolation resistance r iso dc500v 5x10 10 10 11 C ohm floating capacitance c f v=0, f=1mh z C 0.4 pf response time (rise)(*2) tr C 200 C s transfer charac- teristics response time (fall) (*2) tf vce=5v,ic=2ma,rl=100ohm C 200 C s *1 ctr1=i c1 /i f1 ,ctr2=i c2 /i f2 *2 test circuit for switching time classification table of current transfer ratio is shown below. ctr rank ctr(%) kpps28060e 200 to g j qvmtf!joqvu qx>211!tt evuz!dzdmf>2021 w!! s!>211h pvu w!! dd m
product specification date:04/24/2012 no.61p35003 cosmo electronics corporation photocoupler : kps2806 sheet 4 of 6 rev. 3 fig.1 forwardcurrent vs. ambient temperature ambient temperature ta( ) fig.2 collector power dissipation vs. ambient temperature ambient temperature ta( ) fig.3 peak forward current vs. duty ratio duty ratio fig.4 forward current vs. forward voltage forward voltage vf (v) fig.5 current transfer ratio vs. forward current forward current if (ma) fig.6 collector current vs. collector-emitter voltage collector-emitter voltage vce(v) 125 50 40 f 55 75 025 20 10 -30 0 forward current i (ma) 30 100 125 100 75 50 150 200 100 0 50 25 0 -30 collector power dissipation pc (mw) collector current ic (ma) i =1ma 20 0 1 40 60 2 f i =2ma f 34 5 100 140 180 120 160 200 i =15ma 80 f i =5ma i =10ma f f pc (max) ta =25c 1.5 forward current i (ma) f 2 1 00.5 5 10 1.0 50c ta=75c 20 50 200 100 2.0 2.5 3.0 0c -25c 25c 500 pulse width <=100us -1 10 -2 -3 10 10 peak forward current i (ma) 50 0 100 1000 fp 10000 ta=25c 1 ce ta=25c v =2v current transfer ratio ctr (%) 0 0.1 2000 4000 0.2 0.5 1.0 2 8000 6000 10000 5.0 10
product specification date:04/24/2012 no.61p35003 cosmo electronics corporation photocoupler : kps2806 sheet 6 of 6 rev. 3 notice the information contained in this document is a general product description and is subject to change without notice. please contact cosmo in order to obtain the latest device data sheets before using any cosmo device. cosmo does not assume any responsibility for use of any circuitry described. no circuit patent licenses are implied. this publicati on is the property of cosmo. no part of this publication may be repr oduced or copied in any form or by any means, or transferred to any third party without the prior written consent of cosmo electronics corporation. the devices listed in this document are designed for general applications only in electronic equipment. no devices shall be deployed which require higher level of reliability such as: -- medical and other life support equipments. -- space application. -- telecommunication equipment (trunk lines). -- nuclear power control equipment. unless it received prior written approval from cosmo. cosmo takes no responsibility for damages arise form the improper usage of our device. pl ease contact cosmo for further information regarding the above notices.


▲Up To Search▲   

 
Price & Availability of KPS280612

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X