Part Number Hot Search : 
DL4003G BR10100 AH293AW BR10100 KTC4075 BR10100 0KM3CKF L1010
Product Description
Full Text Search
 

To Download JT015N120WAD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  20 10 0 7 a 1 / 1 1 igbt j t0 15 n120ana d / wa d order codes ? marking ? package halogen free ? packaging device weight j t0 15 n 12 0 ana d j t0 15 n 12 0 ana d to - 3pn no tube 6 g(typ) j t0 15 n 12 0 wa d j t0 15 n 12 0 wa d to - 247 no tube 6 g(typ) ? package ? main characteristics i c 15 a v ces 12 00 v vcesat @vge=15 v 2.4 v ? ? ? ? ups ? applic ations ? general purpose inverters ? induction heating(ih) ? ups ? ? ? ? npt , ?? ? ??? , vce(sat), typ = 2.4 v @ ic = 15a and tc = 25c ? rohs ? features ? l ow gate charge ? npt technology, positive temperature coefficient ? satura tion voltage: vce(sat), typ = 2.4 v @ ic = 15a and tc = 25c ? rohs product ? order message r
j t0 15 n 12 0 ana d /wa d 20 10 0 7 a 2 / 1 1 ?? absolute ratings (tc=25 ) * ?? * collector current limited by maximum junction temperature ? parameter symbol ? value unit j t0 15 n 12 0 an a d j t0 15 n 12 0 w a d ? ? collector - emmiter voltage v ces 12 00 v drain current - continuous i c t=25 t=100 3 0 3 0 a 15 15 a ? 1 collec tor current C pulse note 1 i c m 45 a ? ? gate - emmiter voltage v g e s 2 0 v ? ? 2 short circuit withstand time note2 t s c 10 s turn - off safe area - 45 a ? power dissipation p d t c =25 15 0 15 0 w ??? operating and storage temperat ure range t j t b stg b - 55 +150 ?? maximum lead temperature for soldering purposes t l 300 r
j t0 15 n 12 0 ana d /wa d 20 10 0 7 a 3 / 1 1 e lectrical c haracteristics ? parameter symbol tests conditions min typ max units ? off C characteristics ? collector - emmiter voltage bv ces i b c b = 50 0  a, v b gs b =0v 12 00 - - v ?? breakdown voltage temperature coefficient ?%9 ce s / ?7 j i b c b = 1m a, reference d to 25 - 0. 6 - v/ ?? ? zero gate voltage collector current i ces v b ce b = 12 00v,v b g e b =0v, t b c b =25 - - 0.2 m a t b c b =1 00 2 ma t b c b =1 50 - - 2.5 m a ?? gate - body leakage current, forward i g e sf v b ce b =0v, v b g e b = 2 0v - - 100 na ?? g ate - body leakage current, reverse i g e sr v ce =0v, v g e = - 2 0v - - - 100 na ?? on - characteristics ?? gate threshold voltage v g e (th) v ce = v b g e , i c = 60 0  a 4 . 5 - 6.5 v ? collector - emmiter saturation voltage v cesat vge=15v ic= 15 a tc=25 tc=125 tc=150 - - - 2.4 2 . 8 3.0 3.5 - - v forward transconductance g fs v ce = 2 0v , i c = 15 a - 1 0 - s ? 2 short collector current note 2 i c sc vge=15v vce=600v tsc 10  s tc=25 9 0 a ? dynamic characteristics input capacitance c iss v ce =25v, v g e = 0v, f=1.0mh b z b - 1700 2600 pf output capacitance c oss - 128 200 pf reverse transfer capacitance c rss - 88 140 pf r
j t0 15 n 12 0 ana d /wa d 20 10 0 7 a 4 / 1 1 e lectrical c haracteristics switching characteristics ?? turn - on delay time t d (on) v ce = 6 00v,i d = 15 a,r g = 56 ? t c =25 - 70 ns ? turn - on rise time t r - 150 ns ?? turn - off delay time t d (off) - 300 ns ?? turn - off fall time t f - 80 ns turn - on energy e on 2.3 mj turn - off energy e off 1.3 mj total switching energy e total 3.6 mj ? total g ate charge q g v ce = 96 0v , i c = 15 a v g e =1 5 v note 3 4 - 85 nc ??? anti - parallel diode characteristics and maximum ratings ? drain - source diode forward voltage v f v gs =0v, i s = 15 a - - 2.9 v ?? diode reverse recovery time t rr v g e =0 v, vr=800v i s = 10 a di f /dt= 750 a/ s (note 4) - 150 - ns ? reverse recovery charge q rr - 1. 2 - c t hermal characteristic ? parameter symbol max unit ??? thermal resistance, junction to case r th(j - c) 0. 6 /w ? thermal resistance, junction to ambient r th(j - a) 40 /w ? ? 1 ? 2 ??? 1 ? ?? 1000 3 ? 300 s, ?? 2 4 ??? notes: 1 pulse width limited by maximum junction temperature 2 allowed number of short circuits: <1000; time between short circuits: >1s. 3 pulse test pulse width 300s,duty cycle2 4 essentially independent of operating temperature r
j t0 15 n 12 0 ana d /wa d 20 10 0 7 a 5 / 1 1 electrical characteristics (curves) typical saturation voltage characteris tics typical output characteristics saturation voltage vs. case temperat ure at variant current level load current vs. frequency saturation voltage vs. vge saturation voltage vs. vge r
j t0 15 n 12 0 ana d /wa d 20 10 0 7 a 6 / 1 1 turn - on characteristics vs. gate resistance capacitance characteristics switching loss vs. gate resistance turn - off characteristics vs. gate resistance turn - off characte ristics vs. gate resistance turn - on cha racteristics vs. collector current turn - off characteristics vs. collector current r
j t0 15 n 12 0 ana d /wa d 20 10 0 7 a 7 / 1 1 switching loss vs. collector current gate charge characteristics soa characteristics turn - off soa transient thermal impedance r
j t0 15 n 12 0 ana d /wa d 20 10 0 7 a 8 / 1 1 forward characteristics reverse re covery current stored charge reverse recovery time r
j t0 15 n 12 0 ana d /wa d 20 10 0 7 a 9 / 1 1 ? package mechanical data to - 3 pn u nit mm r
j t0 15 n 12 0 ana d /wa d 20 10 0 7 a 10 / 1 1 ? package mechanical data to - 247 u nit mm r
j t0 15 n 12 0 ana d /wa d 20 10 0 7 a 11 / 1 1 ? 1. ????????? ?????? ???? 2. ????? ?? 3. ????? ?????? 4. ??? note 1. jilin sino - microelectronics co., ltd sales its product either through direct sales or sales agent , thus, for customers, when ordering , please check with our company. 2. we strongly recommend customers check carefully on the tra demark when buying our product, if there is any question, please dont be hesitate to contact us. 3. please do not exceed the absolute maximum ratings of the device when circuit designing. 4. jilin sino - microelectronics co., ltd reserves the right to mak e changes in this specification sheet and is subject to change without prior notice. ?? ?????? ???? 99 ?? 132013 ? 86 - 432 - 64678411 86 - 432 - 64665812 ? www.hwdz.com.cn ? ??? 99 ?? 132013 86 - 432 - 64675588 64675688 64678411 - 3098/3099 : 86 - 432 - 64671533 contact jilin sino - microelectronics co., ltd. add: no.99 shenzhen street, jilin city, jilin province, china. post code: 132013 tel 86 - 432 - 64678411 fax 86 - 432 - 64665812 web site www.hwdz.com.cn market department add: no.99 shenzhen street, jilin city, jilin province, china. post code: 132013 tel: 86 - 432 - 64675588 64675688 64678411 - 3098/3099 fax: 86 - 432 - 64671533 r


▲Up To Search▲   

 
Price & Availability of JT015N120WAD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X