Part Number Hot Search : 
G129G130 1SM5916B PL20W 2SC2120 F7476 S913TRW PT226 ISL55190
Product Description
Full Text Search
 

To Download IMN1011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  switching diode imn10 ? applications ? dimensions (unit : mm) ? land size figure (unit : mm) ultra high speed switching ? features 1) small mold type. (smd6) 2) high reliability. ? construction silicon epitaxial planar ? structure ? taping specifications (unit : mm) ?absolute maximum ratings (ta=25c) symbol unit v rm v v r v i fm ma i fm ma io ma i surge a pd mw tj c tstg c ?electrical characteristics (ta=25c) symbol min. typ. max. unit v f - - 1.2 v i f =100ma i r - - 0.1 a v r =70v ct - - 3.5 pf v r =6v , f=1mhz trr - - 4 ns v r =6v , if=5ma , rl=50 ? reverse current capacitance between terminals reverse recovery time (*1) not exceed 200mw per element. parameter conditions forward voltage junction temperature 150 storage temperature ? 55 to ? 150 surge current (t=1us) 4 power dissipation (total)(*1) 300 forward current (double) 450 average rectified forward current (single) 100 reverse voltage (dc) 80 forward current (single) 300 parameter limits reverse voltage (repetitive peak) 80 smd6 0.8min. 19 2.4 1.0min. 0.45 0.35 0.95 0.95 0.45 0.35 0.6 3.20.1 4.00.1 4.00.1 2.00.05 1.550.1 0 3.50.05 1.750.1 8.00.2 1.05min 3.20.1 1.350.1 3.20.1 0.30.1 5.50.2 00.5 rohm : smd6 jeita : sc-74 jedec :s0t-457 week code 1pin mark 2.90.2 2.80.2 1.90.2 1.6 0.2 0.1 0.95 0.95 `??? 00.1 (3) (5) (1) (4) (2) (6) 0.30.6 0.150.1 0.06 1.10.2 0.1 0.80.1 0.30.1 0.05 each lead has same dimension 1/2 2011.06 - rev.c data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
imn10 0 1 2 3 4 5 6 7 8 9 10 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 ave:1.040pf forward voltagevf(mv) vf-if characteristics forward current:if(ma) reverse current:ir(na) reverse voltagevr(v) vr-ir characteristics capacitance between terminals:ct(pf) reverse voltage:vr(v) vr-ct characteristics vf dispersion map forward voltage:vf(mv) reverse current:ir(na) ir dispersion map capacitance between terminals:ct(pf) ct dispersion map ifsm disresion map peak surge forward current:ifsm(a) peak surge forward current:ifsm(a) number of cycles ifsm-cycle characteristics peak surge forward current:ifsm(a) time:t(ms) ifsm-t characteristics time:t(s) rth-t characteristics transient thaermal impedance:rth (/w) trr dispersion map reverse recovery time:trr(ns) electrostatic discharge test esd(kv) esd dispersion map 0.1 1 10 100 0 100 200 300 400 500 600 700 800 900 1000 ta=-25 ta=125 ta=75 ta=25 ta=150 0.01 0.1 1 10 100 1000 10000 0 1020304050607080 ta=125 ta=-25 ta=25 ta=75 ta=150 900 910 920 930 940 950 0 10 20 30 40 50 60 70 80 90 100 0 5 10 15 20 ave:3.50a 8.3ms ifsm 1cyc ave:1.93ns ta=25 vr=6v if=5ma rl=50 n=10pcs 0 1 2 3 4 5 110100 1 10 100 0.1 1 10 100 1 10 100 1000 0.001 0.01 0.1 1 10 100 1000 rth(j-c) rth(j-a) 0 1 2 3 4 5 6 7 8 9 10 c=100pf r=1.5k c=200pf r=0 ave:0.97kv ave:2.54kv ave:921.7m ta=25 if=100ma n=30pcs ta=25 vr=80v n=10pcs ave:9.655na ta=25 vr=6v f=1mhz n=10pcs 8.3ms ifsm 1cyc 8.3ms t ifsm 1ms im=10ma if=100ma 300us time mounted on epoxy board 0.1 1 10 0 5 10 15 20 f=1mhz 2/2 2011.06 - rev.c www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of IMN1011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X