Part Number Hot Search : 
MS256 MS256 1N415 B2040 2SC29 DG180AP FQB5N30 6754M
Product Description
Full Text Search
 

To Download IE-XS-1W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ie ie ie ie ie ie ie ie -x -x -x -x -x -x -x -x s s s s s s s s - - - - - - - - 1 1 1 1 1 1 1 1 w w w w w w w w s s eries eries http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 1 of 2 order code input output efficiency (%,typ) switching frequency (khz,typ) voltage (vdc) voltage (vdc) current(ma) nominal range max min ie0505 x s-1w 5 4.75-5.25 5 100 10 69 83 ie0509 x s-1w 5 4.75-5.25 9 56 6 61 83 ie0512 x s-1w 5 4.75-5.25 12 42 5 62 83 ie0515 x s-1w 5 4.75-5.25 15 33 4 64 250 ie1205 x s-1w 12 11.4-12.6 5 100 10 72 100 ie1209 x s-1w 12 11.4-12.6 9 56 6 61 83 ie1212 x s-1w 12 11.4-12.6 12 42 5 63 83 ie1215 x s-1w 12 11.4-12.6 15 33 4 64 83 ie2405 x s-1w 24 22.8-25.2 5 100 10 72 83 ie2409 x s-1w 24 22.8-25.2 9 56 6 60 83 ie2412 x s-1w 24 22.8-25.2 12 42 5 63 83 ie2415 x s-1w 24 22.8-25.2 15 33 4 64 300 model model model model model model model model selection selection selection selection selection selection selection selection ie ie ie ie ie ie ie ie 05 05 05 05 05 05 05 05 05 05 05 05 05 05 05 05 x x x x x x x x s s s s s s s s - - - - - - - - 1 1 1 1 1 1 1 1 w w w w w w w w product series input voltage output voltage fixed input s ip package rated power fixed input,isolated & regulated dual output dc/dc converter features features features features features features features features rohs compliant efficiency up to 8 6 % sip package wide temperature performance at full 1 watt load,-40 c to 85 c ul 94v-0 package material no heatsink required low ripple and good emc features industry standard pinout power sharing on output 3 kvdc isolation continuous short circuit protection internal smd construction no external components required good dynamic feature selection selection selection selection selection selection selection selection guide guide guide guide guide guide guide guide microdc reserves the copyright applications applications applications applications applications applications applications applications the ie_ x s-1w series are specially designed for applications where a group of polar power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. these products apply to: 1) where the voltage of the input power supply is fixed (voltage variation ? 5%); 2) where isolation is necessary between input and output (isolation voltage 3000vdc); 3) where the regulation of the output voltage and the output ripple noise are demanded. output output output output output output output output specifications specifications specifications specifications specifications specifications specifications specifications parameter test conditions min typ. max. units output power 0.1 1 w line regulation for vin change of 5% 0.25 % load regulation 10% to 100% full load 1 % output voltage accuracy 100% full load 3 % temperature drift 100% full load 0.03 %/ c output ripple* 20mhz bandwidth 1 0 2 0 mv p-p output noise* 20mhz bandwidth 50 100 mv p-p switching frequency full load,nominal input 100 khz * test ripple and noise by "parallel cable" method. see detailed operation instructions at testing of power converter section, application notes. isolation isolation isolation isolation isolation isolation isolation isolation specifications specifications specifications specifications specifications specifications specifications specifications parameter test conditions min. typ. max. units isolation test voltage flash tested for 1 minute and 1ma max 3 000 vdc isolation resistance test at viso=500vdc 1000 m
ie ie ie ie ie ie ie ie -x -x -x -x -x -x -x -x s s s s s s s s - - - - - - - - 1 1 1 1 1 1 1 1 w w w w w w w w s s eries eries http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 2 of 2 temperature temperature temperature temperature temperature temperature temperature temperature characteristics characteristics characteristics characteristics characteristics characteristics characteristics characteristics parameter parameter parameter parameter conditions conditions conditions conditions min. min. min. min. typ. typ. typ. typ. max. max. max. max. units units units units storage humidity range 95 % operating temperature -40 8 5 c storage temperature -55 125 c lead temperature 1.5mm from case for 10 seconds 20 30 c temp.rise at full load 30 0 c cooling free air convection case material plastic(ul94-v0) short circuit protection ie - xs-1w continuous mtbf 3500 k hours weight 5.2 g *supply voltage must be discontinued at the end of short circuit duration. filtering filtering filtering filtering to get an extreme low ripple,an "lc"filtering network may be connected to the input and output ends of the dc/dc converter.which may produce a more significant filtering effect.it should also be noted that the inductance and the frequency of the "lc"filtering network should be staggered with the dc/dc frequency to avoid mutual interference see (figure 1). in some circuits which are sensitive to noise and ripple.a filtering capacitor may be added to the dc/dc output end and input end to reduce the noise and ripple. however, the capacitance of the output filter capacitor must be proper. if the capacitance is too big, a startup problem might arise. for every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (table 1). external external external external capacitor capacitor capacitor capacitor table table table table (table (table (table (table 1) 1) 1) 1) vin vin cin cin vout vout cout cout (vdc) ( f) (vdc) ( f) 5 4.7 5 4.7 12 2.2 9 2.2 24 1 .0 12 1 - - 15 0.47 it's not recommend to connect any external capacitor in the application field with less than 0.5 watt output. overload overload overload overload protection protection protection protection under normal operating conditions, the output circuit of these products has no protection against over-current and short-circuits.the simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit. when when when when the the the the environment environment environment environment temperature temperature temperature temperature is is is is higher higher higher higher than than than than 71 71 71 71 c, c, c, c, the the the the product product product product output output output output power power power power should should should should be be be be less less less less then then then then 60% 60% 60% 60% of of of of the the the the rated rated rated rated power. power. power. power. no no no no parallel parallel parallel parallel connection connection connection connection or or or or plug plug plug plug and and and and play. play. play. play. use use use use dual dual dual dual output output output output simultaneously, simultaneously, simultaneously, simultaneously, forbid forbid forbid forbid opening opening opening opening output output output output pin pin pin pin (0v) (0v) (0v) (0v) to to to to use use use use as as as as single single single single output. output. output. output. typical typical typical typical typical typical typical typical characteristics characteristics characteristics characteristics characteristics characteristics characteristics characteristics temperature temperature temperature temperature derating derating derating derating graph graph graph graph outline outline outline outline outline outline outline outline dimensions dimensions dimensions dimensions dimensions dimensions dimensions dimensions & & & & & & & & pin pin pin pin pin pin pin pin connections connections connections connections connections connections connections connections size size size size graph graph graph graph note: unit:mm(inch) pin section:0.50*0.3mm(0.020*0.012inch) pin section tolerances: 0.10mm( 0.004inch) general tolerances: 0.25mm( 0.010inch) r ecommended footprint top view,grid:2.54mm(0.1inch) diameter:1.00mm(0.039inch) all specifications typical at ta=25 c, nominal input voltage and rated output current unless otherwise specified.another 24v products, please inquire our technical department! requirement requirement requirement requirement on on on on output output output output load load load load to ensure this module can operate efficiently and reliably, a minimum load is specified for this kind of dc/dc converter in addition to a maximum load(namely full load).during operation, make sure the specified range of input voltage is not exceeded,the minimum output load is not less than 10% of the full load, and that this product should never be operated under no load! microdc professional power module,inc. tel:0086-20-86000646 e-mail:tech@microdc.cn website:http://www.microdc.cn rohs rohs rohs rohs compliant compliant compliant compliant information information information information this series is compatible with rohs soldering systems with a peak wave solder temperature of 300 c for 10 seconds. the pin termination finish on the sip package type is tin plate, hot dipped over matte tin with nickel preplate. the dip types are matte tin over nickel preplate. both types in this series are backward compatible with sn/pb soldering systems. reach reach reach reach compliant compliant compliant compliant information information information information this series has proven that this product does not contain harmful chemicals, it also has harmful chemical substances through the registration, inspection and approval. footprint footprint footprint footprint footprint footprint footprint footprint details details details details details details details details pin pin pin pin function function function function 1 vin 2 gnd 7 +v0 9 -v0 10 0v


▲Up To Search▲   

 
Price & Availability of IE-XS-1W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X