Part Number Hot Search : 
SM840051 102M16 LT018512 MK23H2 T1501 FZ1200 QP20W HVC202A
Product Description
Full Text Search
 

To Download HSB100-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  semihow rev.a0,dec 2007 HSB100-6 HSB100-6
semihow rev.a0,dec 2007 HSB100-6 sensitive gate silicon controlled rectifiers HSB100-6 absolute maximum ratings tc=25 unless otherwise specified to-92 g k a features ? repetitive peak off-state voltage : 400v ? r.m.s on-state current(it(rms)=0.8a) ? low on-state voltage (1.2v(typ.)@ itm) general description pnpn devices designed for high volume, line-powered consumer applications such as relay and lamp drivers, small motor controls, gate drivers for larger thyristors , and sensing and detection circuits. supplied in an inexpensive plastic to-92 package which is readily adaptable for use in automat ic insertion equipment. symbol parameter value units v drm repetitive peak off- state voltage 400 v i t(rms) r.m.s on-state current (all conduction angles) 0.8 a i t(av) average on-state current (half sine wave : t c =74 ) 0.5 a i tsm surge on-state current (1/2 cycle, 60hz, peak, non repetitive) 10 a i 2 t circuit fusing considerations (t=8.3ms) 0.415 a 2 s p gm forward peak gate power dissipation (ta=25 )0 . 1 w p g(av) forward average gate power dissipation (ta=25 , t=8.3ms) 0.01 w v rgm reverse peak gate voltage 5 v i fgm forward peak gate current 1 a t stg storage temperature range -40 ~ 125 t j operating junction temperature -40 ~ 125 v drm = 400v i t(rms) = 0.8a
semihow rev.a0,dec 2007 HSB100-6 symbol parameter test conditions min typ max units i gt gate trigger current (1) v ak =7v, r l =100 ? 200 ? v gt gate trigger voltage (1) v ak =7v, r l =100 ? , ta=25 v ak =7v, r l =100 ? , ta=-40 0.8 1.2 v v v gd non trigger gate voltage v ak =12v, r l =100 ? , t c =125 0.2 v i h holding current v ak =12v, gate open, initiating current=50ma, ta=25 ta=-40 25 10 ? ? i drm repetitive peak off-state current v ak =v drm or v rrm , t c =25 v ak =v drm or v rrm , t c =125 10 200 ? ? v tm peak on-state voltage (2) i tm =1a, peak 1.2 1.7 v symbol parameter test conditions min typ max units r th(j-c) thermal resistance junction to case 1.3 v~ r th(j-a) thermal resistance junction to ambient 60 v~ electrical characteristics (ta=25 ) (1) r gk current is not included in measurement (2) forward current applied for 1ms maximum duration, duty cycle 1% thermal characteristics fig 1. HSB100-6 current derating (reference : case temperature) fig 2. HSB100-6 current derating (reference : ambient temperature) performance curves HSB100-6
semihow rev.a0,dec 2007 HSB100-6 4.58 0.25 3.71 0.2 3 4 0.46 0.1 1.27typ 1.27typ 1.02 0.1 3.71 0.25 3.6 0.25 4.58 0.25 14.47 0.5 package dimension to-92 dimensions in millimeters
semihow rev.a0,dec 2007 HSB100-6 h0 h h1 p p2 f1 f2 p1 d 0 w1 w0 w2 w item symbol dimension [mm] reference tolerance component pitch p 12.7 0.5 side lead to center of feed hole p1 3.85 0.5 center lead to center of feed hole p2 6.35 0.5 lead pitch fi,f2 2.5 +0.2/-0.1 carrier tape width w 18.0 +1.0/-0.5 adhesive tape width w0 6.0 0.5 tape feed hole location w1 9.0 0.5 adhesive tape position w2 1.0 max center of feed hole to bottom of component h 19.5 1 center of feed hole to lead form h0 16.0 0.5 component height h1 27.0 max tape feed hole diameter d0 4.0 0.2 package dimension to-92 taping


▲Up To Search▲   

 
Price & Availability of HSB100-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X