Part Number Hot Search : 
AD975 EG21SR 71918 MBR104 2UC8AJ 463682E3 STD19NE 43650
Product Description
Full Text Search
 

To Download FXT449 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  npn silicon planar medium power transistor issue 1 ? sept 93 features * 30 volt v ceo * 1 amp continuous current *p tot = 1 watt refer to ztx449 for graphs absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo 50 v collector-emitter voltage v ceo 30 v emitter-base voltage v ebo 5v peak pulse current i cm 2a continuous collector current i c 1a power dissipation at t amb =25c p tot 1w operating and storage temperature range t j :t stg -55 to +200 c electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. typ. max. unit conditions. collector-base breakdown voltage v (br)cbo 50 v i c =100 m a, i e =0 collector-emitter breakdown voltage v (br)ceo 30 v i c =10ma, i b =0* emitter-base breakdown voltage v (br)ebo 5v i e =100 m a, i c =0 collector cut-off current i cbo 0.1 10 m a m a v cb =40v v cb =40v, t amb =100c emitter cut-off current i ebo 0.1 m a v eb =4v, i c =0 collector-emitter saturation voltage v ce(sat) 0.5 1 v v i c =1a, i b =100ma* i c =2a, i b =200ma* base-emitter saturation voltage v be(sat) 1.25 v i c =1a, i b =100ma* base-emitter turn-on voltage v be(on) 1vic=1a,v ce =2v* static forward current transfer ratio h fe 70 100 80 40 300 i c =50ma, v ce =2v* i c =500ma, v ce =2v* i c =1a, v ce =2v* i c =2a, v ce =2v* transition frequency f t 150 mhz i c =50ma, v ce =10v f=100mhz output capacitance c obo 15 pf v cb =10v, f=1mhz *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% e-line to92 compatible FXT449 3-30 b c e


▲Up To Search▲   

 
Price & Availability of FXT449

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X