Part Number Hot Search : 
CD4025AF 328RPDP D4093 MAJ160A F2001 FM101 2SD19 MCR10
Product Description
Full Text Search
 

To Download EKI-6340 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.advantech.com/products online download features EKI-6340 series specifcations standard support ? wireless ieee 802.11a/b/g/n compliant ? ethernet ieee 802.11i, ieee 802.3/802.3u/802.3ab, ieee 802.3at poe, 802.1d, 802.1w, 802.1q, 802.1p ? data rates ieee 802.11b: 1, 2, 5.5, 11 mbps ieee 802.11a, g: 6, 9, 12, 18, 24, 36, 48, 54 mbps ieee 802.11n: @ 800ns (400ns) gi 20 mhz bw 1 nss: 65 (72.2) mbps maximal 2 nss: 130 (144.4) mbps maximal 40 mhz bw 1 nss: 135 (150) mbps maximal 2 nss: 270 (300) mbps maximal physical specifcations ? power dual redundant 12 ~ 48 v dc ieee 802.3at poe ? power consumption normal operation: EKI-6340-1 max. 17 w EKI-6340-2 max. 21w EKI-6340-3 max. 25 w cold start: EKI-6340-1 max. 13w EKI-6340-2/3 max. 25 w ? dimensions (w x h x d) 225 x 242 x 65 (8.86" x 9.53" x 2.56") ? weight 2.25 kg ? enclosure metal, ip67 protection ? mounting pole, wall, vesa environment ? operating temperature -35 ~ 75c (-31 ~ 167f) ? storage temperature -40 ~ 85c (-40 ~ 185f) ? ambient relative 5% ~ 100% (non-condensing) humidity interface ? antenna n-type female connector EKI-6340-1: 2 connectors EKI-6340-2: 4 connectors EKI-6340-3: 6 connectors ? power m12 d-code connector ? lan m25 cable gland system operation mode ? bridge/ router/ mesh other features ? dhcp client/server, statistic routing table, rip v1&v2, wmm, multi-ssid (up to 16x essid for each radio), traffc limitation, ieee 802.11h dfs, syslog, l2 management utility, http (s), telnet, ssh, cli, snmp, installation utilities. modulation techniques ? ieee 802.11a/n ofdm (bpsk, qpsk, 16-qam, 64-qam) ? ieee 802.11b dsss (dbpsk, dqpsk, cck) ? ieee 802.11g/n ofdm (bpsk, qpsk, 16-qam, 64-qam) frequency range ? usa 2.400 ~ 2.483 ghz, 5.725 ~ 5.825 ghz ? europe 2.400 ~ 2.483 ghz, 5.15 ~ 5.35 ghz, 5.47 ~ 5.725 ghz ? china 2.400 ~ 2.483 ghz, 5.725 ~5.85 ghz note: radio is capable to be operated within fcc dfs2 band or etsi/ec dfs band, or other countries which is regulating or is planning to regulate mid -5 ghz band. the usage of mid -5 ghz band is subject to the regulatory approval status. introduction EKI-6340 series are perfect wireless mesh ap for your outdoor deployment. with self-healing & self-forming capabilities, the wireless network is free from interruption even part of mesh nodes failed. its especially critical to infrastructures where wired solutions are hard to deploy. the ultra-fast roaming seamlessly enables the applications of high-speed mobility. the low latency and high throughput multiple hopping features greatly enables the extension of network coverage. this high throughput mesh network perfectly covers growing rich data demands such as video security, surveillance and entertainment. comprehensive security features prevent system from intrusion. ip67 sturdy waterproof enclosure with wide- temperature design enables excellent performances under all harsh outdoor environments. ? highly secured self-healing & self-forming mesh capability ? ultra-fast roaming (hand-over switch time 20 ms) ? high throughput multiple hopping ( 100 mbps @10 hops) ? ease of use installation utilities: antenna alignment, distance calculation and site survey tools ? compliant with ieee 802.11 a/b/g/n ? up to 3 radios for mesh back haul and access point ? mimo 2 x 2, up to 300 mbps data rate ? dual 12 ~ 48 v redundant dc input power ? 802.3 at poe input ? gigabit ethernet support ? wep, wpa, wpa2-psk/eap (ieee 802.1x/radius, tkip and aes) ? ip67 enclosure, wide operating temperature range ? en50155 compliant ieee 802.11 a/b/g/n outdoor wi-fi mesh ap new rohs compliant 2002/95/ec EKI-6340-1 EKI-6340-2 EKI-6340-3
industrial ethernet solutions transmit power settings (typical composite power) tolerance: +2/-2 db 802.11a 802.11b 802.11g 802.11n 2.4ghz/ ht20 802.11n 2.4ghz/ ht40 802.11n 5ghz/ht20 802.11n 5ghz/ht40 +19 dbm @ 6, 9, 12, 18, 24 mbps +19 dbm +22 dbm @ 6, 9, 12, 18, 24 mbps +20 dbm @ mcs 0/8 +20 dbm @ mcs 0/8 +18 dbm @ mcs 0/8 +17 dbm @ mcs 0/8 +18 dbm @ 36 mbps - +21 dbm @ 36 mbps +20 dbm @ mcs 1/9 +20 dbm @ mcs 1/9 +18 dbm @ mcs 1/9 +17 dbm @ mcs 1/9 +17 dbm @ 48 mbps - +20 dbm @ 48 mbps +20 dbm @ mcs 2/10 +20 dbm @ mcs 2/10 +18 dbm @ mcs 2/10 +17 dbm @ mcs 2/10 +15 dbm @ 54 mbps - +18 dbm @ 54 mbps +20 dbm @ mcs 3/11 +20 dbm @ mcs 3/11 +18 dbm @ mcs 3/11 +17 dbm @ mcs 3/11 - - - +20 dbm @ mcs 4/12 +19 dbm @ mcs 4/12 +18 dbm @ mcs 4/12 +17 dbm @ mcs 4/12 - - - +20 dbm @ mcs 5/13 +19 dbm @ mcs 5/13 +18 dbm @ mcs 5/13 +17 dbm @ mcs 5/13 - - - +18 dbm @ mcs 6/14 +17 dbm @ mcs 6/14 +17 dbm @ mcs 6/14 +16 dbm @ mcs 6/14 - - - +16 dbm @ mcs 7/15 +15 dbm @ mcs 7/15 +13 dbm @ mcs 7/15 +12 dbm @ mcs 7/15 receiver sensitivity data rate ieee spec (1 rx dbm) typical/maximum (2 rx dbm) data rate ieee spec (1 rx dbm) typical/maximum (2 rx dbm) 802.11a 6m -80 -93/-89 802.11a/n ht40 mcs0 -77 -89/-85 9m -79 -93/-89 mcs1 -74 -88/-84 12m -77 -92/-88 mcs2 -72 -85/-81 18m -75 -90/-86 mcs3 -69 -82/-78 24m -72 -86/-82 mcs4 -65 -80/-76 36m -68 -83/-79 mcs5 -61 -76/-72 48m -64 -79/-75 mcs6 -60 -74/-70 54m -63 -77/-73 mcs7 -59 -72/-68 802.11b 5.5m -79 -94/-90 802.11b/g/n ht20 mcs0 -81 -94/-90 11m -75 -90/-86 mcs1 -78 -93/-89 802.11g 6m -81 -94/-90 mcs2 -76 -91/-87 9m -80 -94/-90 mcs3 -73 -87/-83 12m -78 -93/-89 mcs4 -69 -84/-80 18m -76 -92/-88 mcs5 -65 -79/-75 24m -73 -89/-85 mcs6 -64 -78/-74 36m -69 -85/-81 mcs7 -63 -76/-72 54m -64 -79/-75 802.11b/g/n ht40 mcs0 -78 -89/-85 802.11a/n ht20 mcs0 -80 -93/-89 mcs1 -75 -89/-85 mcs1 -77 -91/-87 mcs2 -73 -88/-84 mcs2 -75 -88/-84 mcs3 -70 -84/-80 mcs3 -72 -85/-81 mcs4 -66 -81/-77 mcs4 -68 -82/-78 mcs5 -62 -77/-73 mcs5 -64 -78/-74 mcs6 -61 -76/-72 mcs6 -63 -77/-73 mcs7 -60 -73/-70 mcs7 -62 -75/-71 EKI-6340 series certifcates ? emc us fcc part 15 class b & c & e, europe etsi 301 489-1&17 ? radio etsi 300 328, etsi 301 893, fcc 15.247 ? rail traffc en50155, en50121-1/-4 ? safety en 60950 ordering information ? EKI-6340-1a 802.11 a/b/g/n outdoor single radio mesh ap ? EKI-6340-2a 802.11 a/b/g/n outdoor dual radio mesh ap ? EKI-6340-3a 802.11 a/b/g/n outdoor triple radio mesh ap ? EKI-6340-1u 802.11 a/b/g/n outdoor single radio mesh ap (eu) ? EKI-6340-2u 802.11 a/b/g/n outdoor dual radio mesh ap (eu) ? EKI-6340-3u 802.11 a/b/g/n outdoor triple radio mesh ap (eu)


▲Up To Search▲   

 
Price & Availability of EKI-6340

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X