Part Number Hot Search : 
CXD8871Q 16F40 MIMH51 2SC3103 11151 BAV170W MC10E016 SI570
Product Description
Full Text Search
 

To Download DTD143E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p18?1/2 ? features 1) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). 2) the bias resistors consist of thinfilm resistors with complete isola tion to allow positive biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. 3) only the on/ off conditions need to be set for operation, making device design easy.  structure pnp digital transistor (with built-in resistors) equivalent circuit DTD143Ek DTD143Es ? absolute maximum ratings(t a =25 c) parameter symbol ks unit supply voltage v cc 50 v input voltage v in ?10~+30 v output current i c 500 ma power dissipation p d 200 300 mw junction temperature t j 150 c storage temperature t stg ?55~+150 c digital transistors (built-in resistors) 2.9 + 0.2 1.9 + 0.2 0.95 + 0.95 (1) (2) (3) + 0.2 1.6 - 0.1 2.8 + 0.2 + 0.1 0.4 - 0.05 + 0.1 0.15 - 0.06 0.8 + 0.1 0 ~ 0.1 0.3 ~ 0.6 (1) gnd (2) in (3) out all terminals have same dimensions 2.9 + 0.2 1.9 + 0.2 0.95 + 0.95 (1) (2) (3) + 0.2 1.3 - 0.1 2.4 + 0.2 + 0.1 0.4 - 0.05 + 0.1 0.15 - 0.06 + 0.2 0.95 - 0.1 0.45 + 0.1 0 ~ 0.1 (1) gnd (2) in (3) out all terminals have same dimensions out gnd out r1 r2 gnd in in DTD143Ek DTD143Es 0.2min eiaj: sc? 59 eiaj: sot? 23 limits( dtc143e )
p18?2/2 DTD143Ek DTD143Es  elecrical characteristics(t a =25c) parameter symbol min. typ. max. unit conditions input voltage v i(off) ? ? 0.5 v v cc = 5v, i o =100 a v i(on) 3? ? v o = 0.3v, i o =20ma output voltage v o(on) ? 0.1 0.3 v i o / i i =50ma/2.5ma input current i i ? ? 1.8 ma v i =5v output current i o(off) ? ? 0.5 av cc = 50v, v i = 0 v dc current gain g i 47 ? ? ? v o = 5v, i o = 50ma input resistance r 1 3.29 4.7 6.11 k ? ? resistance ratio r 2 / r 1 0.8 1 1.2 ? ? transition frequency f t ? 200 ? mhz v ce =10v, i e = ?50 ma, f=100mhz* *transition frequency of the device electrical characteristic curves input voltage: v i(on) ( v ) 100 50 20 10 5 2 1 0.5 0.2 0.1 100 200 500 1m 2m 5m 10m 20m 50m 100m output current: i o (a) figure 1. input voltage vs.output current (on characteristics) t a = ?40c 25c 100c v o = 0.3v output current: i o ( a ) 10m 5m 2m 1m 500 200 100 50 20 10 5 2 1 0 0.5 1.0 1.5 2.0 2.5 3.0 input voltage: v i(on) (v) figure 2. output current vs.input voltage (off characteristics) t a = 100c 25c ?40c v cc = 5 v dc current gain: g i 1k 500 200 100 50 20 10 5 2 1 500 1m 2m 5m 10m 20m 50m 100m 200m 500m output current: i o (a) figure 3. dc current gain vs.output current v o = 5 v t a = 100c 25c ?40c output voltage: v o(on) ( v ) 1.0 0.5 0.2 0.1 0.05 0.02 0.01 .005 .002 .001 output current: i o (a) figure 4. output voltage vs.output current i o / i i = 20 t a = 100c 25c ?40c 500 1m 2m 5m 10m 20m 50m 100m 200m 500m


▲Up To Search▲   

 
Price & Availability of DTD143E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X