Part Number Hot Search : 
PC10HT DTD143 12X5R1C CS5333 SS12SBH2 XLC30A8 D361J03 E005972
Product Description
Full Text Search
 

To Download DTA144TG-AE3-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd dta144t pnp silicon transisitor www.unisonic.com.tw 1 of 3 copyright ? 2011 unisonic technologies co., ltd qw-r206-065.c pnp digital transistor (built-in resistor) ? features * built-in bias resistors that im plies easy on/off applications. * the bias resistors are thin-film resistors with complete isolation to allow positive input. ? equivalent circuit ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 3 dta144tl-ae3-r DTA144TG-AE3-R sot-23 e b c tape reel note: pin assignment: b: base c: collector e: emitter ? marking
dta144t pnp silicon transisitor unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r206-065.c ? absolute maximum ratings (t a =25 ) parameter symbol ratings unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -5 v collector current i c -100 ma collector power dissipation p c 200 mw junction temperature t j 150 storage temperature t stg -55~+150 note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? electrical characteristics (t a =25 c, unless otherwise specified) parameter symbol test conditions min typ max unit collector-base breakdown voltage bv cbo i c =-50 a -50 v collector-emitter breakdown voltage bv ceo i c =-1ma -50 v emitter-base breakdown voltage bv ebo i e =-50 a -5 v collector cutoff current i cbo v cb =-50v -0.5 a emitter cutoff current i ebo v eb =-4v -0.5 a collector-emitter satu ration voltage v ce ( sat ) i c =-5ma, i b = -0.5ma -0.3 v dc current transfer ratio h fe v ce =-5v, i c = -1ma 100 250 600 transition frequency (note) f t v ce =-10v, i e =5ma, f=100mhz 250 mhz input resistance r1 32.9 47 61.1 k ? note: transition frequency of the device
dta144t pnp silicon transisitor unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r206-065.c ? typical characteristics utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of DTA144TG-AE3-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X